Part Number Hot Search : 
30BR100 3B125 82562EZ MYB32TA 15KP130 AC162 NCV4276 30NC6
Product Description
Full Text Search
 

To Download RLT1550-30G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  roithner lasertechnik roithner lasertechnik a-1040 vienna, schoenbrunner strasse 7, austria tel: +43 -1- 586 52 43-0 fax: +43 -1- 586 52 43-44 e-mail: office@roithner-laser.com http://www.roithner-laser.com RLT1550-30G technical data high power infrared laserdiode structure: gainasp/inp sqw structure lasing wavelength: 1550 nm, single mode typ. optical power: 30 mw package: 9 mm (sot-148) pin connection: 1) laser diode cathode 2) laser diode anode and photodiode cathode 3) photodiode anode absolute maximum ratings (tc=25c) characteristic symbol rating unit maximum ld current i f 200 ma optical output power p o 33 mw ld reverse voltage v r(ld) 1.5 v pd reverse voltage v r(pd) 6 v operating temperature t c -20 .. +40 c storage temperature t stg -40 .. +85 c optical-electrical characteristics (tc = 25c) characteristic symbol test condition min typ max unit lasing aperture a cw 1 x 5 m2 optical output power p o cw 30 mw threshold current i th cw 30 55 ma operation current i op p o = 30 mw 160 ma forward voltage u f p o = 30 mw 2 v lasing wavelength l p p o = 30 mw 1520 1550 1580 nm beam divergence q // p o = 30 mw 25 beam divergence q ^ p o = 30 mw 40 monitor current i m p o = 30 mw > 20 100 1000 a note! laserdiode must be cooled!


▲Up To Search▲   

 
Price & Availability of RLT1550-30G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X