Part Number Hot Search : 
MPC860UM X9315ZSI 74LVC126 PLCC4 CYNB40 A28F40 ZMM22 28F640J3
Product Description
Full Text Search
 

To Download RLT1550-20MGS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 rlt 1 55 0 - 2 0 mgs ? infrared dfb laser diode ? 1 550 nm, 2 0 mw ? single transverse mode ? 5.6mm to - can with flat window maximum rating * (t case = 25c) parameter symbol values unit min. max. reverse voltage v r 2 v operating temperature * t opr - 20 + 45 c storage temperature * t stg - 4 0 + 85 c soldering temperature (max. 3 s) t sol + 26 0 c * operating close to or outside these conditions may damage the device electro - optical characteristics (t case = 2 5 c ) parameter symbol values unit min. typ. max. peak wavelength p o 2 0 mw spectral width (fwhm) 3 nm operating voltage v f 1.4 v threshold current i th 10 ma operating current i f 90 ma beam divergence (fwhm) parallel ?ii 9 deg. perpendicular ? 20 deg. pd current i m 1 ma electrical connection pin configuration bottom view d escription rlt 1 550 - 2 0m g s is a n infrared distributed feedback (dfb) laser diode, with single transverse mode emission at typically 1310 nm and low operating current . rlt 1 550 - 2 0 mg s comes in 5.6 mm to - can with flat window and integrated pd . pin # function pin 1 pd anode pin 2 ld anode pin 3 ld cathode pin 4 pd cathode 18.10 .17
www.roithner - laser.com 2 outline dimensions all dimensions in mm precautions safety caution: laser light emitted from any laser diode m ay be harmful to the human eye . avoid looking directly into the laser diode?s aperture when the diode is in operation. note: the use of optical lenses with this laser diode will increase eye hazard esd caution always do handle laser diodes with extreme care to prevent electrostatic discharge , the primary cause of unexpected diode failure . to prevent esd related failures, it is strongly advised to always wearing wrist straps , and grounding all applicable work surfaces , when handling laser diodes operating considerations it is strongly advised to only operate this laser diode with a current source. the current of a laser diode is an exponential function of the voltage across it. u sage of current regulated drive circuits is mandatory. laser diodes may be damaged by excessiv e drive currents or switching transients it is advised, to operat e the laser diode at the lowest temperature possible , and to never exceed maximum specifications as outlined in the datasheet . device degradation will accelerate with increased temperature. p roper heat sinking will greatly enhance stability and life time of the laser diode ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice .


▲Up To Search▲   

 
Price & Availability of RLT1550-20MGS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X