Part Number Hot Search : 
MAX9178 TC7MA NX6307GH STM32 LTC1747 8116S LIA101 LB11825M
Product Description
Full Text Search
 

To Download R1150H1401A-TR-FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1150h series voltage regulator (with wide in put voltage range) with reset no.ea-081-111027 1 outline the r1150h series are cmos-based voltage regulator (vr) ics equipped with a voltage detector (v det ). vr function of the r1150hxxxx has featur es of low dropout voltage, high ou tput voltage accura cy, and ultra-low supply current. each of the r1150hxxxa series includes also a chip enable circuit. the output of built-in voltage detector is nch open drain type. the r1150hxxxc/d have a pin for connecting external capacitor to set a certain reset delay time instead of chip enable control pin. the regulator output voltage and the detector threshold volt age are fixed in the ic, output voltage accuracy is 2.0%, while detector threshold accuracy is 2.5 %. the r1150hxxxa (with chip enable function) and r1150hxxxc series can supervise input voltage by the built-in detector. r1150hxxxb can supervise sense pin voltage by the built-in detector. r1150hxxxd type can supervise v out voltage, or regulator output voltage of this ic itself. since the package for these ics is the sot-89-5 package, high density mounting of the ics on boards is possible. features ? supply current ..................................................typ. 7.0 a ? input voltage .....................................................max. 24.0v ? output voltage (vr)..........................................2.1v to 14.0v (0.1v steps) ( for other voltages, please refer to mark informations.) ? detector threshold voltage (v det ) ....................2.0v to 15.0v (r1150hxxxb/c/d) 2.3v to 15.0v (r1150hxxxa) ? output voltage accuracy ...................................2.0% (vr), 2.5% (vd) ? output current ..................................................min. 150ma (v out =5.0v) ? package ............................................................sot-89-5 ? built-in fold-back protec tion circuit .................typ. 45ma (current at short mode) ? built-in thermal shutdown circuit (vr) ............thermal shutdown temperature ; typ. 150 c released temperature ; typ. 120 c ? monitoring v dd voltage ......................................r1150hxxxa/c ? monitoring sense pin ( sense) voltage ............r1150hxxxb ? monitoring v out pin voltage...............................r1150hxxxd applications ? power source and reset circuit for cameras, videos and mobile telecommunication equipment. ? power source and reset circuit for battery-operated equipment. ? power source and reset circuit for home appliances.
r1150h 2 block diagrams r1150hxxxa r1150hxxxb with ce pin, v in detect with sense pin v dd v out ce gnd vref current limit v det vref thermal shutdown 5 3 1 2 4 v dd v out sense gnd vref v det vref 5 3 1 2 4 current limit thermal shutdown r1150hxxxc r1150hxxxd with c d pin, v in detect with c d pin, v out detect v dd v out c d gnd vref v det vref 5 3 1 2 4 current limit thermal shutdown v dd v out c d gnd vref v det vref 5 3 1 2 4 current limit thermal shutdown
r1150h 3 selection guide the output voltage, detector threshold and the usage of pin no.3 (as a kind of types in the r1150h series ) for the ics can be selected at the user?s request. product name package quantity per reel pb free halogen free r1150hxxx ? -t1-fe sot-89-5 1,000 pcs yes yes xxx : specify a combination of output voltage and detector threshold. ? : designation of the usage of pin no.3 and detector function; (a) with ce pin and v in detect (b) with sense pin (c) with c d pin and v in detect (d) with c d pin and v out detect pin configuration ? sot-89-5 13 54 2 pin description pin no. symbol description 1 v out voltage regulator output pin 2 gnd ground pin ce chip enable pin (a ver.) sense sense pin for voltage detector (b ver.) 3 c d pin for capacitor for setting output delay of voltage detector (c/d ver.) 4 v det voltage detector output pin 5 v dd input pin
r1150h 4 absolute maximum ratings symbol item rating unit v in input voltage 26.0 v v ce input voltage (ce input pin, a version) ? 0.3 to v in +0.3 v v sense input voltage (sense input pin, b version) ? 0.3 to v in +0.3 v v cd input voltage (c d input pin, c/d version) ? 0.3 to v in +0.3 v v det output voltage (v det output pin) ? 0.3 to 26.0 v v out output voltage ? 0.3 to v in +0.3 v i out1 output current (vr) 250 ma i out2 output current (vd) 10 ma p d power dissipation (sot-89-5) ? 900 mw t opt operating temperature ? 40 to 85 c t stg storage temperature ? 55 to 125 c ? ) for power dissipation, please refer to package information. absolute maximum ratings electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages and may degrade the life time and safe ty for both device and system using the device in the field. the functional operation at or over these absolute maximum ratings is not assured.
r1150h 5 electrical characteristics ? r1150hxxxa topt = 25 c symbol item conditions min. typ. max. unit v in input voltage 24.0 v i ss supply current v in =v ce v out (-v det ): v in =v out +2.0v v out < (-v det ): v in =(-v det )+2.0v 7 14 a i standby standby current v dd =24v, v ce =0v refer to supply current table t tsd thermal shutdown temperature junction temperature 150 c t tsr thermal shutdown released temperature junction temperature 120 c vr topt = 25 c symbol item conditions min. typ. max. unit v out output voltage v in =v out +2.0v, i out =20ma 0.98 1.02 v i out1 output current v in =v out +2.0v refer to output current table v out / i out load regulation v in =v out +2.0v 1ma i out 40ma refer to load regulation table v out / v in line regulation v in =v out +2.0v, i out =20 ma v out +1v v in 24v 0.05 0.15 %/v v dif dropout voltage i out =20ma refer to dropout voltage table v out / t opt output voltage temperature coefficient v in =v out +2.0v, i out =20ma ? 40c t opt 85c 100 ppm/c i sc short current limit v out =0v 45 ma v ceh ce "h" input voltage 1.5 v in v v cel ce "l" input voltage 0 0.25 v vd topt = 25 c symbol item conditions min. typ. max. unit -v det detector threshold 0.975 1.025 v v hys detector threshold hysteresis -v det 0.03 -v det 0.05 -v det 0.07 v i out2 output current (driver output pin) refer to test conditions for output current table 0.17 ma v ddl minimum operating voltage *note 1 0.9 1.2 v -v det / t opt detector threshold temperature coefficient ? 40c t opt 85c 100 ppm/c t plh output delay time *note 2 0.5 1.0 ms note 1) this item means v dd voltage when output voltage is equal or less than 0.1v. (pull-up resistor=470kw, pull up voltage=5v) note 2) v det pin is pulled up to v dd via 470kw. t plh means time interval from rising edge of v dd from (-v det ) ? 2.0v to (-v det )+2.0v to the point of output voltage being 80% of pull-up voltage.
r1150h 6 ? standby current (topt=25c) supply current (a) detector threshold voltage -v det (v) typ. max. 2.3v (-v det ) 3.0v 2.5 5.0 3.1v (-v det ) 15.0v 3.0 6.0 vr part ? output current (topt=25c) output current (ma) output voltage v out (v) min. typ. 2.1v v out 2.9v 90 140 3.0v v out 4.0v 120 170 4.1v v out 14.0v 150 200 ? load regulation (topt=25c) load regulation (mv) output voltage v out (v) typ. max. 2.1v v out 3.0v 15 35 3.1v v out 5.0v 25 45 5.1v v out 10.0v 40 65 10.1v v out 14.0v 50 80 ? dropout voltage (topt=25c) dropout voltage (v) output voltage v out (v) typ. max. 2.1v v out 2.4v 0.40 0.60 2.5v v out 3.0v 0.30 0.40 3.1v v out 7.0v 0.25 0.35 7.1v v out 10.0v 0.27 0.45 10.1v v out 14.0v 0.30 0.50 vd part ? test conditions for output current detector threshold voltage -v det (v) conditions 2.3v (-v det ) 15.0v v in =2v, v ds =0.05v recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
r1150h 7 ? r1150hxxxb topt = 25 c symbol item conditions min. typ. max. unit v in input voltage 24.0 v i ss supply current v out (-v det ): v in =sense=v out +2.0v v out < (-v det ): v in =sense=(-v det )+2.0v 7 14 a t tsd thermal shutdown temperature junction temperature 150 c t tsr thermal shutdown temperature junction temperature 120 c vr topt = 25 c symbol item conditions min. typ. max. unit v out output voltage v in =v out +2.0v i out =20ma 0.98 1.02 v i out1 output current v in =v out +2.0v refer to output current table v out / i out load regulation v in =v out +2.0v 1ma i out 40ma refer to load regulation table v out / v in line regulation i out =20ma v out +1v v in 24v 0.05 0.15 %/v v dif dropout voltage i out =20ma refer to dropout voltage table v out / t opt output voltage temperature coefficient v in =v out +2.0v i out =20ma ? 40c t opt 85c 100 ppm/c i sc short current limit v out =0v 45 ma vd topt = 25 c symbol item conditions min. typ. max. unit -v det detector threshold 0.975 1.025 v v hys detector threshold hysteresis -v det 0.03 -v det 0.05 -v det 0.07 v i out2 output current (driver output pin) refer to test conditions for output current table 0.17 ma v ddl minimum operating voltage *note 1 0.9 1.2 v -v det / t opt detector threshold temperature coefficient ? 40c t opt 85c 100 ppm/c t plh output delay time *note 2 1.0 1.5 ms note 1) this item means v dd voltage when output voltage is equal or less than 0.1v. (pull-up resistor=470kw, pull up voltage=5v) note 2) v det pin is pulled up to v dd via 470kw. t plh means time interval from rising edge of v dd from (-v det ) ? 2.0v to (-v det )+2.0v to the point of output voltage being 80% of pull-up voltage.
r1150h 8 ? output current (topt=25c) output current (ma) output voltage v out (v) min. typ. 2.1v v out 2.9v 90 140 3.0v v out 4.0v 120 170 4.1v v out 14.0v 150 200 vr part ? load regulation (topt=25c) load regulation (mv) output voltage v out (v) typ. max. 2.1v v out 3.0v 15 35 3.1v v out 5.0v 25 45 5.1v v out 10.0v 40 65 10.1v v out 14.0v 50 80 ? dropout voltage (topt=25c) dropout voltage (v) output voltage v out (v) typ. max. 2.1v v out 2.4v 0.40 0.60 2.5v v out 3.0v 0.30 0.40 3.1v v out 7.0v 0.25 0.35 7.1v v out 10.0v 0.27 0.45 10.1v v out 14.0v 0.30 0.50 vd part ? test conditions for output current detector threshold voltage -v det (v) conditions 2.1v (-v det ) 15.0v v in =2v, v ds =0.05v (-v det )=2.0 v in =1.9v, v ds =0.05v recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
r1150h 9 ? r1150hxxxc topt = 25 c symbol item conditions min. typ. max. unit v in input voltage 24.0 v i ss supply current v out (-v det ):v in =v out +2.0v v out < (-v det ):v in =(-v det )+2.0v 7 14 a t tsd thermal shutdown temperature junction temperature 150 c t tsr thermal shutdown released temperature junction temperature 120 c vr topt = 25 c symbol item conditions min. typ. max. unit v out output voltage v in =v out +2.0v i out =20ma 0.98 1.02 v i out1 output current v in =v out +2.0v refer to output current table v out / i out load regulation v in =v out +2.0v 1ma i out 40ma refer to load regulation table v out / v in line regulation i out =20ma v out +1v v in 24v 0.05 0.15 %/v v dif dropout voltage i out =20ma refer to dropout voltage table v out / t opt output voltage temperature coefficient v in =v out +2.0v i out =20ma ? 40c t opt 85c 100 ppm/c i sc short current limit v out =0v 45 ma vd topt = 25 c symbol item conditions min. typ. max. unit -v det detector threshold 0.975 1.025 v v hys detector threshold hysteresis -v det 0.03 -v det 0.05 -v det 0.07 v i out2 output current (driver output pin) refer to test conditions for output current table 0.17 ma v ddl minimum operating voltage *note 1 0.9 1.2 v -v det / t opt detector threshold temperature coefficient ? 40c t opt 85c 100 ppm/c t plh output delay time c d =4.7nf, *note 2 20 30 50 ms note 1) this item means v dd voltage when output voltage is equal or less than 0.1v. (pull-up resistor=470kw, pull up voltage=5v) note 2) v det pin is pulled up to v dd via 470kw. t plh means time interval from rising edge of v dd from (-v det ) ? 2.0v to (-v det )+2.0v to the point of output voltage being 80% of pull-up voltage.
r1150h 10 ? output current (topt=25c) output current (ma) output voltage v out (v) min. typ. 2.1v v out 2.9v 90 140 3.0v v out 4.0v 120 170 4.1v v out 14.0v 150 200 ? load regulation (topt=25c) load regulation (mv) output voltage v out (v) typ. max. 2.1v v out 3.0v 15 35 3.1v v out 5.0v 25 45 5.1v v out 10.0v 40 65 10.1v v out 14.0v 50 80 ? dropout voltage (topt=25c) dropout voltage (v) output voltage v out (v) typ. max. 2.1v v out 2.4v 0.40 0.60 2.5v v out 3.0v 0.30 0.40 3.1v v out 7.0v 0.25 0.35 7.1v v out 10.0v 0.27 0.45 10.1v v out 14.0v 0.30 0.50 ? test conditions for output current detector threshold voltage -v det (v) conditions 2.1v (-v det ) 15.0v v in =2v, v ds =0.05v (-v det )=2.0 v in =1.9v, v ds =0.05v recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
r1150h 11 ? r1150hxxxd topt = 25 c symbol item conditions min. typ. max. unit v in input voltage 24.0 v i ss supply current v in =v out +2.0v 7 14 a t sd thermal shutdown temperature 150 c t sr thermal shutdown released temperature junction temperature 120 c vr topt = 25 c symbol item conditions min. typ. max. unit v out output voltage v in =v out +2.0v i out =20ma 0.98 1.02 v i out output current v in =v out +2.0v refer to output current table v out / i out load regulation v in =v out +2.0v 1ma i out 40ma refer to load regulation table v out / v in line regulation i out =20ma v out +1v v in 24v 0.05 0.15 %/v v dif dropout voltage i out =20ma refer to dropout voltage table v out / t opt output voltage temperature coefficient v in =v out +2.0v i out =20ma ? 40c t opt 85c 100 ppm/c i sc short current limit v out =0v 45 ma vd topt = 25 c symbol item conditions min. typ. max. unit -v det detector threshold 0.975 1.025 v v hys detector threshold hysteresis -v det 0.03 -v det 0.05 -v det 0.07 v i out2 output current (driver output pin) refer to test conditions for output current table 0.17 ma v ddl minimum operating voltage *note 1 0.9 1.2 v -v det / t opt detector threshold temperature coefficient ? 40c t opt 85c 100 ppm/c t plh output delay time c d =4.7nf, *note 2 20 30 50 ms release margin v out ? 0.2 ? (-v det ) ? v hys 50 mv note 1) this item means v dd voltage when output voltage is equal or less than 0.1v. (pull-up resistor=470kw, pull up voltage=5v) note 2) v det pin is pulled up to v dd via 470kw. t plh means time interval from rising edge of v dd from (-v det ) ? 2.0v to (-v det )+2.0v to the point of output voltage being 80% of pull-up voltage.
r1150h 12 ? output current (topt=25c) output current (ma) output voltage v out (v) min. typ. 2.1v v out 2.9v 90 140 3.0v v out 4.0v 120 170 4.1v v out 14.0v 150 200 ? load regulation (topt=25c) load regulation (mv) output voltage v out (v) typ. max. 2.1v v out 3.0v 15 35 3.1v v out 5.0v 25 45 5.1v v out 10.0v 40 65 10.1v v out 14.0v 50 80 ? dropout voltage (topt=25c) dropout voltage (v) output voltage v out (v) typ. max. 2.1v v out 2.4v 0.40 0.60 2.5v v out 3.0v 0.30 0.40 3.1v v out 7.0v 0.25 0.35 7.1v v out 10.0v 0.27 0.45 10.1v v out 14.0v 0.30 0.50 ? test conditions for output current detector threshold voltage -v det (v) conditions 2.1v (-v det ) 15.0v v in =2v, v ds =0.05v (-v det )=2.0 v in =1.9v, v ds =0.05v recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
r1150h 13 test circuits ? r1150hxxxa 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f, c out =1f c in v in c out i out 470k v dd 4v det 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f, c out =1f c in v in c out v dd 4v det standard test circuit supply current test circuit 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f, c out =1f v in c out i out v dd 4v det p .g. 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f, c out =1f c in v in c out i out v dd 4v det i1 i2 input transient response/ load transient response test circuit ripple rejection test circuit 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f c in v in v dd 4v det 470k 5v 5 1 2 3 ce v out gnd r1150hxxxa series c in =0.1f c in 2v v dd 4v det 0.05v minimum operating voltage test circuit vd output current test circuit
r1150h 14 ? r1150hxxxb 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f, c out =1f c in v in2 c out i out 470k v dd 4 v det v in1 5 1 2 3 gnd r1150hxxxb series c in =0.1f, c out =1f c in v in2 c out 4 v in1 sense v out v dd v det standard test circuit supply current test circuit 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f, c out =1f v in1 c out i out v dd 4v det p .g. v in2 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f, c out =1f c out i out v dd 4v det i 1 i 2 c in v in2 v in1 input transient response/ load transient response test circuit ripple rejection test circuit 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f c in v in v dd 4v det 470k 5v 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f c in 2v v dd 4v det 0.05v v det minimum operating voltage test circuit vd output current test circuit
r1150h 15 ? r1150hxxxc/d 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f, c out =1f c in c d c out i out 470k v dd 4 v det v in 5 1 2 3 gnd r1150hxxxc/d series c in =0.1f, c out =1f c in c out 4 v in cd v out v dd v det standard test circuit supply current test circuit 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f, c out =1f v in c out i out v dd 4v det p .g. c d 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f, c out =1f c out i out v dd 4v det i 1 i 2 v in c in input transient response/ load transient response test circuit ripple rejection test circuit 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f c in v in v dd 4v det 470k 5v c d 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f c in 2v v dd 4v det 0.05v c d v det minimum operating voltage test circuit vd output current test circuit
r1150h 16 typical characteristics 1) output voltage vs. temperature r1150h (vr=3.0v) r1150h (vr=5.0v) 3.06 3.03 3.00 2.97 2.94 temperature topt(c) output voltage v out (v) -50 0 50 100 5.10 5.05 5.00 4.95 4.90 -50 0 50 100 temperature topt(c) output voltage v out (v) r1150h (vr=10.0v) 10.2 10.1 10.0 9.9 9.8 -50 0 50 100 temperature topt(c) output voltage v out (v) 2) output voltage vs. input voltage r1150h (vr=3.0v) r1150h (vr=5.0v) 4.0 3.5 3.0 2.5 2.0 0 5 10 15 20 25 topt=25c i out =1ma i out =20ma i out =40ma input voltage v in (v) output voltage v out (v) 6.0 5.5 5.0 4.5 4.0 0 5 10 15 20 25 topt=25c i out =1ma i out =20ma i out =40ma input voltage v in (v) output voltage v out (v)
r1150h 17 r1150h (vr=10.0v) 11.0 10.5 10.0 9.5 9.0 0 5 10 15 20 25 topt=25c i out =1ma i out =20ma i out =40ma input voltage v in (v) output voltage v out (v) 3) output voltage vs. output current r1150h (vr=3.0v) r1150h (vr=5.0v) 3.5 2.5 1.5 3.0 2.0 1.0 0.5 0.0 0 100 200 300 topt=25c v in =4v v in =5v output current i out (ma) output voltage v out (v) 6.0 5.0 3.0 4.0 2.0 1.0 0.0 0 100 200 300 topt=25c output current i out (ma) output voltage v out (v) v in =6v v in =7v r1150h (vr=10.0v) 12 10 6 8 4 2 0 0 100 200 300 topt=25c v in =11v v in =12v output current i out (ma) output voltage v out (v)
r1150h 18 4) dropout voltage vs. output current r1150h (vr=3.0v) r1150h (vr=5.0v) 3.0 2.5 1.5 2.0 1.0 0.5 0.0 0 30 60 120 90 85c 25c -40c output current i out (ma) dropout voltage v dif (v) 3.0 2.5 1.5 2.0 1.0 0.5 0.0 0 30 60 150 120 90 85c 25c -40c output current i out (ma) dropout voltage v dif (v) r1150h (vr=10.0v) 3.0 2.5 1.5 2.0 1.0 0.5 0.0 0 30 60 150 120 90 85c 25c -40c output current i out (ma) dropout voltage v dif (v) 5) supply current vs. input voltage r1150h (vr=3.0v) r1150h (vr=5.0v) 10 6 8 4 2 0 01020 51525 topt=25c input voltage v in (v) supply current i ss (a) 10 6 8 4 2 0 01020 51525 topt=25c input voltage v in (v) supply current i ss (a)
r1150h 19 r1150h (vr=10.0v) 10 6 8 4 2 0 01020 51525 topt=25c input voltage v in (v) supply current i ss (a) 6) supply current vs. temperature r1150h (vr=3.0v, v det =2.5v) r1150h (vr=5.0v, v det =4.5v) 10 6 8 4 2 0 temperature topt(c) -50 0 50 100 supply current i ss (a) 10 6 8 4 2 0 -50 0 50 100 temperature topt(c) supply current i ss (a) r1150h (vr=10.0v, v det =11.0v) 10 6 8 4 2 0 -50 0 50 100 temperature topt(c) supply current i ss (a)
r1150h 20 7) ripple rejection vs. frequency r1150h (vr=3.0v) r1150h (vr=5.0v) 80 40 60 20 70 30 50 10 0 frequency f(khz) 0.01 1 0.1 10 100 v in =5.0v dc +0.5vp-p, i out =20ma, c out =1f topt=25c ripple rejection rr(db) 80 40 60 20 70 30 50 10 0 0.01 1 0.1 10 100 v in =7.0v dc +0.5vp-p, i out =20ma, c out =1f topt=25c frequency f(khz) ripple rejection rr(db) r1150h (vr=10.0v) 80 40 60 20 70 30 50 10 0 0.01 1 0.1 10 100 v in =12.0v dc +0.5vp-p, i out =20ma, c out =1f topt=25c frequency f(khz) ripple rejection rr(db)
r1150h 21 8) input transient response r1150h (vr=3.0v) i out =20ma, c out =1f 3.4 3.3 3.2 3.1 3.0 2.9 2.8 20 15 10 5 0 -5 -10 time t(ms) input voltage v in (v) 40 0 80 160 200 120 output voltage v out (v) output voltage input voltage r1150h (vr=5.0v) i out =20ma, c out =1f 5.4 5.3 5.2 5.1 5.0 4.9 4.8 20 15 10 5 0 -5 -10 time t(ms) input voltage v in (v) 40 0 80 160 200 120 output voltage v out (v) input voltage output voltage r1150h (vr=10.0v) i out =20ma, c out =1f 11.0 10.6 10.8 10.4 10.2 10.0 9.8 9.6 25 20 15 10 5 0 -5 -10 time t(ms) input voltage v in (v) 40 0 80 160 200 120 output voltage v out (v) input voltage output voltage
r1150h 22 9) load transient response r1150h (vr=3.0v) topt=25 c v in =5.0v, c out =1 f 4.0 3.5 3.0 2.5 30 20 10 0 time t (ms) output current i out (ma) 5 010202530 15 output voltage v out (v) output current output voltage 20ma 1ma r1150h (vr=5.0v) topt=25 c v in =7.0v, c out =1 f 5.4 5.0 4.6 30 20 10 0 time t (ms) output current i out (ma) 5 0 10 202530 15 output voltage v out (v) output current output voltage 20ma 1ma r1150h (vr=10.0v) topt=25 c v in =12.0v, c out =1 f 10.5 10.0 9.5 30 20 10 0 time t (ms) output current i out (ma) 5 010202530 15 output voltage v out (v) output current output voltage 20ma 1ma
r1150h 23 10) detector threshold vs. temperature r1150h (-v det =4.5v) r1150h (-v det =11.0v) 4.8 4.7 4.6 4.5 4.4 temperature topt(c) input voltage v in (v) -50 0 50 100 +v det -v det 11.8 11.6 11.2 11.4 11.0 10.8 -50 0 50 100 +v det -v det temperature topt(c) input voltage v in (v) 11) detector threshold vs. input voltage r1150h (-v det =4.5v) r1150h (-v det =4.5v) pull up to v in pull up to 5v 6 5 4 3 2 0 1 input voltage v in (v) output voltage v dout (v) 012345 85c 25c -40c 6 5 4 3 2 0 1 012345 85c 25c -40c input voltage v in (v) output voltage v dout (v) r1150h (-v det =11.0v) r1150h (-v det =11.0v) pull up to v in pull up to 5v 14 12 10 8 6 4 0 2 024681012 -40c 25c 85c input voltage v in (v) output voltage v dout (v) 6 5 4 3 2 1 0 024681012 85c 25c -40c input voltage v in (v) output voltage v dout (v)
r1150h 24 12) nch driver output current vs. v ds r1150h (-v det =4.5v) r1150h (-v det =11.0v) 18 16 12 8 14 10 6 4 2 0 v ds (v) output current i out (ma) 0123456 v in =4.0v 3.5v 1.5v 2.0v 2.5v 3.0v 60 50 20 40 30 10 0 v ds (v) output current i out (ma) 0246 10 81214 v in =10v 8.0v 9.0v 2.0v 3.0v 5.0v 4.0v 6.0v 7.0v 13) nch driver output current vs. input voltage r1150h (-v det =4.5v) r1150h (-v det =11.0v) 30 25 20 15 10 5 0 input voltage v in (v) output current i out (ma) 012345 85c 25c -40c 60 50 40 30 20 10 0 036912 85c 25c -40c input voltage v in (v) output current i out (ma) 14) detector output delay time vs. temperature r1150h (-v det =4.5v) 30 25 20 15 10 5 0 temperature topt(c) detector output delay time tphl(s) -50 0 50 100
r1150h 25 15) thermal shutdown temperature vs. output voltage r1150h (vr=5.0v) 8 7 5 3 1 6 4 2 0 junction temperature tjct(c) output voltage v out (v) 0 60 120 40 100 20 80 180 140 160 v in =10v, i out =1ma 16) output delay time vs. temperature r1150h (-v det =4.5v) 1.0 0.9 0.6 0.4 0.1 0.2 0.7 0.8 0.5 0.3 0.0 temperature topt(c) output delay time tplh(ms) -50 0 50 100 17) c d pin threshold voltage vs. temperature r1150h (v det =4.0v) r1150h (v det =9.0v) 1.4 1.1 1.0 1.2 1.3 0.9 temperature topt(c) c d pin threshold voltage v tcd (v) -50 0 50 100 hl lh 1.4 1.1 1.0 1.2 1.3 0.9 -50 0 50 100 hl lh temperature topt(c) c d pin threshold voltage v tcd (v)
r1150h 26 18) c d pin sink current vs. input voltage r1150h (v det =4.0v) r1150hxxxd (v det =9.0v) 100 80 60 40 20 0 02 1 345 input voltage v in (v) c d pin sink current i cd (a) 85c 25c -40c 100 80 60 40 20 0 04 26810 input voltage v in (v) c d pin sink current i cd (a) 85c 25c -40c r1150h (v det =15.0v) 100 80 60 40 20 0 input voltage v in (v) 08 4 121620 6 2 101418 c d pin sink current i cd (a) 85c 25c topt=-40 c 19) c d pin sink current vs. v ds r1150h (v det =4.0v) r1150h (v det =9.0v) 1.4 1.2 0.8 1.0 0.6 0.4 0.2 0.0 0.0 1.0 2.0 3.0 4.0 source-drain voltage v ds (v) c d pin sink current i cd (ma) v dd =1.5v v dd =2.0v v dd =2.5v v dd =3.0v v dd =3.5v 6.0 5.0 3.0 4.0 2.0 1.0 0.0 0.0 4.0 2.0 6.0 8.0 10.0 source-drain voltage v ds (v) c d pin sink current i cd (ma) v dd =3.0v v dd =4.0v v dd =5.0v v dd =7.0v v dd =6.0v v dd =8.0v
r1150h 27 r1150h (v det =15.0v) 12.0 10.0 6.0 8.0 4.0 2.0 0.0 source-drain voltage v ds (v) c d pin sink current i cd (ma) 0 4 8 12 16 2.0v 3.0v 4.0v 6.0v 7.0v 5.0v 8.0v 9.0v 10.0v 12.0v 11.0v 13.0v 14.0v v dd =14.5v 20) output delay time vs. external capacitance r1150h (v det =4.0v) 1000 100 1 10 0.1 0.01 0.001 external capacitance c d (nf) output delay time tp(ms) 0.1 1 10 100 tplh tphl 21) t plh delay vs. temperature r1150hxxxd (v det =4.0v) r1150hxxxd (v det =9.0v) 40 35 30 25 20 c d =4.7nf -50 0 50 100 temperature topt(c) tplh (ms) 40 35 30 25 20 c d =4.7nf temperature topt(c) tplh (ms) -50 0 50 100
r1150h 28 typical applications 5 1 2 3 ce v out gnd r1150hxxxa series c in v in c out i out 470k v dd 4v det r1150hxxxa r1150hxxxb r1150hxxxc technical notes phase compensation phase compensation of the r1150h series has been made internally for stable operation even though the load current would vary. therefore, without the capacitors, c in and c out , output voltage is regulated, but for more stable operation, use 0.1f or more capacitors as c in and c out . wiring should be made as short as possible. pcb layout current flows into wiring for v dd or gnd, thus, if the impedance of the wiring is rather high, it may cause of making noise or unstable operation, thus width and pattern should be enough wide to avoid such problems. connect the capacitor, c in between v dd pin and gnd pin as close as possible. about the output voltage and the detector threshold setting (in case of r1150hxxxd) when the value difference between release voltage of voltage detector and the output voltage of voltage regulator is little, the release function may not operate after detective, due to change the output voltage of voltage detector. pay attention for setting of the release voltage. 5 1 2 3 sense v out gnd r1150hxxxb series c in =0.1f, c out =1f c in v in2 c out i out 470k v dd 4 v det v in1 5 1 2 3 cd v out gnd r1150hxxxc/d series c in =0.1f, c out =1f c in c d c out i out 470k v dd 4 v det v in
r1150h 29 refer to the following formula for setting the voltage of output and detective value. (v out 0.975) ? (-v det 1.10) > 0.2 thermal shutdown thermal shutdown function is included in the r1150 hxxxa/b/c/d series, when the junction temperature is equal or more than +150c (typ.), the operation of regulator would stop. after that, when the junction temperature is equal or less than +120c (typ.), the oper ation of regulator would restart. unless the cause of rising temperature would remove, the regulator repeats on and off, and output waveform would be like consecutive pulses. chip enable circuit do not make voltage level of chip enable pin keep floating level, or in between v ih and v il . unless otherwise, output voltage would be unstable or indefinite, or unexpected current would flow internally. output delay time for release v det in the r1150hxx1c/d can set an output delay time for release voltage detector with connecting a capacitor to c d pin. when an input voltage (in the case of r1150hxx1c) or an output voltage (in the case of r1150hxx1d) surpasses the release voltage of its voltage detector (+v det ), the capacitor which is connected to c d pin is started to be charged, as a result, c d pin voltage rises. when the c d pin voltage surpasses c d pin threshold voltage, the output voltage of the voltage detector outputs ?h?. input voltage or output voltage c d pin voltage output voltage output delay time (tplh) gnd gnd c d pin threshold voltage released voltage (+v det ) output delay time for release voltage detector can be calculated with the next formula: t plh =1.25/200 10 9 c d (sec) input transient response if the input transient speed is equal or faster than 80mv/ s and the transient level difference is equal or more than 1.5v, the output response may be extremely worse than normal operation. in that case, add a capacitor between v in and gnd, and make the transient speed of v in slower than 80mv/s.
http://www.e-devices.ricoh.co.jp/en/ 4bmft4vqqpsu0$?dft 3*$0)&-&$530/*$%&7*$&4$0 -5% )jhbtij4ijobhbxb0$?df *oufsobujpobm4bmft
 )jhbtij4ijobhbxb 4ijobhbxblv 5plzp +bqbo 1ipof 'by  3*$0)&6301& /&5)&3-"/%4
#7 4fnjdpoevdups4vqqpsu$fousf 1spg8),fftpnmbbo %+"ntufmwffo 5if/fuifsmboet 1ipof  3*$0)&-&$530/*$%&7*$&4,03&"$0 -5% ' )bftvoh#meh  5fifsbosp (bohobnhv 4fpvm  ,psfb 1ipof 'by  3*$0)&-&$530/*$%&7*$&44)"/()"*$0 -5% 3ppn /p#vjmejoh /p#jcp3pbe 1v%poh/fx%jtusjdu 4ibohibj  1fpqmft3fqvcmjdpg$ijob 1ipof 'by  3*$0)&-&$530/*$%&7*$&4$0 -5% 5bjqfjp$?df 3ppn ' /p )fohzboh3e 5bjqfj$juz 5bjxbo 30$
1ipof 'by  ricoh is committed to reducing the environmental loading materials in electrical devices with a view to contributing to the protection of human health and the environment. ricoh has been providing rohs compliant products since april 1, 2006 and halogen-free products since april 1, 2012. halogen free 5ifqspevdutboeuifqspevdutqfdjpdbujpoteftdsjcfejouijtepdvnfoubsftvckfduupdibohfps ejtdpoujovbujpopgqspevdujpoxjuipvuopujdfgpssfbtpot tvdibtjnqspwfnfou5ifsfgpsf cfgpsf efdjejohupvtfuifqspevdut qmfbtfsfgfsup3jdpitbmftsfqsftfoubujwftgpsuifmbuftujogpsnbujpo uifsfpo 5ifnbufsjbmtjouijtepdvnfounbzopucfdpqjfepspuifsxjtfsfqspevdfejoxipmfpsjoqbsuxjuipvu qsjpsxsjuufodpotfoupg3jdpi 1mfbtfcftvsfupublfbozofdfttbszgpsnbmjujftvoefssfmfwboumbxtpssfhvmbujpotcfgpsffyqpsujohps puifsxjtfubljohpvupgzpvsdpvouszuifqspevdutpsuifufdiojdbmjogpsnbujpoeftdsjcfeifsfjo 5ifufdiojdbmjogpsnbujpoeftdsjcfejouijtepdvnfoutipxtuzqjdbmdibsbdufsjtujdtpgboefybnqmf bqqmjdbujpodjsdvjutgpsuifqspevdut5ifsfmfbtfpgtvdijogpsnbujpojtopuupcfdpotusvfebtb xbssbouzpgpsbhsboupgmjdfotfvoefs3jdpitpsbozuijseqbsuztjoufmmfduvbmqspqfsuzsjhiutpsboz puifssjhiut  5ifqspevdutmjtufejouijtepdvnfoubsfjoufoefeboeeftjhofegpsvtfbthfofsbmfmfduspojd dpnqpofoutjotuboebsebqqmjdbujpot p$?dffrvjqnfou ufmfdpnnvojdbujpofrvjqnfou nfbtvsjoh jotusvnfout dpotvnfsfmfduspojdqspevdut bnvtfnfoufrvjqnfoufud
5iptfdvtupnfstjoufoejohup vtf bqspevdujobobqqmjdbujposfrvjsjohfyusfnfrvbmjuzboesfmjbcjmjuz gpsfybnqmf jobijhimztqfdjpd bqqmjdbujpoxifsfuifgbjmvsfpsnjtpqfsbujpopguifqspevdudpvmesftvmujoivnbojokvszpsefbui bjsdsbgu tqbdfwfijdmf ovdmfbssfbdupsdpouspmtztufn usb$?ddpouspmtztufn bvupnpujwfboe usbotqpsubujpofrvjqnfou dpncvtujpofrvjqnfou tbgfuzefwjdft mjgftvqqpsutztufnfud
tipvmepstu dpoubduvt 8fbsfnbljohpvsdpoujovpvtf$?psuupjnqspwfuifrvbmjuzboesfmjbcjmjuzpgpvsqspevdut cvu tfnjdpoevdupsqspevdutbsfmjlfmzupgbjmxjuidfsubjoqspcbcjmjuz*opsefsupqsfwfoubozjokvszup qfstpotpsebnbhftupqspqfsuzsftvmujohgspntvdigbjmvsf dvtupnfsttipvmecfdbsfgvmfopvhiup jodpsqpsbuftbgfuznfbtvsftjouifjseftjho tvdibtsfevoebodzgfbuvsf psfdpoubjonfougfbuvsfboe gbjmtbgfgfbuvsf8fepopubttvnfbozmjbcjmjuz pssftqpotjcjmjuzgpsbozmpttpsebnbhfbsjtjohgspn njtvtfpsjobqqspqsjbufvtfpguifqspevdut "oujsbejbujpoeftjhojtopujnqmfnfoufejouifqspevduteftdsjcfejouijtepdvnfou  1mfbtfdpoubdu3jdpitbmftsfqsftfoubujwfttipvmezpvibwfbozrvftujpotpsdpnnfoutdpodfsojoh uifqspevdutpsuifufdiojdbmjogpsnbujpo


▲Up To Search▲   

 
Price & Availability of R1150H1401A-TR-FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X