Part Number Hot Search : 
CD33X UPC831 DOC4724 E001099 HA4314B C1100H RL102 SELS6
Product Description
Full Text Search
 

To Download NRVUA120VT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 october, 2016 ? rev. 9 1 publication order number: mura115t3/d mura115, mura120, nrvua120v, sura8120 surface mount ultrafast power rectifiers ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system. features ? small compact surface mountable package with j?bend leads ? rectangular package for automated handling ? high temperature glass passivated junction ? low forward voltage drop (0.71 v max @ 1.0 a, t j = 150 c) ? nrvua and sura8 prefixes for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free and are rohs compliant* mechanical characteristics: ? case: epoxy, molded ? weight: 70 mg (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? polarity: polarity band indicates cathode lead ? esd protection: ? human body model > 4000 v (class 3) ? machine model > 400 v (class c) *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. device package shipping ? ordering information ultrafast rectifiers 1 ampere, 100?200 volts www. onsemi.com mura115t3g sma (pb?free) 5,000/tape & ree l sma case 403d marking diagram u4x ayww  u4x = device code x = c for mura115 = d for mura120 a = assembly location y = year ww = work week  = pb?free package mura120t3g sma (pb?free) 5,000/tape & ree l NRVUA120VT3G sma (pb?free) 5,000/tape & ree l ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. sura8120t3g sma (pb?free) 5,000/tape & ree l
mura115, mura120, nrvua120v, sura8120 www. onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage mura115t3g mura120t3g/sura8120t3g/NRVUA120VT3G v rrm v rwm v r 150 200 v average rectified forward current @ t l = 155 c @ t l = 135 c i f(av) 1.0 2.0 a non-repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 40 a operating junction temperature range t j ?65 to +175 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. thermal characteristics characteristic symbol max unit thermal resistance, junction?to?lead (t l = 25 c) (note 1) thermal resistance, junction?to?ambient (note 1) psi jl (note 2) r  ja 24 216 c/w 1. rating applies when surface mounted on th e minimum pad size recommended, pc board fr?4. 2. in compliance with jedec 51, these values (historically represented by r  jl ) are now referenced as psi jl . electrical characteristics characteristic symbol max unit maximum instantaneous forward voltage (note 3) (i f = 1.0 a, t j = 25 c) (i f = 1.0 a, t j = 150 c) v f 0.875 0.71 v maximum instantaneous reverse current (note 3) (rated dc voltage, t j = 25 c) (rated dc voltage, t j = 150 c) i r 2.0 50  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) t rr 35 ns product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 3. pulse test: pulse width = 300  s, duty cycle 2.0%.
mura115, mura120, nrvua120v, sura8120 www. onsemi.com 3 typical characteristics 10 0.1 80 60 40 20 200 v r , reverse voltage (volts) figure 1. typical reverse current figure 2. maximum reverse current 0.001 1 100 0 i r , reverse current (  a) 10 0.01 80 60 40 20 20 0 v r , reverse voltage (volts) 1 100 0 i r , reverse current (  a) t j = 175 c t j = 100 c t j = 25 c t j = 175 c t j = 100 c t j = 25 c 100 120 120 100 140 160 180 0.01 140 180 160 t j = 150 c 0.1 t j = 150 c v f , instantaneous voltage (volts) figure 3. typical forward voltage figure 4. maximum forward voltage 0.7 0.6 0.5 0.4 0.8 0.01 10 0.3 1 0.1 1.0 0.9 i f , instantaneous forward current (a) v f , instantaneous voltage (volts) 0.7 0.6 0.3 0.8 0.01 10 1 0.1 1 0.9 i f , instantaneous forward current (a) t c = 175 c 100 c 25 c t c = 175 c 100 c 25 c 1.1 1.1 0.5 0.4 ?65 c 150 c ?65 c 150 c
mura115, mura120, nrvua120v, sura8120 www. onsemi.com 4 typical characteristics dc 20 32 24 16 0 840 v r , reverse voltage (volts) t l , lead temperature ( c) figure 5. typical capacitance figure 6. maximum capacitance figure 7. current derating, lead figure 8. current derating, ambient (fr?4 board with minimum pad) 10 50 0 110 100 90 0 5 80 1 130 120 180 i f(av) , average forward current (a) 20 0 v r , reverse voltage (volts) t a , ambient temperature ( c) 10 50 80 60 40 20 100 0 1.5 0 1 0.25 140 120 figure 9. power dissipation 0 2 1.5 1 0.5 3.5 i f(av) , average forward current (amps) 0.5 0 28 20 12 436 15 5 25 c, capacitance (pf) 32 24 16 84 0 028 20 12 436 25 5 15 c, capacitance (pf) 2 3 p f , average power dissipation (w) 1.5 160 18 0 1.25 note: typical capacitance at 0 v = 45 pf note: maximum capacitance at 0 v = 47 pf dc square wave dc square wave square wave 150 140 170 160 4 2.5 30 35 40 45 30 35 40 45 1 3 0.5 0.75 2.5 3 2 i f(av) , average forward current (a)
mura115, mura120, nrvua120v, sura8120 www. onsemi.com 5 package dimensions sma case 403d issue h style 1: pin 1. cathode (polarity band) 2. anode dim a min nom max min millimeters 1.97 2.10 2.20 0.078 inches a1 0.05 0.10 0.20 0.002 b 1.27 1.45 1.63 0.050 c 0.15 0.28 0.41 0.006 d 2.29 2.60 2.92 0.090 e 4.06 4.32 4.57 0.160 l 0.76 1.14 1.52 0.030 0.083 0.087 0.004 0.008 0.057 0.064 0.011 0.016 0.103 0.115 0.170 0.180 0.045 0.060 nom max 4.83 5.21 5.59 0.190 0.205 0.220 h e e bd l c a a1 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension b shall be measured within dimension l. polarity indicator optional as needed (see styles) 4.000 0.157 2.000 0.079 2.000 0.079  mm inches  scale 8:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mura115t3/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative ?


▲Up To Search▲   

 
Price & Availability of NRVUA120VT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X