Part Number Hot Search : 
18XXN 20PG0C EE08645 EE08645 LT161 03929 C1206 TE13A
Product Description
Full Text Search
 

To Download MUR270-2C2A-2CDO-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mu r 2 0 1 m ur 2 0 8 thru 2 . 0 a m p h i g h e f f i c i e n c y r e c t i f i e r s maximum r at ings and e l e ct r ical char act e r is t ics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current .375"(9.5mm) lead length at ta=50 c features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward voltage at 2.0a m aximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c m aximum reverse recovery time (note 1) typical junction capacitance (note 2) 2.0 1.0 1.3 1.85 60 5.0 150 50 70 30 - 65 +150 v notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any weight: 0.40 grams * mur 2 10 mur 2 20 mur 2 30 mur 2 40 mur 2 50 mur 2 60 mur 2 70 mur 2 80 units 50 100 200 300 400 600 800 1000 50 100 200 300 400 600 800 1000 35 70 140 210 280 420 560 700 v v * high speed switching v oltage range 50 to 1000 volts current 2.0 amperes dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .03 1 (. 8 ) .02 3 (. 6 ) dia. .140(3.6) .104(2.6) dia. operating and storage temperature range t , t j s tg a a v m a m a ns pf c 66
.4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 r a ting a nd characteristic cu r ves ( mur 201 thru mur 208) characteristics fig.4-maximum non-repetitive forward surge current fig.5-typical junction capacitance instantaneous forward current,(a) forward voltage,(v) p ulse width 300us 1% duty cycle 0 20 40 80 100 60 ( + ) ( + ) 25vdc ( approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. + 0.5a 0 - 0.25a - 1.0a | | | | | | | | 1cm s et time base for 50 / 10ns / cm trr d.u.t. fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.2-typical forward current average forward current,(a) 0.4 0 0.8 1.2 1.6 2.0 2.4 derating curve 1.6 1.8 mu r 2 0 6 ~ mu r 2 0 8 m u r 2 0 4 ~ mu r 2 0 5 m u r 2 0 1 ~ mu r 2 0 3 reverse voltage,(v) j unction capacitance,(pf) 175 150 125 100 75 50 25 0 .01 .05 .1 .5 1 5 10 50 100 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half s ine wave jedec method s ingle phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length 0 25 50 75 100 125 150 175 fig.1-typical forward a mbient temperature ( c) p e a k forward surge current,(a) 67


▲Up To Search▲   

 
Price & Availability of MUR270-2C2A-2CDO-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X