Part Number Hot Search : 
60AYP6C CXA1101M TFA37 3C472K SP8481JS HT9214AL IRFS4 IF29C93A
Product Description
Full Text Search
 

To Download MHI300ARUI8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com series key features: ? 3w output power ? 8.0 kv isolation ? 15 kv/ s cmti ? wide 4:1 input range ? reinforced insulation ? en 60950 approved (pend.) ? -40c to +85c operation ? industry standard pin-out s MHI300ARUI8 wide input, 3w dip ultra-high isolation dc/dc con vert ers input parameter conditions min. typ. max. units input voltage range 24 vdc input 9.0 24.0 40.0 vdc 48 vdc input 18.0 48.0 80.0 start-up threshold voltage 24 vdc input 8.0 8.5 9.0 vdc 48 vdc input 13.0 15.0 17.0 under voltage shutdown 24 vdc input 8.5 vdc 48 vdc input 16.0 short circuit input power 2,000 mw input filter (pi) filter conducted emi meets en 55022 class a & fcc level a output parameter conditions min. typ. max. units output voltage accuracy ?.0 % output voltage balance dual output, balanced loads ?.5 ?.0 % line regulation v in = min to max ?.3 ?.5 % load regulation see note 2 ?.5 ?.0 % ripple & noise (20 mhz)< see note 3 5 vdc output models 75 100 mv p - p all other models 100 150 transient recovery time, see note 4 25% load step change 150 500 ?ec transient response deviation ?.0 ?.0 % output power protection foldback 120 150 % temperature coef cient ?.02 ?.05 %/? output short circuit continuous (autorecovery) general parameter conditions min. typ. max. units isolation voltage, 60 sec rated for 60 sec 4,000 vac rms tested for 1 sec 8,000 vdc isolation resistance 500 vdc 10 g? isolation capacitance 100 khz, 1v 7 13 pf common mode transient immunity 15 kv/? switching frequency 150 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 ? case +100 storage temperature range -50 +125 ? cooling free air convection humidity rh, non-condensing 95 % physical case size see mechanical diagram (page 2) case material non-conductive black plastic (ul94-v0) weight 0.54 oz (16.2g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 1.0 mhours safety standards ul 60950, en 60950 (pending) absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (0.1 sec) 24 vdc input 50.0 vdc 48 vdc input 100.0 lead temperature 1.5 mm from case for 10 sec 260 ? caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci? cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice.
www.micropowerdirect.com micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com mechanical dimensions pin single output 1+v in 11 no pin 12 -v out 13 +v out 15 no pin 23 -v in 24 -v in pin con nec tions notes: all dimensions are typical in inches (mm) tolerance x.xx = ?.02 (?.50) pin dual output 1+v in 11 common 12 no pin 13 -v out 15 +v out 23 -v in 24 -v in model selection guide model number input output ef? ciency (%, typ) capacitive load (f, max) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load mhi324s-05arui8 24 9.0 - 40.0 162 20 5.0 600 90.0 77 1,000 1,000 mhi324s-12arui8 24 9.0 - 40.0 152 20 12.0 250 37.5 82 470 1,000 mhi324d-12arui8 24 9.0 - 40.0 151 20 ?2.0 ?25 ?8.8 83 220 1,000 mhi324d-15arui8 24 9.0 - 40.0 151 20 ?5.0 ?00 ?5.0 83 220 1,000 mhi348s-05arui8 48 18.0 - 80.0 81 10 5.0 600 90.0 77 1,000 500 mhi348s-12arui8 48 18.0 - 80.0 76 10 12.0 250 37.5 82 470 500 mhi348d-12arui8 48 18.0 - 80.0 75 10 ?2.0 ?25 ?8.8 83 220 500 mhi348d-15arui8 48 18.0 - 80.0 75 10 ?5.0 ?00 ?5.0 83 220 500 notes: 1. the speci ed maximum capacitive load is for each output. 2. load regulation is measured over a range of 25% i out to 100% i out . 3. when measuring output ripple & noise, it is recommended that an external capacitor (0.47 f typ.) be placed from the +v out to the -v out pins for single output units and from each output to common for dual output models. to further reduce output ripple, a 3.3 f is recommended. 4. transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 5. the converter should be connected to a low ac-impedance source. a source with a highly induc- tive impedance may affect the stability of the converter. in applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. in this case, it is recommended that a low esr (<1.0 at 100 khz) capacitor be mounted close to the converter. for 24v input units a 4.7 f is recommended and for 48v units a 2.2 f. 6. operation at no-load will not damage the unit, but they may not meet all speci cations. 7. it is recommended that a fuse be used on the input of a power supply for protection. see the model selection tables for the correct rating. derating curve igbt applications notes: the mhi300x-xxaru series is a good choice for applications involving high speed switching, such as driving igbts. they are designed to withstand the extra stress caused by the high voltage switching transients present in igbt drive circuits. all of the mhixxx series have isolation levels that range from 5.2 to 8 kv. many of these have reinforced insulation. the high isolation levels (and the correspond- ingly low capacitive coupling rates) allow them to be safely used in applications with highly dynamic switched ac or dc.


▲Up To Search▲   

 
Price & Availability of MHI300ARUI8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X