Part Number Hot Search : 
CSLA2EM DG419B MJD31C S125HN 2N6287 FM109B1 F060214 5945B
Product Description
Full Text Search
 

To Download MBT2222ADW1T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 september, 2013 ? rev. 5 1 publication order number: mbt2222adw1t1/d mbt2222adw1, nsvbt2222adw1 general purpose transistor npn silicon features ? moisture sensitivity level: 1 ? nsv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q101 qualified and ppap capable ? these devices are pb ? free, halogen free/bfr free and are rohs compliant maximum ratings rating symbol value unit collector ? emitter voltage v ceo 40 vdc collector ? base v oltage v cbo 75 vdc emitter ? base v oltage v ebo 6.0 vdc collector current ? continuous i c 600 madc electrostatic discharge esd hbm class 2 mm class b thermal characteristics characteristic symbol max unit total package dissipation (note 1), t a = 25 c p d 150 mw thermal resistance, junction ? to ? ambient r  ja 833 c/w junction and storage t emperature t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. device mounted on fr4 glass epoxy printed circuit board using the minimum recommended footprint. device package shipping ? ordering information marking diagram q 1 (1) (2) (3) (4) (5) (6) q 2 sc ? 88/sc70 ? 6/sot ? 363 case 419b style 1 ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d. 1 http://onsemi.com 1p m   1 6 MBT2222ADW1T1G sot ? 363 (pb ? free) 3000 / tape & reel 1p = specific device code m = date code  = pb ? free package (note: microdot may be in either location) nsvbt2222adw1t1g sot ? 363 (pb ? free) 3000 / tape & reel
mbt2222adw1, nsvbt2222adw1 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown v oltage (i c = 10 madc, i b = 0) v (br)ceo 40 ? vdc collector ? base breakdown v oltage (i c = 10  adc, i e = 0) v (br)cbo 75 ? vdc emitter ? base breakdown v oltage, (i e = 10  adc, i c = 0) v (br)ebo 6.0 ? vdc collector cutoff current (v ce = 60 vdc, v eb(off) = 3.0 vdc) i cex ? 10 nadc collector cutoff current (v cb = 60 vdc, i e = 0) (v cb = 60 vdc, i e = 0, t a = 125 c) i cbo ? ? 0.01 10  adc emitter cutoff current (v eb = 3.0 vdc, i c = 0) i ebo ? 100 nadc base cutoff current (v ce = 60 vdc, v eb(off) = 3.0 vdc) i bl ? 20 nadc on characteristics dc current gain (i c = 0.1 madc, v ce = 10 vdc) (i c = 1.0 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc, t a = ? 55 c) (i c = 150 madc, v ce = 10 vdc) (note 2) (i c = 150 madc, v ce = 1.0 vdc) (note 2) (i c = 500 madc, v ce = 10 vdc) (note 2) h fe 35 50 75 35 100 50 40 ? ? ? ? 300 ? ? ? collector ? emitter saturation voltage (note 2) (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v ce(sat) ? ? 0.3 1.0 vdc base ? emitter saturation voltage (note 2) (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v be(sat) 0.6 ? 1.2 2.0 vdc small ? signal characteristics current ? gain ? bandwidth product (note 3) (i c = 20 madc, v ce = 20 vdc, f = 100 mhz) f t 300 ? mhz output capacitance (v cb = 10 vdc, i e = 0, f = 1.0 mhz) c obo ? 8.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo ? 25 pf input impedance (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h ie 2.0 0.25 8.0 1.25 k  voltage feedback ratio (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h re ? ? 8.0 4.0 x 10 ? 4 small ? signal current gain (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h fe 50 75 300 375 ? output admittance (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h oe 5.0 25 35 200  mhos collector base time constant (i e = 20 madc, v cb = 20 vdc, f = 31.8 mhz) rb, c c ? 150 ps noise figure (i c = 100  adc, v ce = 10 vdc, r s = 1.0 k  , f = 1.0 khz) nf ? 4.0 db switching characteristics delay time (v cc = 30 vdc, v be(off) = ? 0.5 vdc, i c = 150 madc, i b1 = 15 madc) t d ? 10 ns rise time t r ? 25 storage time (v cc = 30 vdc, i c = 150 madc, i b1 = i b2 = 15 madc) t s ? 225 ns fall time t f ? 60 2. pulse test: pulse width 300  s, duty cycle 2.0%. 3. f t is defined as the frequency at which |h fe | extrapolates to unity.
mbt2222adw1, nsvbt2222adw1 http://onsemi.com 3 figure 1. turn ? on time figure 2. turn ? off time switching time equivalent test circuits scope rise time < 4 ns *total shunt capacitance of test jig, connectors, and oscilloscope. +16 v -2 v < 2 ns 0 1.0 to 100  s, duty cycle 2.0% 1 k  +30 v 200 c s * < 10 pf +16 v -14 v 0 < 20 ns 1.0 to 100  s, duty cycle 2.0% 1 k +30 v 200 c s * < 10 pf -4 v 1n914 1000 10 20 30 50 70 100 200 300 500 700 1.0 k 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 300 500 700 i c , collector current (ma) figure 3. dc current gain h fe , dc current gain v ce , collector-emitter voltage (volts) 1.0 0.8 0.6 0.4 0.2 0 0.005 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 i b , base current (ma) figure 4. collector saturation region t j = 125 c t j = 25 c 25 c -55 c i c = 1.0 ma 10 ma 150 ma 500 ma v ce = 1.0 v v ce = 10 v
mbt2222adw1, nsvbt2222adw1 http://onsemi.com 4 figure 5. turn ? on time i c , collector current (ma) 70 100 200 50 t, time (ns) 10 20 70 5.0 100 5.0 7.0 30 50 200 10 30 7.0 20 i c /i b = 10 t j = 25 c t r @ v cc = 30 v t d @ v eb(off) = 2.0 v t d @ v eb(off) = 0 3.0 2.0 300 500 500 t, time (ns) 5.0 7.0 10 20 30 50 70 100 200 300 figure 6. turn ? off time i c , collector current (ma) 10 20 70 100 5.0 7.0 30 50 200 300 500 v cc = 30 v i c /i b = 10 i b1 = i b2 t j = 25 c t s = t s - 1/8 t f t f figure 7. frequency effects f, frequency (khz) 4.0 6.0 8.0 10 2.0 0.1 figure 8. source resistance effects r s , source resistance (ohms) nf, noise figure (db) 1.0 2.0 5.0 10 20 50 0.2 0.5 0 100 nf, noise figure (db) 0.01 0.02 0.05 r s = optimum r s = source r s = resistance i c = 1.0 ma, r s = 150  500  a, r s = 200  100  a, r s = 2.0 k  50  a, r s = 4.0 k  f = 1.0 khz i c = 50  a 100  a 500  a 1.0 ma 4.0 6.0 8.0 10 2.0 0 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k 100 k figure 9. capacitances reverse voltage (volts) 3.0 5.0 7.0 10 2.0 0.1 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 0.2 0.3 0.5 0.7 c cb 20 30 c eb figure 10. current ? gain bandwidth product i c , collector current (ma) 70 100 200 300 50 500 f t , current-gain bandwidth product (mhz) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 v ce = 20 v t j = 25 c
mbt2222adw1, nsvbt2222adw1 http://onsemi.com 5 figure 11. ?on? voltages i c , collector current (ma) 0.4 0.6 0.8 1.0 0.2 v, voltage (volts) 0 t j = 25 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 v be(on) @ v ce = 10 v figure 12. temperature coefficients i c , collector current (ma) -0.5 0 +0.5 coefficient (mv/ c) -1.0 -1.5 -2.5 r  vc for v ce(sat) r  vb for v be 0.1 1.0 2.0 5.0 10 20 50 0.2 0.5 100 200 500 1.0 k 1.0 v -2.0 0.1 1.0 2.0 5.0 10 20 50 0.2 0.5 100 200 500
mbt2222adw1, nsvbt2222adw1 http://onsemi.com 6 package dimensions sc ? 88/sc70 ? 6/sot ? 363 case 419b ? 02 issue y style 1: pin 1. emitter 2 2. base 2 3. collector 1 4. emitter 1 5. base 1 6. collector 2 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimensions d and e1 do not include mold flash, protrusions, or gate burrs. mold flash, protru- sions, or gate burrs shall not exceed 0.20 per end. 4. dimensions d and e1 at the outermost extremes of the plastic body and datum h. 5. datums a and b are determined at datum h. 6. dimensions b and c apply to the flat section of the lead between 0.08 and 0.15 from the tip. 7. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 total in excess of dimension b at maximum material condi- tion. the dambar cannot be located on the lower radius of the foot. c ddd m 123 a1 a c 654 e b 6x dim min nom max millimeters a ??? ??? 1.10 a1 0.00 ??? 0.10 ddd b 0.15 0.20 0.25 c 0.08 0.15 0.22 d 1.80 2.00 2.20 ??? ??? 0.043 0.000 ??? 0.004 0.006 0.008 0.010 0.003 0.006 0.009 0.070 0.078 0.086 min nom max inches 0.10 0.004 e1 1.15 1.25 1.35 e 0.65 bsc l 0.26 0.36 0.46 2.00 2.10 2.20 0.045 0.049 0.053 0.026 bsc 0.010 0.014 0.018 0.078 0.082 0.086 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint* 0.65 0.66 6x dimensions: millimeters 0.30 pitch 2.50 6x recommended top view side view end view bbb h b seating plane detail a e a2 0.70 0.90 1.00 0.027 0.035 0.039 l2 0.15 bsc 0.006 bsc aaa 0.15 0.006 bbb 0.30 0.012 ccc 0.10 0.004 a-b d aaa c 2x 3 tips d e1 d e a 2x aaa h d 2x d l plane detail a h gage l2 c ccc c a2 6x on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. sc illc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circui t, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data she ets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for e ach customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designe d, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any o ther application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such u nintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this l iterature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mbt2222adw1t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc a sales representative


▲Up To Search▲   

 
Price & Availability of MBT2222ADW1T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X