Part Number Hot Search : 
R1080 103M3 TS372I 74LVCH FN2463 Z5250 AM29LV IRFU370
Product Description
Full Text Search
 

To Download KF5N50DS-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011. 5. 23 1/6 semiconductor technical data kf5n50ds n channel mos field effect transistor revision no : 0 general description this planar stripe mosfet has better characteristics, such as fast switching time, fast reverse recovery time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for electronic ballast and switching mode power supplies. features h v dss = 500v, i d = 4.3a h drain-source on resistance : r ds(on) =1.4 ? (max) @v gs = 10v h qg(typ) = 12nc h t rr (typ) = 150ns maximum rating (tc=25 ? ) characteristic symbol rating unit drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 4.3 a @t c =100 ? 2.7 pulsed (note1) i dp 13 single pulsed avalanche energy (note 2) e as 270 mj repetitive avalanche energy (note 1) e ar 8.6 mj peak diode recovery dv/dt (note 3) dv/dt 20 v/ns drain power dissipation tc=25 ? p d 59.5 w derate above 25 ? 0.48 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 2.1 ? /w thermal resistance, junction-to- ambient r thja 110 ? /w g d s pin connection dpak (1) dim millimeters a a b b c c d d f ff h g k g j l k l m 0.96 max 0.90 max e e m n h 0.70 min o max 0.1 n 123 6.60 0.20 + _ 6.10 0.20 + _ 5.34 0.30 + _ 0.70 0.20 + _ 2.70 0.15 + _ 2.30 0.10 + _ 1.80 0.20 + _ 0.50 0.10 + _ 2.30 0.10 + _ 0.50 0.10 + _ j o
2011. 5. 23 2/6 kf5n50ds revision no : 0 electrical characteristics (tc=25 ? ) note 1) repetivity rating : pulse width limited by junction temperature. note 2) l=19.5mh, i s =5a, v dd =50v, r g =25 ? , starting t j =25 ? . note 3) i s ? 5a, di/dt ? 100a/ k , v dd ? bv dss , starting t j =25 ? . note 4) pulse test : pulse width ? 300 k , duty cycle ? 2%. note 5) essentially independent of operating temperature. 2 product name lot no 1 001 2 kf5n50 ds 1 marking characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250 u , v gs =0v 500 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250 u , referenced to 25 ? - 0.55 - v/ ? drain cut-off current i dss v ds =500v, v gs =0v, - - 10 u gate threshold voltage v th v ds =v gs , i d =250 u 2.5 - 4.5 v gate leakage current i gss v gs = ? 25v, v ds =0v - - ? 10 u drain-source on resistance r ds(on) v gs =10v, i d =2.15a - 1.10 1.4 ? dynamic total gate charge q g v ds =400v, i d =5a v gs =10v (note4,5) - 12 - nc gate-source charge q gs - 2.4 - gate-drain charge q gd - 5.4 - turn-on delay time t d(on) v dd =250v i d =5a r g =25 ? (note4,5) - 22.5 - ns turn-on rise time t r - 29 - turn-off delay time t d(off) - 58 - turn-off fall time t f - 18 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 430 - pf output capacitance c oss - 71 - reverse transfer capacitance c rss - 7.5 - source-drain diode ratings continuous source current i s v gs 2011. 5. 23 3/6 kf5n50ds revision no : 0 normalized breakdown voltage bv dss gate - source voltage v gs (v) fig1. i d - v ds drain - source voltage v ds (v) drain current i d (a) 10 0 10 -1 10 1 68 410 2 fig2. i d - v gs fig3. bv dss - t j fig4. r ds(on) - i d -100 -50 0.8 0.9 1.2 1.1 1.0 050 100 150 drain current i d (a) drain current i d (a) on - resistance r ds(on) ( ? ) fig5. i s - v sd 0.2 0.4 0.8 1.0 1.2 0.6 1.4 1.6 1.8 reverse drain current i s (a) 3.0 1.0 0 0.5 1.5 2.5 2.0 08 412 6 210 junction temperature tj ( ) c source - drain voltage v sd (v) 10 0 10 -1 10 1 10 2 fig6. r ds(on) - t j junction temperature t j ( ) 0 50 -100 -50 100 150 normalized on resistance 0.0 0.5 3.0 2.5 1.0 1.5 2.0 c v gs =10v i ds = 2.5a v gs = 0v i ds = 250 25 c v gs =10v v gs =7v v gs =10v v gs =6v v ds =30v 25 c t c =100 c t c =100 c v gs =5v 10 1 10 1 10 0 10 0 10 -1 10 -1 10 2 10 2
2011. 5. 23 4/6 kf5n50ds revision no : 0 drain current i d (a) gate - charge q g (nc) drain - source voltage v ds (v) 0 12 10 6 2 4 8 14 16 6 2 10 8 12 4 0 fig8. q g - v gs fig9. safe operation area gate - source voltage v gs (v) 10 1 10 2 10 1 10 -1 10 0 10 0 10 -2 10 2 10 3 0 3 1 2 6 5 4 75 150 125 50 100 025 drain current i d (a) i d =5a c junction temperature t j ( ) fig10. i d - t j v ds = 100v t c = 25 t j = 150 single pulse c c fig 7. c - v ds drain - source voltage v ds (v) capacitance (pf) 0 5 15 25 35 10 20 30 40 c rss c oss c iss dc 10ms 1ms 100 s operation in this area is limited by r ds(on) v ds = 400v v ds = 250v 100ms 10 s time ( sec ) fig11. transient thermal response curve transient thermal resistance 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 0 - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm sin gle pulse duty =0.5 0.0 2 0.0 5 0. 1 0.2 0.01 10 3 10 2 10 1 10 0
2011. 5. 23 5/6 kf5n50ds revision no : 0 fig12. gate charge i d i d v ds v gs v gs v ds v gs 1.0 ma fast recovery diode 10v 10 v 25 ? r l q g q gd q gs q t p fig14. resistive load switching fig13. single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 ? l time e as = li as 2 bv dss - v dd bv dss 1 2 v dd i as bv dss v ds v gs t r t d(off) t off t d(on) t on t f 10% 90% 50v 0.8 v dss 0.5 v dss
2011. 5. 23 6/6 kf5n50ds revision no : 0 fig15. source - drain diode reverse recovery and dv /dt i f i s v ds v sd i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm 0.5 v dss


▲Up To Search▲   

 
Price & Availability of KF5N50DS-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X