Part Number Hot Search : 
RURG306 02500 ENA0957 AAT31 ZSM330G E75CA W24LO1ST SB190S
Product Description
Full Text Search
 

To Download HR8-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 7.0ah @ 10 hour rate f.v.(1.75v/cell) t erminals 20m 2.1 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) internal resistance length 151 1.5 width 65 1.5 container height 94 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 2600g(5.73lbs.) vrla rechargeable battery HR8-12 technology measures innovation values 1002.0 b.b. battery co., ltd. powered by rev. jun. 2013 a/2 application features specifications approx. weight max. discharge current 105 a (5 sec.) (fully charged ) operating tem perature range (5.94 0.06) (2.56 0.06) (3.70 0.06) (3.94 0.08) all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. t2 (faston tab 250) t1 is optional ups power packs fishing lights laboratory equipment toy-cars fishing lights booster te rm in al t 1 4 . 7 5 ( 0 . 1 9 ) 3. 2( 0. 13 ) 6. 35 (0 .2 5) 0 . 8 ( 0 . 0 3 ) te rm in al t 2 3. 4( 0. 13 ) 6 . 3 5 ( 0 . 2 5 ) 7. 95 (0 .3 1) 0 . 8 ( 0 . 0 3 ) 1 0 0 2 ( 3 . 9 4 0 . 0 8 ) 9 4 1 . 5 ( 3 . 7 0 0 . 0 6 ) 1 5 1 1 . 5 ( 5 . 9 4 0 . 0 6 ) 6 5 1 . 5 ( 2 . 5 6 0 . 0 6 ) (v/cell) f.v. discharge time 5 min 10 min 15 min 20 min unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 30 min 40 min 50 min 60 min 120 min 328.0 392.0 420.0 432.0 440.0 444.0 224.0 250.0 263.0 268.0 271.6 274.0 162.2 176.4 184.4 188.4 190.6 192.0 138.4 146.6 152.0 154.4 155.8 156.8 105.2 109.6 112.0 113.4 114.2 114.8 80.0 83.0 85.0 86.0 86.6 87.0 66.8 69.0 70.4 71.2 71.8 72.2 58.8 60.2 61.2 61.8 62.2 62.4 32.4 33.1 33.6 33.8 33.9 34.0 unit: w (v/cell) f.v. discharge time 5 min 10 min 15 min 20 min unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 30 min 40 min 50 min 60 min 120 min 29.29 35.6438.18 39.27 40.00 40.36 19.6521.93 23.07 23.51 23.82 24.04 14.0315.26 15.95 16.30 16.49 16.61 11.8712.57 13.04 13.24 13.36 13.45 8.929.29 9.49 9.61 9.68 9.73 6.736.98 7.15 7.23 7.28 7.32 5.595.77 5.89 5.96 6.01 6.04 4.905.02 5.10 5.15 5.18 5.20 2.702.76 2.80 2.82 2.83 2.83 1.80v 1.70v1.60v 1.50v 1.40v 1.30v 1.80v 1.70v1.60v 1.50v 1.40v 1.30v iec 61056-1 jis c 8702-1gb/t 19639.1 maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). the battery is designed for high rate usage. absorbent glass mat technology for efficient gas recombination.the power density at 5 min~15min discharging rate is 30% higher than bp series. standard: abs( ul 94-hb) HR8-12 HR8-12fr optional: flame retardant abs(ul 94-v0)


▲Up To Search▲   

 
Price & Availability of HR8-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X