Part Number Hot Search : 
2SA1280 QF3300 BD233 SK170 12001 MP050 MGFC44 IRF7495
Product Description
Full Text Search
 

To Download FHFM205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * glass passivated device * ideal for surface mounted applications * low leakage current * metallurgically bonded construction * pb-free package is available rohs product for packing code suffix "g" halohen free product for packing code suffix "h" mechanical data * case: molded plastic, do-214a a (sm b ) * epoxy: device has ulflammability classification 94v-o * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 0.0 93 gram ( approximated) ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% ratings symbol ph fm 2 01 phfm 2 02 phf m 2 03 phf m204 fhf m 2 05 phfm 2 06 phf m 2 07 phfm 2 08 unit marking code 2 h1 2 h2 2 h3 2 h4 2 h5 2 h6 2 h7 2 h8 maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 210 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 volts maximum average forward current at t a = 50 peak forward surge current 8.3 ms single half sine-wa ve superimposed on rated load (jedec method) r ja r jc typical junction capacitance (note 2) c j p f operating temperature range t j storage temperature range t s t g symbol unit maximum forward voltage at 2. 0a dc v f 1.30 volts maximum full load reverse current, full cycle average ta=55 maximum dc reverse current @ ta = 25 at rated dc blocking voltage @ ta = 125 maximum reverse recovery time (note 3) trr nsec notes :1.thermal resistance: mounted on pcb. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. 3.test conditions: if = 0.5a, ir = 1.0a, irr = 0.25a /w 5.0 100.0 i r 50.00 amps 1.00 50 75 thru 2 .0 -55 to +150 5 0 7 0 -55 to +150 phfm 2 08 20 maximum ratings and electrical characteristics 2 0 typical thermal resistance (note 1) phfm 2 01 30 1.70 characteristics amps amps i o i fsm s m b package * dimensions in inches and (millimeters) .191(4.85) .160(4.06) .115(3.94) .130(3.30) .086(2.20) .075(1.91) .220(5.59) .199(5.05) .096(2.44) .083(2.13) .012(0.30) .006(0.15) .060(1.52) .029(0.75) .008(2.03) .001(0.02) 1 www.paceleader.tw 2.0a surface mount high effclency rectifiers -50v - 100v ph fm 2 01 phfm 2 02 phf m 2 03 phf m204 fhf m 2 05 phfm 2 06 phf m 2 07 phfm 2 08
rating and characteristic curves ( phfm201 thru phfm208 ) fig. 1 - test circuit diagram and reverse recovery time characteristic 50 noninductive 10 noninductive d.u.t 25 vdc (approx) ( - ) ( - ) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22pf. 2. rise time = 10ns max. source impedance = 50 ohms. trr +0.5a 0 -0.25a -1.0a 1cm set time base for 10/20 ns/cm fig. 2 - typical forward current derating curve average forward curent, (a) ambient temperature ( ) 4.0 2.0 0 25 50 75 100 125 150 175 0 single phase half wave 60hz resistive or inductive load fig. 6 - typical junction capacitance junction capacitance, (pf) reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 hfm201~hfm205 hfm206~hfm208 t j = 25 fig. 3 - typical reverse characteristics instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) t j = 25 t j = 100 t j = 150 100 10 1.0 .1 .01 0410210010806 020 04 fig. 5 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 70 60 50 40 30 20 10 0 1 2 5 10 20 50 100 8.3ms single half sine-wave ( jedec method ) fig. 4 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) 10 1.0 .1 .01 .001 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 pulse width = 300us 1% duty cycle t j = 25 hfm206~hfm208 hfm201~hfm203 hfm204~hfm205 2 www.paceleader.tw thru phfm 2 08 phfm 2 01 2.0a surface mount high effclency rectifiers -50v - 100v


▲Up To Search▲   

 
Price & Availability of FHFM205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X