Part Number Hot Search : 
FW360 HA00256 2SB1477 G15BN CTZ11 PCA1608U PCA1608U R3002
Product Description
Full Text Search
 

To Download CS0603GRX7RCBB103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification C january 26, 2017 v. 3 data she e t surface - mount ceramic multilayer capacitor s soft termination npo and x7r 16 v to 3k v 0.47 pf to 2.2 u f rohs compliant & halogen free
2 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 scope this specification describes x7r series chip capacitors with flexible leadfree terminations. applications high flexure stress circuit boards switch power supplies telecom base station features ? supplied in tape on reel ? flexible termination system ? leaded - free t ermination meet rohs requirements ? improved resistance to thermal stresses ? increased mechanical performance ordering informatio n - global part number all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) cs xxxx x x x7r x b x xxx (1) (2) (3) (4) (5) ( 6 ) ( 1 ) size C inch based (metric) 0402 (1005) 0603 (1608) 0805 (2012) 1 206 (3216) 1210 (3225) 1808 (4520) 1812 (4532) ( 2 ) tolerance g = 2% (1) j = 5% (2) k = 10% m = 20% ( 3 ) packing style r = paper/pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper/pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch ( 4 ) rated voltage 7 = 16 v 8 = 25 v 9 = 50 v 0 = 100 v a = 200 v y = 250 v b = 500 v z = 630 v c = 1 kv d = 2 kv e = 3 kv ( 5 ) process n = np0 b = class 2 mlcc ( 6 ) capacitance value 2 significant digits + number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example: 103 = 10 x 10 3 = 10 , 000 pf = 10 nf note 1. tolerance 2% doesn't available for full npo product range, please contact local sales force before order. 2. tolerance 5% doesn't available for full x7r product range, please contact local sales force before order.
3 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end flexible terminations and finally covered with a layer of plated tin (nisn). the terminations are lead - free. a cross section of the structure is shown in fig.1 and fig.2. fig. 1 surface mounted multilayer ceramic capacitor co nstruction type l1 (mm) w (mm) t (mm) l2/l3(mm) min l2/l3(mm) max l4(mm) min dimension code 0402 1.0 0.15 0.5 0.15 0.50 0.15 0.10 0.35 0.30 ca 0603 1.6 0.20 0.8 0.15 0.80 0.15 0.20 0.65 0. 5 0 da 1.6 0.25 0.8 0.25 0.80 0.25 0.20 0.85 0.20 db 0805 2.0 0.3 1.25 0.2 0.60 0.15 0.25 0.75 0. 70 ea 0.85 0.15 eb 1.25 0.20 ec 1.25 0.25 1.25 0.25 0.25 0.85 0.50 ed 1206 3.2 0.4 1.6 0.2 0.60 0.15 0.25 0.85 1. 5 0 fa 0.85 0.15 fb 1.15 0.20 fc 1.25 0.20 fd 1.60 0.20 fe 1.6 0.3 1.60 0.30 0.25 1.00 1.20 ff 1210 3.2 0.5 2.5 0.3 0.85 0.20 0.25 0.85 1.40 ga 1.15 0.30 gb 1.25+/ - 0.20 gc 1.25+/ - 0.30 gd 1.60+/ - 0.30 ge 2.00+/ - 0.30 gf 2.5 0.3 0.25 1.0 1.2 gg 1808 4.5+0.6/ - 0.4 2.0+/ - 0.4 1.25+/ - 0.20 0.25 0.85 2.20 ha 1.35+/ - 0.40 hb 1.60+/ - 0.20 hc 1.60+/ - 0.40 hd 2.00+/ - 0.40 he 1812 4.5+0.6/ - 0.4 3.2+/ - 0.4 0.85+/ - 0.30 0.25 0.85 2.20 ia 1.15+/ - 0.40 ib 1.25+/ - 0.20 ic 1.25+/ - 0.40 id 1.35+/ - 0.40 ie 1.60+/ - 0.40 if dimension table 1 for outlines see fig. 3 o o u u t t l l i i n n e e s s for dimension see table 1 fig. 3 surface mounted multilayer ceramic capacitor dimension fig. 2 concept of soft termination ynm0049 copper ni plating sn plating soft electrode (stress relaxation)
4 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 2 npo / 0402 to 0805 capacitance range & thickness cap . 0 402 0 603 0 805 50v 100v 50v 100v 250v 50v 100v 250v 500v 630v 1000v 0.47 pf ca ca da da da ea ea ea ea 0.56 pf ca ca da da da ea ea ea ea 0.68 pf ca ca da da da ea ea ea ea 0.82 pf ca ca da da da ea ea ea ea 1 pf ca ca da da da ea ea ea ea 1.2 pf ca ca da da da ea ea ea ea 1.5 pf ca ca da da da ea ea ea ea 1.8 pf ca ca da da da ea ea ea ea 2.2 pf ca ca da da da ea ea ea ea 2.7 pf ca ca da da da ea ea ea ea 3.3 pf ca ca da da da ea ea ea ea 3.9 pf ca ca da da da ea ea ea ea 4.7 pf ca ca da da da ea ea ea ea 5.6 pf ca ca da da da ea ea ea ea 6.8 pf ca ca da da da ea ea ea ea 8.2 pf ca ca da da da ea ea ea ea 10 pf ca ca da da da ea ea ea ea ea eb 12 pf ca ca da da da ea ea ea ea ea eb 15 pf ca ca da da da ea ea ea ea ea eb 18 pf ca ca da da da ea ea ea ea ea eb 22 pf ca ca da da da ea ea ea ea ea eb 27 pf ca ca da da da ea ea ea ea ea eb 33 pf ca ca da da da ea ea ea ea ea eb 39 pf ca ca da da da ea ea ea ea ea eb 47 pf ca ca da da da ea ea ea ea ea eb 56 pf ca ca da da da ea ea ea ea ea ec 68 pf ca ca da da da ea ea ea ea ea ec 82 pf ca ca da da da ea ea ea ea ea ec 100 pf ca ca da da da ea ea ea ea ea tape width 8 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request 3. for product with 2% tolerance, please contact local sales force before ordering
5 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 3 npo / 0402 to 0805 capacitance range & thickness cap . 0 402 0 603 0 805 50v 100v 50v 100v 250v 50v 100v 250v 500v 630v 1000v 120 pf ca ca da da da ea ea ea ea ea 150 pf ca ca da da da ea ea ea ea ea 180 pf ca da da da ea ea ea ea ea 220 pf ca da da da ea ea eb eb eb 270 pf ca da da da ea ea eb eb eb 330 pf ca da da da ea ea eb eb eb 390 pf ca da da da ea ea eb eb eb 470 pf ca da da da ea ea eb eb eb 560 pf da da da ea ea eb ec 680 pf da da da ea ea eb ec 820 pf da da ea ea eb ec 1.0 nf da da ea ea eb ec 1.2 nf da eb eb ec 1.5 nf da eb eb ec 1.8 nf da eb eb ec 2.2 nf da ec ec ec 2.7 nf da ec ec ec 3.3 nf da ec ec ec 3.9 nf ec ec ec 4.7 nf ec ec ec 5.6 nf ec ec 6.8 nf ec ec 8.2 nf ec ec 10 nf ec ec tape width 8 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request 3. for product with 2% tolerance, please contact local sales force before ordering
6 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 4 npo / 1206 to 1 210 capacitance range & thickness cap. 1206 1210 50v 100v 250v 500v 630v 1000v 2000v 50v 100v 250v 500v 630v 1000v 2000v 0.47 pf fa fa fa 0.56 pf fa fa fa 0.68 pf fa fa fa 0.82 pf fa fa fa 1 pf fa fa fa 1.2 pf fa fa fa 1.5 pf fa fa fa 1.8 pf fa fa fa 2.2 pf fa fa fa fa 2.7 pf fa fa fa fa 3.3 pf fa fa fa fa 3.9 pf fa fa fa fa 4.7 pf fa fa fa fa 5.6 pf fa fa fa fa 6.8 pf fa fa fa fa 8.2 pf fa fa fa fa 10 pf fa fa fa fa fd fd fd 12 pf fa fa fa fa fd fd fd 15 pf fa fa fa fa fd fd fd 18 pf fa fa fa fa fd fd fd 22 pf fa fa fa fa fd fd fd 27 pf fa fa fa fa fd fd fd 33 pf fa fa fa fa fd fd fd gc gc gc 39 pf fa fa fa fa fd fd fd gc gc gc 47 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 56 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 68 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 82 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 100 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc tape width 8 mm
7 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 5 npo / 1206 to 1 210 capacitance range & thickness cap. 1206 1210 50v 100v 250v 500v 630v 1000v 2000v 50v 100v 250v 500v 630v 1000v 2000v 120 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 150 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 180 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 220 pf fa fa fa fa fd fd fd gc gc gc gc gc gc gc 270 pf fa fa fa fa fd fd gc gc gc gc gc gc 330 pf fa fa fa fa fd fd gc gc gc gc gc gc 390 pf fa fa fa fa fd fd gc gc gc gc gc gc 470 pf fa fa fa fa fd fd gc gc gc gc gc gc 560 pf fa fa fa fa fd fd gc gc gc gc gc gc 680 pf fa fa fa fa fd fd gc gc gc gc gc gc 820 pf fa fa fb fb fd fd gc gc gc gc gc gc 1.0 nf fa fa fb fb fd fd gc gc gc gc gc gc 1.2 nf fa fa fb fb fd gc gc gc gc 1.5 nf fa fa fb fb fd gc gc gc gc 1.8 nf fa fa fd fd gc gc gc gc 2.2 nf fa fa fd fd gc gc gc gc 2.7 nf fa fa fd gc gc gc gc 3.3 nf fb fb fd gc gc gc gc 3.9 nf fb fb fd gc gc gc gc 4.7 nf fb fb gc gc gc gc 5.6 nf fb fb gc gc 6.8 nf fb fb gc gc 8.2 nf fd fd gc gc 10 nf fd fd gc gc tape width 8 mm
8 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 6 npo / 1 808 to 1 812 capacitance range & thickness cap. 1 808 1812 1000v 2000v 3000v 100v 250v 500v 630v 1000v 2000v 3000v 10 pf hc ic ic ic 12 pf hc ic ic ic 15 pf hc ic ic ic 18 pf hc ic ic ic 22 pf hc ic ic ic 27 pf hc ic ic ic 33 pf ha ha hc ic ic ic 39 pf ha ha hc ic ic ic 47 pf ha ha hc ic ic ic 56 pf ha ha hc ic ic ic ic ic ic ic 68 pf ha ha hc ic ic ic ic ic ic ic 82 pf ha ha hc ic ic ic ic ic ic ic 100 pf ha ha hc ic ic ic ic ic ic ic 120 pf ha ha ic ic ic ic ic ic ic 150 pf ha ha ic ic ic ic ic ic ic 180 pf ha ha ic ic ic ic ic ic ic 220 pf ha ha ic ic ic ic ic ic ic 270 pf ha ha ic ic ic ic ic ic 330 pf ha ha ic ic ic ic ic ic 390 pf ha ha ic ic ic ic ic ic 470 pf ha ha ic ic ic ic ic 560 pf ha ha ic ic ic ic ic 680 pf ic ic ic ic ic 820 pf ic ic ic ic ic 1.0 nf ic ic ic ic ic 1.2 nf ic ic ic ic ic 1.5 nf ic ic ic ic ic 1.8 nf ic ic ic 2.2 nf ic ic ic 2.7 nf ic ic ic 3.3 nf ic ic ic 3.9 nf ic ic ic 4.7 nf ic ic ic 5.6 nf ic 6.8 nf ic 8.2 nf ic 10 nf ic 12 nf ic 15 nf ic 18 nf ic 22 nf ic 27 nf 33 nf tape width 12 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request 3. for product with 2% tolerance, please contact local sales force before ordering
9 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 7 x7r / 0402 to 0805 capacitance range & thickness cap. 0402 0603 0805 16v 25v 50v 100v 16v 25v 50v 100v 250v 16v 25v 50v 100v 250v 500v 630v 1000v 100 pf ca ca ca ca da da da da da 150 pf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 220 pf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 330 pf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 470 pf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 680 pf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 1.0 nf ca ca ca ca da da da da da ea ea ea ea eb eb eb eb 1.5 nf ca ca ca ca da da da da da ea ea ea ea eb eb eb 2.2 nf ca ca ca ca da da da da da ea ea ea ea eb eb eb 3.3 nf ca ca ca ca da da da da ea ea ea ea eb eb eb 4.7 nf ca ca ca ca da da da da ea ea ea ea eb eb eb 6.8 nf ca ca ca ca da da da da ea ea ea ea ec eb eb 10 nf ca ca ca ca da da da da ea ea ea ea ec ec ec 15 nf ca ca ca da da da da ea ea ea eb ec 22 nf ca ca ca da da da da ea ea ea eb ec 33 nf ca ca ca da da da da eb eb eb ec 47 nf ca ca ca da da da da eb eb eb ec 68 nf ca ca da da da da eb eb eb ec 100 nf ca ca da da da da eb eb eb ec 150 nf da da da ec ec ec 220 nf da da da ec ec ec 330 nf da da ec ec ec 470 nf da da ec ec ec 680 nf da ec ec ec 1000 nf da db ec ec ec 2.2 f ec 4.7 f ed tape width 8 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product with 5% tolerance, please contact local sales force before ordering
10 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 cap. 1206 1210 16v 25v 50v 100v 200 / 250v 500v 630v 1000v 2000v 16v 25v 50v 100v 250v 500v 630v 1000v 2000v 100 pf 150 pf 220 pf fb fb fb fb fb fd fd fd fd 330 pf fb fb fb fb fb fd fd fd fd 470 pf fb fb fb fb fb fd fd fd fd gd gd 680 pf fb fb fb fb fb fd fd fd fd gd gd 1.0 nf fb fb fb fb fb fd fd fd fd gd gd 1.5 nf fb fb fb fb fb fd fd fd fd gd gd 2.2 nf fb fb fb fb fb fd fd fd ga ga ga ga ga gd ge 3.3 nf fb fb fb fb fb fd fd fd ga ga ga ga ga gd gd gd 4.7 nf fb fb fb fb fb fd fd fd ga ga ga ga ga gd gd gd 6.8 nf fb fb fb fb fb fd fd fd ga ga ga ga ga gd gd gd 10 nf fb fb fb fb fb fd fd fd ga ga ga ga ga gd gd gd 15 nf fb fb fb fb fb fd fd ga ga ga ga ga gd gd gd 22 nf fb fb fb fb fd fd fe ga ga ga ga gd gd ge ge 33 nf fb fb fb fb fd fe fe ga ga ga ga gd gd 47 nf fb fb fb fb fd ga ga ga ga gd gd 68 nf fb fb fb fd fd ga ga ga ga gd 100 nf fb fb fb fd fe ga ga ga ga gd 150 nf fb fb fc fd ga ga gb gd gd 220 nf fb fb fc fd ga ga gb gd gd 330 nf fe fe fe ff ga ga gb gd 470 nf fe fe fe ff gb gb gd gd 680 nf fc fc ff ff gb gb gd gf 1000 nf fc fc ff ff gd gd gd gf 2.2 f fc fc ff gg gg gg gg 4.7 f gg gg gg 10 f ff ff gg gg gg 22 f gg tape width 8 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product with 5% tolerance, please contact local sales force before ordering table 8 x7r / 1206 to 1 210 capacitance range & thickness
11 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 cap. 1 808 1812 1000v 2000v 3000v 50v 100v 250v 500v 630v 1000v 2000v 100 pf 150 pf 220 pf 330 pf hb hb hd 470 pf hb hb hd 680 pf hb hb hd 1.0 nf hb hb he 1.5 nf hb hb he 2.2 nf hb hd ia ia ia id ie ie ie 3.3 nf hb ia ia ia id ie ie ie 4.7 nf hb ia ia ia id ie ie ie 6.8 nf hd ia ia ia id ie ie 10 nf hd ia ia ia id ie ie 15 nf ia ia ia id ie ie 22 nf ia ia ia id ie ie 33 nf ia ia ia id if if 47 nf ia ia id id 68 nf ia ia id id 100 nf ib id id if 150 nf ib id id 220 nf ib id if 330 nf ib id if 470 nf ib if if 680 nf if if 1 000 nf if if 2.2 f tape width 12 mm note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product with 5% tolerance, please contact local sales force before ordering table 9 x7r / 1808 to 1812 capacitance range & thickness
12 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 table 10 thickness classes an d packing quantity size code thickness classification tape width quantity per reel ? 180 mm / 7 inch ? 180 mm / 13 inch paper blister paper blister 0402 0.50+/ - 0.15 8mm 10,000 -- 50,000 -- 0603 0.80+/ - 0.15 8mm 4,000 -- 15,000 -- 0805 0.60+/ - 0.15 8mm 4,000 -- 20,000 -- 0.85+/ - 0.15 8mm 4,000 -- 15,000 -- 1.25+/ - 0.20 8mm -- 3,000 -- 10,000 1206 0.60+/ - 0.15 8mm 4,000 -- 20,000 -- 0.85+/ - 0.15 8mm 4,000 -- 15,000 -- 1.15+/ - 0.20 8mm -- 3,000 -- 10,000 1.25+/ - 0.20 8mm -- 3,000 -- 10,000 1.60+/ - 0.20 8mm -- 2,000 -- 8,000 1.60+/ - 0.30 8mm -- 2,000 -- 8,000 1210 0.85+/ - 0.20 8mm -- 4,000 -- 10,000 1.15+/ - 0.30 8mm -- 3,000 -- 10,000 1.25+/ - 0.20 8mm -- 3,000 -- 10,000 1.25+/ - 0.30 8mm -- 3,000 -- 10,000 1.60+/ - 0.30 8mm -- 2,000 -- 5,000 2.00+/ - 0.30 8mm -- 2,000 -- -- 1808 1.25+/ - 0.20 12mm -- 2,000 -- -- 1.35+/ - 0.40 12mm -- 2,000 -- -- 1.60+/ - 0.20 12mm -- 2,000 -- -- 1.60+/ - 0.40 12mm -- 2,000 -- -- 2.00+/ - 0.40 12mm -- 2,000 -- -- 1812 0.85+/ - 0.30 12mm -- 2,000 -- -- 1.15+/ - 0.40 12mm -- 1,000 -- -- 1.25+/ - 0.20 12mm -- 1,000 -- -- 1.25+/ - 0.40 12mm -- 1,000 -- -- 1.35+/ - 0.40 12mm -- 1,000 -- -- 1.60+/ - 0.40 12mm -- 1,000 -- -- electrical character istics x x 7 7 r r d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions for testing as given in 5.3 of iec 60068 - 1: - temperature: 15 c to 35 c - relative humidity: 25% to 75% - air pressure: 86 kpa to 106 kpa before t he measurements are made, the capacitor shall be stored at the measuring temperature for a time sufficient to allow the entire capacitor to reach this temperature. the period as prescribed for recovery at the end of a test is normally sufficient for this purpose.
13 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 description value capacitance range 100 p f to 2.2 f dissipation factor (d.f.) npo c < 30 pf 1 / ( 400 + 20c ) c 30 pf 0.1 % x7r 16v 0402 0603 0805 1206 1210 1808 1812 100pf to 22nf 100pf to 220nf 150pf to 470nf 220pf to 1 f 2.2nf to 1 f 3.5% 27nf to 100nf 470nf to 1 f 680 nf to 2.2 f 2.2 f 5% 4.7 f 10 f 2.2 f to 22 f 10% 25v 100pf to 10nf 100pf to 39nf 150pf to 180nf 220pf to 680nf 2.2nf to 1 f 2.5% 12 nf to 47nf 47nf to 220nf 220nf to 470nf 1 f 3.5% 56nf to 100nf 680nf to 1 f 2.2 f 5% 270nf to 1 f 10 f 2.2 f to 10 f 10% 50v 100pf to 10nf 100pf to 39nf 150pf to 180nf 220pf to 470nf 2.2nf to 1 f 2.2nf to 1 f 2.5% 12 nf to 47nf 47nf to 220nf 220nf to 470nf 680nf to 1 f 3.5% 680nf 5% 1 f 2.2 f to 10 f 10% 100v all 100pf to 10nf all 220pf to 680nf 2.2nf to 680nf all 2.5% 1 f 1 f 3.5% 12nf to 100nf 2.2 f 5% 2 50v to 3kv all all all all all all 2.5% insulation resistance after 1 minute at u r (dc) i.r. 10 g or r c 500 seconds whichever is less r c 100 seconds : x7r/0805/4.7 f /16v ; x7r/1206/10 f /16v to 25v ; x7r/1210/2.2 f to 10 f /16v to 50v, x7r/1210/2.2 f /100v ; maximum capacitance change as a function of temperature npo: 30ppm (temperature characteristic/coefficient): x7r: 15% operating temperature range: C 55 c to +125 c table 11 table 12 soldering recommenda tion soldering method size 0402 0603 0805 1206 1210 reflow reflow only > 1.0 f > 2.2 f > 2.2 f reflow only reflow/wave 1.0 f 2.2 f 2.2 f ---
14 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 tests and requiremen ts table 13 test procedures and requirements test test method procedure requirements mounting iec 60384 - 21/22 4.3 the capacitors may be mounted on printed - circuit boards or ceramic substrates no visible damage visual inspection and dimension check 4.4 any applicable method using 10 magnification in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 vrms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 vrms at 20 c class ii : at 20 c, 24 hrs after annealing f = 1 khz for c 10 f, measuring at voltage 1 vrms at 20 c f = 120hz for c > 10 f, measuring at voltage 0.5 vrms at 20 c within specified tolerance dissipation factor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 vrms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 vrms at 20 c class ii : at 20 c, 24 hrs after annealing f = 1 khz for c 10 f, measuring at voltage 1 vrms at 20 c f = 120hz for c > 10 f, measuring at voltage 0.5 vrms at 20 c in accordance with specification insulation resistance 4.5.3 u r 500 v: at u r for 1 minute u r > 500 v: at 500 v for 1 minute in accordance with specification
15 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 test test method procedure requirements temperature characteristic iec 60384 - 21/22 4.6 capacitance shall be measured by the steps shown in the following table. the capacitance change should be measured after 5 min at each specified temperature stage. step temperature( ? c ) a 25 2 b lower temperature 3 ? c c 25 2 d upper temperature 2 ? c e 25 2 (1) class i temperature coefficient shall be calculated from the formula as below temp, coefficient = c 2 - c 1 c 1 x10 6 [ppm/ ? c ] c1: capacitance at step c c2: capacitance at 125 ?c t: 100 ? c (=125 ?c - 25 ? c ) (2) class ii capacitance change shall be calculated from the formula as below c = c 2 - c 1 c 1 x 100% c1: capacitance at step c c2: capacitance at step b or d class i : c/c: 30ppm class ii : x7r: c/c: 15%
16 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 test test method procedure requirements adhesion 4.7 a force applied for 10 seconds to the line joining the terminations and in a plane parallel to the substrate force size 0603: 5n size = 0402: 2.5n size = 0201: 1n bending strength 4.8 mounting in accordance with iec 60384 - 22 paragraph 4.3 no visible damage conditions: bending at a rate of 1 mm/s, radius jig 5 mm npo: 5 mm x7r/0402 to 0603: 5 mm x7r/0805 to 1812: 3 mm c/c class i : np0: within 1% or 0.5 pf, whichever is greater class ii : x7r: 1 0 % resistance to soldering heat 4.9 precondition: 150 +0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size >1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds recovery time: 24 2 hours dissolution of the end face plating shall not exceed 25% of the length of the edge concerned c/c class 1: np0: within 0.5% or 0.5 pf, whichever is greater class ii : x7r: 10% d.f. within initial specified value i. r . within initial specified value solderability iec 60384 - 21/22 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 seconds to 60 seconds. test conditions for lead containing solder alloy temperature: 235 5 c dipping time: 2 0.2 seconds depth of immersion: 10 mm alloy composition: 60/40 sn/pb number of immersions: 1 test conditions for leadfree containing solder alloy temperature: 245 5 c dipping time: 3 0.3 seconds depth of immersio n: 10 mm alloy composition: sac305 number of immersions: 1 the solder should cover over 95% of the critical area of each termination
17 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 test test method procedure requirements rapid change of temperature 4.11 preconditioning; 150 +0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature recovery time 24 2 hours no visual damage c/c class 1: np0: within 1% or 1 pf, whichever is greater class ii : x7r: 15% d.f. meet initial specified value i.r. meet initial specified value damp heat with u r load iec 60384 - 21/22 4.13 1. preconditioning, class ii only: 150 +0/ - 10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, i.r. 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h . 1.0 u r applied 4. recovery: class 2: 24 2 hours 5. final measure: c, d, i.r. p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to iec 60384 4.1 and then the requirement shall be met . no visual damage after recovery c/c class 1: np0: within 2% or 1 pf, whichever is greater class ii : x7r: 15% d.f. class 1: np0: 2 x specified value class ii : x7r: 2 x specified value i.r. class 1: np0: 2,500 m or r x c 25 .f whichever is less class ii : x7r: 500 m or r x c 25 .f whichever is less x7r/0805/4.7 f/16v ; x7r/1206/10 f/16v to 25v ; x7r/1210/2.2 f to 10 f/16v to 50v, x7r/1210/2.2 f/100v ; c/c 20% d.f. 2 specified value i.r. r c 5 .f
18 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 test test method procedure requirements endurance iec 60384 - 21/22 4.14 1. preconditioning, class ii only: 150 +0/ - 10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, i.r. 3. endurance test: temperature: np0/x7r: 125 c specified stress voltage applied for 1,000 hours: 4. high voltage series follows with below stress condition: voltage npo x7r 100v 2.0 x ur 2.0 x ur 200/250v 1.5 x ur 1.5 x ur 500/63 0v 1.3 x ur 1.2 x ur 1kv 1.2 x ur 1.1 x ur 5. recovery time: 24 2 hours 6. final measure: c, d, i.r. p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to iec 60384 4.1 and then the requirement shall be met. no visual damage c/c class1: np0: within 2% or 1 pf, whichever is greater class ii : x7r: 15% d.f. class1: np0: 2 x specified value class ii : x7r: 2 x specified value i.r. class1: np0: 4,000 m or r x c 40 .f whichever is less class ii : x7r: 1,000 m or r x c 50 .f whichever is less * apply 1.5 x ur for below items x7r/0805/4.7 f/16v ; x7r/1206/10 f/16v to 25v ; x7r/1210/2.2 f to 10 f/16v to 50v, x7r/1210/2.2 f/100v ; c/c 20% d.f. 2 specified value i.r. r c 10 .f voltage proof iec 60384 - 1 4.6 sp ecified stress voltage applied for 1~5 seconds ur 100 v: series applied 2.5 ur 100 v < ur 200 v series applied (1.5 ur + 100) 200 v < ur 500 v series applied (1.3 ur + 100) ur > 500 v: 1.3 ur ur R 1000 v: 1.2 ur charge/discharge current is less than 50 ma no breakdown or flashover
19 19 npo & x7r soft termination 16v to 3k v surface - mount ceramic multilayer capacitors product specification www.yageo.com jan. 26, 2017 v. 3 revision history revision date change notification description version 3 jan . 2 6 , 2017 - - global part number coding rule update version 2 dec . 30 , 2016 - - dimension update d version 1 dec . 16, 2016 - - product range update d version 0 may 20 , 201 6 - - new datasheet for soft termination npo & x7r series with rohs compliant


▲Up To Search▲   

 
Price & Availability of CS0603GRX7RCBB103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X