ds -0348 rev c tel: 408.225.4314 www.allsensors.com fax: 408.225.2079 info@allsensors.com cpm 602 piezoresistive monolithic ceramic pressure sensor ? excellent chemical resistance ? easy mounting ? pressure ranges 30 to 6000 psi gauge standard pressure ranges psi 1) bar proof pressure admissible negative pre s- sure burst pressure output signal [ psi 1) / bar ] [ psi 1) / bar ] [ psi 1) / bar ] [mv/v] 30 2 60 4 vacuum resistant 120 8 1. 8 to 3.4 75 5 150 10 300 20 2.0 to 3.5 150 10 300 20 525 35 2.4 to 4.0 30 0 20 600 40 900 60 2.8 to 4. 2 750 50 1500 100 2100 140 2.7 to 4. 0 1500 3) 100 2250 150 4500 300 2. 0 to 3. 2 3000 3) 200 4500 300 6000 400 1.8 to 3. 3 6000 3) 400 7500 500 9750 650 1.5 to 3.0 other on request reference conditions supply voltage 2 to 30 v dc stabilized (i max. = 4ma) bridge resistance 1 1 k 3 0 % reference temperature 25 c measuring supply voltage 10 v dc performance characteristics offset - 0. 4 to 0.0 mv/v (other nominal values available on request) total error (non - linearity, hysteresis, non - repeatability) pressure ranges: 7 50 psi : 0.4 % fs (terminal based) pressure ranges: > 7 50 psi : 0.8 % fs typ. (1.5 % fs max.) (terminal based) long term stability 0. 3 % fs / year (at reference conditions ) tc offset (tc0) 0. 02 % fs / c 2 ) tc span (tcs) - 0.012 % fs / c 2 ) environmental s p e cification temperature range - 40 to 13 5 c storage temperature range - 50 to 150 c compensated temperature range 0 to 85 c 1) psi values around rounded and for reference only 2) over compensated temperature range 3) only sealed gauge available www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r
cpm-602 ceramic pressure sensor specifications ds -0348 rev c tel: 408.225.4314 www.allsensors.com fax: 408.225.2079 info@allsensors.com electrical connection standard pins, pitch 0.1 inch / 2.54mm miscellaneous media wetted parts c eramic al 2 o 3 96 % weight approx. 5 g dimension ? = 18 0 . 1 mm d = 6 . 35 0. 1 mm mechanical ordering code cpm602 - type of pressure gauge g pressure ranges 30 psi / 2 bar 0 3 0 75 psi / 5 bar 0 7 5 150 psi / 10 bar 1 5 0 300 psi / 20 bar 3 0 0 750 psi / 50 bar 7 5 0 1500 psi / 100 bar 1 k 5 3000 psi / 200 bar 3 k 0 6000 psi / 40 0 bar 6 k 0 electrical connection s older p ads t inned , pitch 0.1 inch / 2.54mm 4 ) 2 0 1 pins, pitch 0.1 inch / 2.54mm 2 0 2 others C on request 9 9 9 options standard 0 0 1 4) minimum order quantity required this data sheet contains product specifications, properties are not guaranteed. subject to be change without notice. 1 2 3 4 1 + in 2 - out 3 gnd 4 + out www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r www.allsensors.com signed original on file r
|