Part Number Hot Search : 
SEMICO ON1547 DG5043 D4050BC LT1587 2MJ25 1215S UPD3737D
Product Description
Full Text Search
 

To Download CCS-18N130-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 1 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches electrical characteristics form factor multi-throw, break before make frequency range ccs-18 cs-18 dc?12 ghz dc?12 ghz characteristic impedance 50 ohms operate time 10 ms (max.) release time 10 ms (max.) actuation voltage available 12 15 24 28 v actuation current, max. @ ambient 600 700 230 270 ma environmental and physical characteristics operating temperature commercial model, ccs-18 elite model, cs-18 ?40c to 65c ?55c to 85c vibration (mil-std-202 method 214, condition d, non-operating) 10 g?s rms shock (mil-std-202 method 213, condition d, non-operating) 500 g?s standard actuator life actuator life w/ additional features 3,000,000 cycles 1,000,000 cycles connector type type n or tnc humidity (moisture seal) available weight 9 oz. (255.2g) (max.) part number description ccs-18 commercial normally open multi-throw, dc-12ghz cs-18 elite normally open multi-throw, dc-12ghz the ccs-18/cs-18 is a broadband multi-position coaxial switch designed to switch rf signals from one input port to any one of 3 through 8 output ports. it is readily adapted to any 50 ohms transmission line system. the standard actuator gives individual solenoid control of each position and when de-energized, all positions are open. standard actuator voltage is 28 vdc. the primary advantage of this switch over the miniature versions shown on previous pages is the higher power handling capability. part numbering system for additional options, please contact factory. actuator voltage ccs-18 n 1 6 c - t ** series connectors actuator type options number of positions * d-sub connector may be 9 or 15 pin depending on number of throws. (see connector pinout page) connector actuator voltage number of positions actuator type options n : type n female 1: 28 vdc normally open 3: sp 3 t 0 : no indicator contacts t : ttl drivers with diodes t : tnc female 2: 15 vdc normally open 4: sp 4 tc : indicator contacts d : coil transient suppression diodes 3: 12 vdc normally open 5: sp 5 ts : d - sub connector * 4: 24 vdc normally open 6: sp 6 ttd : decoders and ttl drivers with diodes 7: sp 7 t 8: sp 8 tm : moisture seal ** see parts list on page 13-16 performance characteristics: n connector option (tnc connector, 11gh z max.) frequency dc?3 ghz 3?6 ghz 6?9 ghz 9?12 ghz insertion loss, db, max. 0.2 0.2 0.3 0.4 isolation, db, min. 80 80 80 75 vswr , max. 1.3:1 1.3:1 1.5:1 1.7:1
ccs-18/cs-18 page 2 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches schematics and mechanical outline for sp3t-sp6t switches ?- s option ? 9 - pin d - sub or 15- pin d - micro connector ( example : ccs -18 n 160- s ) sp3t sp4t analog indicators ttl sp6t sp5t sp3t - sp6t h = 2.15 std & indicator model sp3t - sp6t h = 2.65 all other models 14x solder terminals solder wire maximum temp 250oc for no more than 5 sec sp7t sp8t sp7t & sp8t h = 2.15 std model sp7t & sp8t h = 2.65 all other models 14x solder terminals solder wire maximum temp 250oc for no more than 5 sec mechanical outline for sp7t & sp8t switches
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 3 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches 1 6 9-pin d-sub connector connector pinout for normally open sp3t multi-throw switches e xample cs-18n130-s cs-18n13c-s cs-18n130-ts cs-18n13c-ts cs-18n130-tds cs-18n13c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in 9-p in 9-p in 9-p in 9-p in 9-p in 1p ort 1p ort 1p ort 1p ort 1l ogic 1l ogic 1 2p ort 2p ort 2p ort 2p ort 2l ogic 2l ogic 2 3p ort 3p ort 3p ort 3p ort 3 4e i ndicator e i ndicator e i ndicator 5f i ndicator f i ndicator f i ndicator 6g i ndicator g i ndicator g i ndicator 7c ommon c ommon c ommon c ommon c ommon c ommon 8v sw v sw v sw v sw 9d i ndicator (com) d i ndicator (com) d i ndicator (com) connector pinout for normally open sp4t multi-throw switches e xample cs-18n140-s cs-18n14c-s cs-18n140-ts cs-18n14c-ts cs-18n140-tds cs-18n14c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in 15-p in 9-p in 15-p in 9-p in 15-p in 1p ort 1p ort 1 ttl 1 ttl 1 l ogic 1l ogic 1 2p ort 2p ort 2 ttl 2 ttl 2 l ogic 2l ogic 2 3p ort 3p ort 3 ttl 3 ttl 3 l ogic 3l ogic 3 4p ort 4p ort 4 ttl 4 ttl 4 5 6 7c ommon c ommon c ommon c ommon c ommon c ommon 8v sw v sw v sw v sw 9d i ndicator (com) d i ndicator (com) d i ndicator (com) 10 n / a e i ndicator n / a e i ndicator n / a e i ndicator 11 f i ndicator f i ndicator f i ndicator 12 g i ndicator g i ndicator g i ndicator 13 h i ndicator h i ndicator h i ndicator 14 15 connector pinout for normally open sp5t multi-throw switches e xample cs-18n150-s cs-18n15c-s cs-18n150-ts cs-18n15c-ts cs-18n150-tds cs-18n15c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in 15-p in 9-p in 15-p in 9-p in 15-p in 1 p ort 1p ort 1 ttl 1 ttl 1 l ogic 1l ogic 1 2 p ort 2p ort 2 ttl 2 ttl 2 l ogic 2l ogic 2 3 p ort 3p ort 3 ttl 3 ttl 3 l ogic 3l ogic 3 4 p ort 4p ort 4 ttl 4 ttl 4 5 p ort 5p ort 5 ttl 5 ttl 5 6 7 c ommon c ommon c ommon c ommon c ommon c ommon 8 v sw v sw v sw v sw 9 d i ndicator (com) d i ndicator (com) d i ndicator (com) 10 n / a e i ndicator n / a e i ndicator n / a e i ndicator 11 f i ndicator f i ndicator f i ndicator 12 g i ndicator g i ndicator g i ndicator 13 h i ndicator h i ndicator h i ndicator 14 k i ndicator k i ndicator k i ndicator 15 1 9 15-pin d-sub connector
ccs-18/cs-18 page 4 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches connector pinout for normally open sp7t multi-throw switches e xample cs-18n170-s cs-18n17c-s cs-18n170-ts cs-18n17c-ts cs-18n170-tds cs-18n17c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in configuration not available contact factory 9-p in configuration not available contact factory 9-p in 15-p in 1 p ort 1 ttl 1 l ogic 1l ogic 1 2 p ort 2 ttl 2 l ogic 2l ogic 2 3 p ort 3 ttl 3 l ogic 3l ogic 3 4 p ort 4 ttl 4 5 p ort 5 ttl 5 c ommon c ommon 6 p ort 6 ttl 6 v sw v sw 7 p ort 7 ttl 7 d i ndicator (com) 8 c ommon e i ndicator 9c ommon v sw f i ndicator 10 n / an / an / a g i ndicator 11 h i ndicator 12 k i ndicator 13 l i ndicator 14 m i ndicator 15 connector pinout for normally open sp8t multi-throw switches e xample cs-18n180-s cs-18n18c-s cs-18n180-ts cs-18n18c-ts cs-18n180-tds cs-18n18c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in configuration not available contact factory 15-p in configuration not available contact factory 9-p in 15-p in 1 p ort 1 ttl 1 l ogic 1 l ogic 1 2 p ort 2 ttl 2 l ogic 2 l ogic 2 3 p ort 3 ttl 3 l ogic 3 l ogic 3 4 p ort 4 ttl 4 l ogic 4 l ogic 4 5 p ort 5 ttl 5 c ommon c ommon 6 p ort 6 ttl 6 v sw v sw 7 p ort 7 ttl 7 d i ndicator (com) 8 p ort 8 ttl 8 e i ndicator 9c ommon c ommon f i ndicator 10 n / a v sw n / a g i ndicator 11 h i ndicator 12 k i ndicator 13 l i ndicator 14 m i ndicator 15 n i ndicator connector pinout for normally open sp6t multi-throw switches e xample cs-18n160-s cs-18n16c-s cs-18n160-ts cs-18n16c-ts cs-18n160-tds cs-18n16c-tds i ndicator y es y es y es ttl y es y es d ecoders & ttl y es y es pin no. 9-p in 15-p in 9-p in 15-p in 9-p in 15-p in 1p ort 1p ort 1 ttl 1 ttl 1 l ogic 1l ogic 1 2p ort 2p ort 2 ttl 2 ttl 2 l ogic 2l ogic 2 3p ort 3p ort 3 ttl 3 ttl 3 l ogic 3l ogic 3 4p ort 4p ort 4 ttl 4 ttl 4 5p ort 5p ort 5 ttl 5 ttl 5 6p ort 6p ort 6 ttl 6 ttl 6 7c ommon c ommon c ommon c ommon c ommon c ommon 8v sw v sw v sw v sw 9d i ndicator (com) d i ndicator (com) d i ndicator (com) 10 e i ndicator e i ndicator e i ndicator 11 f i ndicator f i ndicator f i ndicator 12 g i ndicator g i ndicator g i ndicator 13 h i ndicator h i ndicator h i ndicator 14 k i ndicator k i ndicator k i ndicator 15 l i ndicator l i ndicator l i ndicator
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 5 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches truth table normally open ccs-18nx4c-td logic input rf path indicator switches 123 j1j2j3j4 efgh 000 on off off off c 000 100 off on off off 0 c 00 010 offoff on off 0 0 c 0 1 1 0 off off off on 000 c 1 1 1 off off off off 0 0 0 0 truth table normally open ccs-18nx3c-td logic input rf path indicator switches 12 j1j2j3 efg 00 on off off c 00 10 off on off 0 c 0 01 offoff on 00 c 1 1 off off off 0 0 0 truth table normally open ccs-18nx3c-t logic input rf path indicator switches 123 j1j2j3 efg 100 on off off c 00 010 off on off 0 c 0 001 offoff on 00 c truth table normally open ccs-18nx4c-t logic input rf path indicator switches 1234 j1j2j3j4 efgh 1000 on off off off c 000 0100 off on off off 0 c 00 0010 offoff on off 0 0 c 0 0001 offoffoff on 000 c
ccs-18/cs-18 page 6 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches truth table normally open ccs-18nx6c-td logic input rf path indicator switches 123 j1j2j3j4j5j6 efghkl 000 on off off off off off c 00000 100 off on off off off off 0 c 0000 010 offoff on off off off 0 0 c 000 1 1 0 off off off on offoff 000 c 00 0 0 1 off off off off on off 0000 c 0 1 0 1 off off off off off on 00000 c 1 1 1 offoffoffoffoffoff 000000 truth table normally open ccs-18nx5c-td logic input rf path indicator switches 123 j1j2j3j4j5 efghk 000 on off off off off c 0000 100 off on off off off 0 c 000 010 offoff on off off 0 0 c 00 1 1 0 off off off on off 000 c 0 0 0 1 off off off off on 0000 c 1 1 1 offoffoffoffoff 00000 truth table normally open ccs-18nx5c-t logic input rf path indicator switches 12345 j1j2j3j4j5 efghk 10000 on off off off off c 0000 01000 off on off off off 0 c 000 00100 offoff on off off 0 0 c 00 0 0 0 1 0 off off off on off 000 c 0 0 0 0 0 1 off off off off on 0000 c truth table normally open ccs-18nx6c-t logic input rf path indicator switches 123456 j1j2j3j4j5j6 efghkl 100000 on off off off off off c 00000 010000 off on off off off off 0 c 0000 001000 offoff on off off off 0 0 c 000 0 0 0 1 0 0 off off off on offoff 000 c 00 0 0 0 0 1 0 off off off off on off 0000 c 0 0 0 0 0 0 1 off off off off off on 00000 c
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 7 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches truth table normally open ccs-18nx7c-td logic input rf path indicator switches 1 2 3 j1 j2 j3 j4 j5 j6 j7 e f g h k l m 000 on off off off off off off c 000000 100 off on off off off off off 0 c 00000 010 offoff on off off off off 0 0 c 0000 1 1 0 off off off on off off off 0 0 0 c 000 0 0 1 off off off off on offoff 0000 c 00 1 0 1 off off off off off on off 00000 c 0 0 1 1 off off off off off off on 000000 c 1 1 1 offoffoffoffoffoffoff 0000000 truth table normally open ccs-18nx7c-t logic input rf path indicator switches 1234567 j1j2j3j4j5j6j7 efghklm 1000000 on off off off off off off c 000000 0100000 off on off off off off off 0 c 00000 0010000 offoff on off off off off 0 0 c 0000 0001000 offoffoff on off off off 0 0 0 c 000 0000100 offoffoffoff on offoff 0000 c 00 0000010 offoffoffoffoff on off 00000 c 0 0000001 offoffoffoffoffoff on 000000 c truth table normally open ccs-18nx8c-td logic input rf path indicator switches 1 2 3 4 j1 j2 j3 j4 j5 j6 j7 j8 e f g h k l m n 0000 on off off off off off off off c 0000000 1000 off on off off off off off off 0 c 000000 0100 offoff on off off off off off 0 0 c 00000 1 1 0 0 off off off on off off off off 0 0 0 c 0000 0 0 1 0 off off off off on offoffoff 0000 c 000 1 0 1 0 off off off off off on offoff 00000 c 00 0 1 1 0 off off off off off off on off 000000 c 0 1 1 1 1 off off off off off off off on 0000000 c 1 1 1 0 offoffoffoffoffoffoffoff 00000000 truth table normally open ccs-18nx8c-t logic input rf path indicator switches 12345678 j1j2j3j4j5j6j7j8 efghklmn 10000000 on off off off off off off off c 0000000 01000000 off on off off off off off off 0 c 000000 00100000 offoff on off off off off off 0 0 c 00000 00010000 offoffoff on off off off off 0 0 0 c 0000 00001000 offoffoffoff on off off off 0 0 0 0 c 000 00000100 offoffoffoffoff on off off 0 0 0 0 0 c 00 00000010 offoffoffoffoffoff on off 000000 c 0 0 0 0 0 0 0 0 1 off off off off off off off on 0000000 c
ccs-18/cs-18 page 8 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches typical narrowband rf insertion loss performance curves rf notes -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0 0.5 1 1.5 2 2.5 3 insertion loss ( db ) frequency ( ghz ) insertion loss ( dc-3 ghz ) -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 3 3.5 4 4.5 5 5.5 6 insertion loss ( db ) frequency ( ghz ) insertion loss ( 3-6 ghz ) -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 6 6.5 7 7.5 8 8.5 9 insertion loss ( db ) frequency ( ghz ) insertion loss ( 6-9 ghz ) -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 9 9.5 10 10.5 11 11.5 12 insertion loss ( db ) frequency ( ghz ) insertion loss ( 9-12 ghz )
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 9 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches typical narrowband rf isolation performance curves rf notes -140 -120 -100 -80 -60 -40 -20 0 0 0.5 1 1.5 2 2.5 3 isolation (db) frequency ( ghz ) isolation ( dc-3 ghz ) -140 -120 -100 -80 -60 -40 -20 0 3 3.5 4 4.5 5 5.5 6 isolation (db) frequency ( ghz ) isolation ( 3-6 ghz ) -140 -120 -100 -80 -60 -40 -20 0 6 6.5 7 7.5 8 8.5 9 isolation (db) frequency ( ghz ) isolation ( 6-9 ghz ) -140 -120 -100 -80 -60 -40 -20 0 9 9.5 10 10.5 11 11.5 12 isolation (db) frequency ( ghz ) isolation ( 9-12 ghz )
ccs-18/cs-18 page 10 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches typical narrowband rf vswr performance curves rf notes 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 0 0.5 1 1.5 2 2.5 3 vswr frequency ( ghz ) vswr ( dc-3 ghz ) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 3 3.5 4 4.5 5 5.5 6 vswr frequency ( ghz ) vswr ( 3-6 ghz ) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 6 6.5 7 7.5 8 8.5 9 vswr frequency ( ghz ) vswr ( 6-9 ghz ) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 9 9.5 10 10.5 11 11.5 12 vswr frequency ( ghz ) vswr ( 9-12 ghz )
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 11 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches power handling vs. frequency estimates based on the following reference conditions: ? ambient temperature of 40c or less ? sea level operation ? load vswr of 1.20:1 maximum ? no high-power (hot) switching please contact teledyne coax switches for derating factors when applications do not meet the foregoing reference conditions. typical power performance curve 3000 power (w) frequency ghz 2000 1000 800 600 400 300 200 100 80 60 40 30 20 10 .1 .2 .3 .4 .6 .8 1 2 4 6 8 10 special high power switches standard n & tnc switches
ccs-18/cs-18 page 12 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches actuator an actuator is the electromechanical mechanism that transfers the rf contacts from one position to another upon dc command. arc suppression diode a diode is connected in parallel with the coil. this diode limits the ?reverse emf spike? generated when the coil de- energizes to 0.7 volts. the diode cathode is connected to the positive side of the coil and the anode is connected to the negative side. date code all switches are marked with either a unique serial number or a date code. date codes are in accordance with mil- std-1285 paragraph 5.2.5 and consist of four digits. the rst two digits de ne the year and the last two digits de ne the week of the year (yyww). thus, 1032 identi es switches that passed through nal inspection during the 32nd week of 2010. indicator indicators tell the system which position the switch is in. other names for indicators are telemetry contacts or tellback circuit. indicators are usually a set of internally mounted dc contacts linked to the actuator. they can be wired to digital input lines, status lights, or interlocks. unless otherwise speci ed, the maximum indicator contact rating is 30 vdc, 50 ma, or 1.5 watts into a resistive load. isolation isolation is the measure of the power level at the output connector of an unconnected rf channel as referenced to the power at the input connector. it is speci ed in db below the input power level. multi-throw switch a multi-throw switch is a switch with one input and three or more output ports. the ccs-18 can switch a microwave signal to any of 2,3,4,5 or 6 output from a single common input. switching time switching time is the total interval beginning with the arrival of the leading edge of the command pulse at the switch dc input and ending with the completion of the switch transfer, including contact bounce. it consists of three parts: (1) inductive delay in the coil, (2) transfer time of the physical movement of the contacts, and (3) the bounce time of the rf contacts. ttl switch driver option as a special option, switch drivers can be provided for both failsafe and latching switches, which are compatible with industry-standard low-power schottky ttl circuits. td-option this option includes a decoder. the 3-bit parallel command is decoded to internally select the appropriate position. see the logic tables. the td-option increases the vsw supply current demand by 50ma max at 28vdc and +20c. performance parameters vs frequency generally speaking, the rf performance of coaxial switches is frequency dependent. with increasing frequency, vswr and insertion loss increase while isolation decreases. all data sheets specify these three parameters as ?worst case? at the highest operating frequency. if the switch is to be used over a narrow frequency band, better performance can be achieved. actuator current vs temperature the resistance of the actuator coil varies as a function of temperature. there is an inverse relationship between the operating temperature of the switch and the actuator drive current. for switches operating at 28 vdc, the approximate actuator drive current at temperature, t, can be calculated using the equation: magnetic sensitivity an electro-mechanical switch can be sensitive to ferrous materials and external magnetic elds. neighboring ferrous materials should be permitted no closer than 0.5 inches and adjacent external magnetic elds should be limited to a ux density of less than 5 gauss. glossary i a [1 + .00385 (t-20)] where: i t = actuator current at temperature, t i a = room temperature actuator current C see data sheet t = temperature of interest in c i t = carrier frequency 1 carrier frequency 2 pim 3rd order frequency pim 5th order fre- quency 870 mhz 893 mhz 847 mhz 824 mhz 3rd order intermodulation 5th order intermodulation multiple positions ?96 dbm ?115 dbm ?139 dbc ?158 dbc special feature switching high-power or highly sensitive signals ensure the most linear response with the best galvanically matched contact system in the industry. extremely low passive intermodulation is standard on all of our switches.
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 13 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches normally open ccs-18n/cs-18n ? ccs-18t/cs-18t part number list * x = 1 (28vdc), 2 (15vdc), 3 (12vdc) and 4 (24vdc) p art n o .p art n o .p art n o .p art n o . 1 ccs-18nx3c 43 cs-18nx30 85 cs-18nx4c 127 ccs-18nx50 2 ccs-18nx3c-d 44 cs-18nx30-d 86 cs-18nx4c-d 128 ccs-18nx50-d 3 ccs-18nx3c-dm 45 cs-18nx30-dm 87 cs-18nx4c-dm 129 ccs-18nx50-dm 4 ccs-18nx3c-m 46 cs-18nx30-m 88 cs-18nx4c-m 130 ccs-18nx50-m 5 ccs-18nx3c-ms 47 cs-18nx30-ms 89 cs-18nx4c-ms 131 ccs-18nx50-ms 6 ccs-18nx3c-s 48 cs-18nx30-s 90 cs-18nx4c-s 132 ccs-18nx50-s 7 ccs-18nx3c-t 49 cs-18nx30-t 91 cs-18nx4c-t 133 ccs-18nx50-t 8 ccs-18nx3c-td 50 cs-18nx30-td 92 cs-18nx4c-td 134 ccs-18nx50-td 9 ccs-18nx3c-tdm 51 cs-18nx30-tdm 93 cs-18nx4c-tdm 135 ccs-18nx50-tdm 10 ccs-18nx3c-tdms 52 cs-18nx30-tdms 94 cs-18nx4c-tdms 136 ccs-18nx50-tdms 11 ccs-18nx3c-tds 53 cs-18nx30-tds 95 cs-18nx4c-tds 137 ccs-18nx50-tds 12 ccs-18nx3c-tm 54 cs-18nx30-tm 96 cs-18nx4c-tm 138 ccs-18nx50-tm 13 ccs-18nx3c-tms 55 cs-18nx30-tms 97 cs-18nx4c-tms 139 ccs-18nx50-tms 14 ccs-18nx3c-ts 56 cs-18nx30-ts 98 cs-18nx4c-ts 140 ccs-18nx50-ts 15 ccs-18nx30 57 ccs-18nx4c 99 cs-18nx40 141 cs-18nx5c 16 ccs-18nx30-d 58 ccs-18nx4c-d 100 cs-18nx40-d 142 cs-18nx5c-d 17 ccs-18nx30-dm 59 ccs-18nx4c-dm 101 cs-18nx40-dm 143 cs-18nx5c-dm 18 ccs-18nx30-m 60 ccs-18nx4c-m 102 cs-18nx40-m 144 cs-18nx5c-m 19 ccs-18nx30-ms 61 ccs-18nx4c-ms 103 cs-18nx40-ms 145 cs-18nx5c-ms 20 ccs-18nx30-s 62 ccs-18nx4c-s 104 cs-18nx40-s 146 cs-18nx5c-s 21 ccs-18nx30-t 63 ccs-18nx4c-t 105 cs-18nx40-t 147 cs-18nx5c-t 22 ccs-18nx30-td 64 ccs-18nx4c-td 106 cs-18nx40-td 148 cs-18nx5c-td 23 ccs-18nx30-tdm 65 ccs-18nx4c-tdm 107 cs-18nx40-tdm 149 cs-18nx5c-tdm 24 ccs-18nx30-tdms 66 ccs-18nx4c-tdms 108 cs-18nx40-tdms 150 cs-18nx5c-tdms 25 ccs-18nx30-tds 67 ccs-18nx4c-tds 109 cs-18nx40-tds 151 cs-18nx5c-tds 26 ccs-18nx30-tm 68 ccs-18nx4c-tm 110 cs-18nx40-tm 152 cs-18nx5c-tm 27 ccs-18nx30-tms 69 ccs-18nx4c-tms 111 cs-18nx40-tms 153 cs-18nx5c-tms 28 ccs-18nx30-ts 70 ccs-18nx4c-ts 112 cs-18nx40-ts 154 cs-18nx5c-ts 29 cs-18nx3c 71 ccs-18nx40 113 ccs-18nx5c 155 cs-18nx50 30 cs-18nx3c-d 72 ccs-18nx40-d 114 ccs-18nx5c-d 156 cs-18nx50-d 31 cs-18nx3c-dm 73 ccs-18nx40-dm 115 ccs-18nx5c-dm 157 cs-18nx50-dm 32 cs-18nx3c-m 74 ccs-18nx40-m 116 ccs-18nx5c-m 158 cs-18nx50-m 33 cs-18nx3c-ms 75 ccs-18nx40-ms 117 ccs-18nx5c-ms 159 cs-18nx50-ms 34 cs-18nx3c-s 76 ccs-18nx40-s 118 ccs-18nx5c-s 160 cs-18nx50-s 35 cs-18nx3c-t 77 ccs-18nx40-t 119 ccs-18nx5c-t 161 cs-18nx50-t 36 cs-18nx3c-td 78 ccs-18nx40-td 120 ccs-18nx5c-td 162 cs-18nx50-td 37 cs-18nx3c-tdm 79 ccs-18nx40-tdm 121 ccs-18nx5c-tdm 163 cs-18nx50-tdm 38 cs-18nx3c-tdms 80 ccs-18nx40-tdms 122 ccs-18nx5c-tdms 164 cs-18nx50-tdms 39 cs-18nx3c-tds 81 ccs-18nx40-tds 123 ccs-18nx5c-tds 165 cs-18nx50-tds 40 cs-18nx3c-tm 82 ccs-18nx40-tm 124 ccs-18nx5c-tm 166 cs-18nx50-tm 41 cs-18nx3c-tms 83 ccs-18nx40-tms 125 ccs-18nx5c-tms 167 cs-18nx50-tms 42 cs-18nx3c-ts 84 ccs-18nx40-ts 126 ccs-18nx5c-ts 168 cs-18nx50-ts
ccs-18/cs-18 page 14 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches normally open ccs-18n/cs-18n ? ccs-18t/cs-18t part number list * x = 1 (28vdc), 2 (15vdc), 3 (12vdc) and 4 (24vdc) p art n o .p art n o .p art n o .p art n o . 169 ccs-18nx6c 211 cs-18nx60 253 cs-18nx7c 295 ccs-18nx80 170 ccs-18nx6c-d 212 cs-18nx60-d 254 cs-18nx7c-d 296 ccs-18nx80-d 171 ccs-18nx6c-dm 213 cs-18nx60-dm 255 cs-18nx7c-dm 297 ccs-18nx80-dm 172 ccs-18nx6c-m 214 cs-18nx60-m 256 cs-18nx7c-m 298 ccs-18nx80-m 173 ccs-18nx6c-ms 215 cs-18nx60-ms 257 cs-18nx7c-ms 299 ccs-18nx80-ms 174 ccs-18nx6c-s 216 cs-18nx60-s 258 cs-18nx7c-s 300 ccs-18nx80-s 175 ccs-18nx6c-t 217 cs-18nx60-t 259 cs-18nx7c-t 301 ccs-18nx80-t 176 ccs-18nx6c-td 218 cs-18nx60-td 260 cs-18nx7c-td 302 ccs-18nx80-td 177 ccs-18nx6c-tdm 219 cs-18nx60-tdm 261 cs-18nx7c-tdm 303 ccs-18nx80-tdm 178 ccs-18nx6c-tdms 220 cs-18nx60-tdms 262 cs-18nx7c-tdms 304 ccs-18nx80-tdms 179 ccs-18nx6c-tds 221 cs-18nx60-tds 263 cs-18nx7c-tds 305 ccs-18nx80-tds 180 ccs-18nx6c-tm 222 cs-18nx60-tm 264 cs-18nx7c-tm 306 ccs-18nx80-tm 181 ccs-18nx6c-tms 223 cs-18nx60-tms 265 cs-18nx7c-tms 307 ccs-18nx80-tms 182 ccs-18nx6c-ts 224 cs-18nx60-ts 266 cs-18nx7c-ts 308 ccs-18nx80-ts 183 ccs-18nx60 225 ccs-18nx7c 267 cs-18nx70 309 cs-18nx8c 184 ccs-18nx60-d 226 ccs-18nx7c-d 268 cs-18nx70-d 310 cs-18nx8c-d 185 ccs-18nx60-dm 227 ccs-18nx7c-dm 269 cs-18nx70-dm 311 cs-18nx8c-dm 186 ccs-18nx60-m 228 ccs-18nx7c-m 270 cs-18nx70-m 312 cs-18nx8c-m 187 ccs-18nx60-ms 229 ccs-18nx7c-ms 271 cs-18nx70-ms 313 cs-18nx8c-ms 188 ccs-18nx60-s 230 ccs-18nx7c-s 272 cs-18nx70-s 314 cs-18nx8c-s 189 ccs-18nx60-t 231 ccs-18nx7c-t 273 cs-18nx70-t 315 cs-18nx8c-t 190 ccs-18nx60-td 232 ccs-18nx7c-td 274 cs-18nx70-td 316 cs-18nx8c-td 191 ccs-18nx60-tdm 233 ccs-18nx7c-tdm 275 cs-18nx70-tdm 317 cs-18nx8c-tdm 192 ccs-18nx60-tdms 234 ccs-18nx7c-tdms 276 cs-18nx70-tdms 318 cs-18nx8c-tdms 193 ccs-18nx60-tds 235 ccs-18nx7c-tds 277 cs-18nx70-tds 319 cs-18nx8c-tds 194 ccs-18nx60-tm 236 ccs-18nx7c-tm 278 cs-18nx70-tm 320 cs-18nx8c-tm 195 ccs-18nx60-tms 237 ccs-18nx7c-tms 279 cs-18nx70-tms 321 cs-18nx8c-tms 196 ccs-18nx60-ts 238 ccs-18nx7c-ts 280 cs-18nx70-ts 322 cs-18nx8c-ts 197 cs-18nx6c 239 ccs-18nx70 281 ccs-18nx8c 323 cs-18nx80 198 cs-18nx6c-d 240 ccs-18nx70-d 282 ccs-18nx8c-d 324 cs-18nx80-d 199 cs-18nx6c-dm 241 ccs-18nx70-dm 283 ccs-18nx8c-dm 325 cs-18nx80-dm 200 cs-18nx6c-m 242 ccs-18nx70-m 284 ccs-18nx8c-m 326 cs-18nx80-m 201 cs-18nx6c-ms 243 ccs-18nx70-ms 285 ccs-18nx8c-ms 327 cs-18nx80-ms 202 cs-18nx6c-s 244 ccs-18nx70-s 286 ccs-18nx8c-s 328 cs-18nx80-s 203 cs-18nx6c-t 245 ccs-18nx70-t 287 ccs-18nx8c-t 329 cs-18nx80-t 204 cs-18nx6c-td 246 ccs-18nx70-td 288 ccs-18nx8c-td 330 cs-18nx80-td 205 cs-18nx6c-tdm 247 ccs-18nx70-tdm 289 ccs-18nx8c-tdm 331 cs-18nx80-tdm 206 cs-18nx6c-tdms 248 ccs-18nx70-tdms 290 ccs-18nx8c-tdms 332 cs-18nx80-tdms 207 cs-18nx6c-tds 249 ccs-18nx70-tds 291 ccs-18nx8c-tds 333 cs-18nx80-tds 208 cs-18nx6c-tm 250 ccs-18nx70-tm 292 ccs-18nx8c-tm 334 cs-18nx80-tm 209 cs-18nx6c-tms 251 ccs-18nx70-tms 293 ccs-18nx8c-tms 335 cs-18nx80-tms 210 cs-18nx6c-ts 252 ccs-18nx70-ts 294 ccs-18nx8c-ts 336 cs-18nx80-ts
? 2013 teledyne relays (800) 284-7007 ? www.teledynecoax.com ccs-18/cs-18 page 15 ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches normally open ccs-18n/cs-18n ? ccs-18t/cs-18t part number list * x = 1 (28vdc), 2 (15vdc), 3 (12vdc) and 4 (24vdc) p art n o .p art n o .p art n o .p art n o . 337 ccs-18tx3c 379 cs-18tx30 421 cs-18tx4c 463 ccs-18tx50 338 ccs-18tx3c-d 380 cs-18tx30-d 422 cs-18tx4c-d 464 ccs-18tx50-d 339 ccs-18tx3c-dm 381 cs-18tx30-dm 423 cs-18tx4c-dm 465 ccs-18tx50-dm 340 ccs-18tx3c-m 382 cs-18tx30-m 424 cs-18tx4c-m 466 ccs-18tx50-m 341 ccs-18tx3c-ms 383 cs-18tx30-ms 425 cs-18tx4c-ms 467 ccs-18tx50-ms 342 ccs-18tx3c-s 384 cs-18tx30-s 426 cs-18tx4c-s 468 ccs-18tx50-s 343 ccs-18tx3c-t 385 cs-18tx30-t 427 cs-18tx4c-t 469 ccs-18tx50-t 344 ccs-18tx3c-td 386 cs-18tx30-td 428 cs-18tx4c-td 470 ccs-18tx50-td 345 ccs-18tx3c-tdm 387 cs-18tx30-tdm 429 cs-18tx4c-tdm 471 ccs-18tx50-tdm 346 ccs-18tx3c-tdms 388 cs-18tx30-tdms 430 cs-18tx4c-tdms 472 ccs-18tx50-tdms 347 ccs-18tx3c-tds 389 cs-18tx30-tds 431 cs-18tx4c-tds 473 ccs-18tx50-tds 348 ccs-18tx3c-tm 390 cs-18tx30-tm 432 cs-18tx4c-tm 474 ccs-18tx50-tm 349 ccs-18tx3c-tms 391 cs-18tx30-tms 433 cs-18tx4c-tms 475 ccs-18tx50-tms 350 ccs-18tx3c-ts 392 cs-18tx30-ts 434 cs-18tx4c-ts 476 ccs-18tx50-ts 351 ccs-18tx30 393 ccs-18tx4c 435 cs-18tx40 477 cs-18tx5c 352 ccs-18tx30-d 394 ccs-18tx4c-d 436 cs-18tx40-d 478 cs-18tx5c-d 353 ccs-18tx30-dm 395 ccs-18tx4c-dm 437 cs-18tx40-dm 479 cs-18tx5c-dm 354 ccs-18tx30-m 396 ccs-18tx4c-m 438 cs-18tx40-m 480 cs-18tx5c-m 355 ccs-18tx30-ms 397 ccs-18tx4c-ms 439 cs-18tx40-ms 481 cs-18tx5c-ms 356 ccs-18tx30-s 398 ccs-18tx4c-s 440 cs-18tx40-s 482 cs-18tx5c-s 357 ccs-18tx30-t 399 ccs-18tx4c-t 441 cs-18tx40-t 483 cs-18tx5c-t 358 ccs-18tx30-td 400 ccs-18tx4c-td 442 cs-18tx40-td 484 cs-18tx5c-td 359 ccs-18tx30-tdm 401 ccs-18tx4c-tdm 443 cs-18tx40-tdm 485 cs-18tx5c-tdm 360 ccs-18tx30-tdms 402 ccs-18tx4c-tdms 444 cs-18tx40-tdms 486 cs-18tx5c-tdms 361 ccs-18tx30-tds 403 ccs-18tx4c-tds 445 cs-18tx40-tds 487 cs-18tx5c-tds 362 ccs-18tx30-tm 404 ccs-18tx4c-tm 446 cs-18tx40-tm 488 cs-18tx5c-tm 363 ccs-18tx30-tms 405 ccs-18tx4c-tms 447 cs-18tx40-tms 489 cs-18tx5c-tms 364 ccs-18tx30-ts 406 ccs-18tx4c-ts 448 cs-18tx40-ts 490 cs-18tx5c-ts 365 cs-18tx3c 407 ccs-18tx40 449 ccs-18tx5c 491 cs-18tx50 366 cs-18tx3c-d 408 ccs-18tx40-d 450 ccs-18tx5c-d 492 cs-18tx50-d 367 cs-18tx3c-dm 409 ccs-18tx40-dm 451 ccs-18tx5c-dm 493 cs-18tx50-dm 368 cs-18tx3c-m 410 ccs-18tx40-m 452 ccs-18tx5c-m 494 cs-18tx50-m 369 cs-18tx3c-ms 411 ccs-18tx40-ms 453 ccs-18tx5c-ms 495 cs-18tx50-ms 370 cs-18tx3c-s 412 ccs-18tx40-s 454 ccs-18tx5c-s 496 cs-18tx50-s 371 cs-18tx3c-t 413 ccs-18tx40-t 455 ccs-18tx5c-t 497 cs-18tx50-t 372 cs-18tx3c-td 414 ccs-18tx40-td 456 ccs-18tx5c-td 498 cs-18tx50-td 373 cs-18tx3c-tdm 415 ccs-18tx40-tdm 457 ccs-18tx5c-tdm 499 cs-18tx50-tdm 374 cs-18tx3c-tdms 416 ccs-18tx40-tdms 458 ccs-18tx5c-tdms 500 cs-18tx50-tdms 375 cs-18tx3c-tds 417 ccs-18tx40-tds 459 ccs-18tx5c-tds 501 cs-18tx50-tds 376 cs-18tx3c-tm 418 ccs-18tx40-tm 460 ccs-18tx5c-tm 502 cs-18tx50-tm 377 cs-18tx3c-tms 419 ccs-18tx40-tms 461 ccs-18tx5c-tms 503 cs-18tx50-tms 378 cs-18tx3c-ts 420 ccs-18tx40-ts 462 ccs-18tx5c-ts 504 cs-18tx50-ts
ccs-18/cs-18 page 16 specifications are subject to change without notice ? 2013 teledyne coax switches ccs-18\cs-18\072013\q3 series ccs-18/cs-18 high power multi-throw dc?12 ghz normally open coaxial switch coax switches normally open ccs-18n/cs-18n ? ccs-18t/cs-18t part number list * x = 1 (28vdc), 2 (15vdc), 3 (12vdc) and 4 (24vdc) p art n o .p art n o .p art n o .p art n o . 505 ccs-18tx6c 547 cs-18tx60 589 cs-18tx7c 631 ccs-18tx80 506 ccs-18tx6c-d 548 cs-18tx60-d 590 cs-18tx7c-d 632 ccs-18tx80-d 507 ccs-18tx6c-dm 549 cs-18tx60-dm 591 cs-18tx7c-dm 633 ccs-18tx80-dm 508 ccs-18tx6c-m 550 cs-18tx60-m 592 cs-18tx7c-m 634 ccs-18tx80-m 509 ccs-18tx6c-ms 551 cs-18tx60-ms 593 cs-18tx7c-ms 635 ccs-18tx80-ms 510 ccs-18tx6c-s 552 cs-18tx60-s 594 cs-18tx7c-s 636 ccs-18tx80-s 511 ccs-18tx6c-t 553 cs-18tx60-t 595 cs-18tx7c-t 637 ccs-18tx80-t 512 ccs-18tx6c-td 554 cs-18tx60-td 596 cs-18tx7c-td 638 ccs-18tx80-td 513 ccs-18tx6c-tdm 555 cs-18tx60-tdm 597 cs-18tx7c-tdm 639 ccs-18tx80-tdm 514 ccs-18tx6c-tdms 556 cs-18tx60-tdms 598 cs-18tx7c-tdms 640 ccs-18tx80-tdms 515 ccs-18tx6c-tds 557 cs-18tx60-tds 599 cs-18tx7c-tds 641 ccs-18tx80-tds 516 ccs-18tx6c-tm 558 cs-18tx60-tm 600 cs-18tx7c-tm 642 ccs-18tx80-tm 517 ccs-18tx6c-tms 559 cs-18tx60-tms 601 cs-18tx7c-tms 643 ccs-18tx80-tms 518 ccs-18tx6c-ts 560 cs-18tx60-ts 602 cs-18tx7c-ts 644 ccs-18tx80-ts 519 ccs-18tx60 561 ccs-18tx7c 603 cs-18tx70 645 cs-18tx8c 520 ccs-18tx60-d 562 ccs-18tx7c-d 604 cs-18tx70-d 646 cs-18tx8c-d 521 ccs-18tx60-dm 563 ccs-18tx7c-dm 605 cs-18tx70-dm 647 cs-18tx8c-dm 522 ccs-18tx60-m 564 ccs-18tx7c-m 606 cs-18tx70-m 648 cs-18tx8c-m 523 ccs-18tx60-ms 565 ccs-18tx7c-ms 607 cs-18tx70-ms 649 cs-18tx8c-ms 524 ccs-18tx60-s 566 ccs-18tx7c-s 608 cs-18tx70-s 650 cs-18tx8c-s 525 ccs-18tx60-t 567 ccs-18tx7c-t 609 cs-18tx70-t 651 cs-18tx8c-t 526 ccs-18tx60-td 568 ccs-18tx7c-td 610 cs-18tx70-td 652 cs-18tx8c-td 527 ccs-18tx60-tdm 569 ccs-18tx7c-tdm 611 cs-18tx70-tdm 653 cs-18tx8c-tdm 528 ccs-18tx60-tdms 570 ccs-18tx7c-tdms 612 cs-18tx70-tdms 654 cs-18tx8c-tdms 529 ccs-18tx60-tds 571 ccs-18tx7c-tds 613 cs-18tx70-tds 655 cs-18tx8c-tds 530 ccs-18tx60-tm 572 ccs-18tx7c-tm 614 cs-18tx70-tm 656 cs-18tx8c-tm 531 ccs-18tx60-tms 573 ccs-18tx7c-tms 615 cs-18tx70-tms 657 cs-18tx8c-tms 532 ccs-18tx60-ts 574 ccs-18tx7c-ts 616 cs-18tx70-ts 658 cs-18tx8c-ts 533 cs-18tx6c 575 ccs-18tx70 617 ccs-18tx8c 659 cs-18tx80 534 cs-18tx6c-d 576 ccs-18tx70-d 618 ccs-18tx8c-d 660 cs-18tx80-d 535 cs-18tx6c-dm 577 ccs-18tx70-dm 619 ccs-18tx8c-dm 661 cs-18tx80-dm 536 cs-18tx6c-m 578 ccs-18tx70-m 620 ccs-18tx8c-m 662 cs-18tx80-m 537 cs-18tx6c-ms 579 ccs-18tx70-ms 621 ccs-18tx8c-ms 663 cs-18tx80-ms 538 cs-18tx6c-s 580 ccs-18tx70-s 622 ccs-18tx8c-s 664 cs-18tx80-s 539 cs-18tx6c-t 581 ccs-18tx70-t 623 ccs-18tx8c-t 665 cs-18tx80-t 540 cs-18tx6c-td 582 ccs-18tx70-td 624 ccs-18tx8c-td 666 cs-18tx80-td 541 cs-18tx6c-tdm 583 ccs-18tx70-tdm 625 ccs-18tx8c-tdm 667 cs-18tx80-tdm 542 cs-18tx6c-tdms 584 ccs-18tx70-tdms 626 ccs-18tx8c-tdms 668 cs-18tx80-tdms 543 cs-18tx6c-tds 585 ccs-18tx70-tds 627 ccs-18tx8c-tds 669 cs-18tx80-tds 544 cs-18tx6c-tm 586 ccs-18tx70-tm 628 ccs-18tx8c-tm 670 cs-18tx80-tm 545 cs-18tx6c-tms 587 ccs-18tx70-tms 629 ccs-18tx8c-tms 671 cs-18tx80-tms 546 cs-18tx6c-ts 588 ccs-18tx70-ts 630 ccs-18tx8c-ts 672 cs-18tx80-ts


▲Up To Search▲   

 
Price & Availability of CCS-18N130-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X