Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
 

To Download BSM300C12P3E201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sic power module BSM300C12P3E201 ? application ? circuit diagram ? motor drive ? converter ? photovoltaics, wind power generation. ? features 1) low surge, low switching loss. 2) high-speed switching possible. 3) reduced temperature dependence. ? construction this product is a chopper module consisting of sic-umosfet and sic-sbd from rohm. ? dimensions & pin layout (unit : mm) *do not connect anything to nc pin. 1 3,4 2 5 6 8 9(n.c) 7 1/10 2017.02 - rev.b data s heet www.rohm.com ? 2015 rohm co., ltd. all rights reserved.
BSM300C12P3E201 ? absolute maximum ratings (t j = 25c) symbol unit v dss g-s short repetitive reverse voltage v dss clamp diode i d dc (t c =60c) i drm pulse (t c =60c) 1ms * 2 i s dc (t c =60c ) v gs =18v i srm i srm i f dc (t c =60c ) v gs =18v i frm total power disspation * 3 ptot t c =25c w max junction temperature t jmax t jop t stg main terminals : m6 screw (*1) case temperature (t c ) is defined on the surface of base plate just under the chips. (*2) repetition rate should be kept within the range where temperature rise if die should not exceed t j max. (*3) t j is less than 175c ? waveform for switching test a 1200 forward curent (clamp diode) * 1 300 pulse (tc=60c) 1ms v gs =18v * 2 600 gate-source voltage( ? ) gate-source voltage( ? ) pulse (tc=60c) 10? s v gs =0v * 2 source current * 1 v gss d-s short drain current * 1 v 600 300 600 conditions 175 1360 limit 1200 22 ? 4 300 600 parameter drain-source voltage mounting torque isolation voltage mounting to heat shink : m5 screw storage temperature junction temperature ? visol terminals to baseplate, f=60hz ac 1min. pulse (tc=60c) 1ms v gs =18v * 2 c n m vrms 4.5 3.5 ? 40 to150 ? 40 to125 2500 i d v ds 10% v gs 10% 90% 10% 10% 90% eon=idvds 2% td(on) tr 2% trr 90% 2% 2% eoff=idvds td(off) tf vsurge 2/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristics (t j =25c) symbol min. typ. max. unit t j =25c 1.9 3.0 t j =125c 2.7 t j =150c 3 4.5 i dss -10 ? a t j =25c 1.6 2.1 t j =125c 2.2 - t j =150c 2.3 3.2 i rrm - - 3.2 ma v gs(th) 2.7 - 5.6 v 0.5 ? 0.5 t d(on) 40 t r 35 t rr 6 t d(off) 155 t f 40 ciss v ds =10v, v gs =0v,100khz 15 nf gate registance r gint t j =25c - 0.9 - ? ntc rated resistance r25 5.0 k ? ntc b value b50/25 3370 k stray inductance ls 13 - nh terminal to heat sink 14.5 - mm terminal to terminal 15.0 - mm terminal to heat sink 12.0 - mm terminal to terminal 9.0 - mm umos (1/2 module) * 4 0.11 sbd (1/2 module) * 4 0.11 (*4) measurement of t c is to be done at the point just under the chip. (*5) typical value is measured by using thermally conductive grease of =0.9w/(m g?k). (*6) sic devices have lower short cuicuit withstand capability due to high current density. please be advised to pay careful attention to short cuicuit accident and try to adjust protection ime to shutdown them as short as possible. c/w drain cutoff current v ds =1200v, v gs =0v v f i f =300a v - - gate-source leakage current i gss v gs =22v, v ds =0v v gs = ? 6v, v ds =0v switching characteristics v gs(on) =18v, v gs(off) =0v v ds =600v i d =300a r g =1.8 ? inductive load gate-source threshold voltage v ds =10v, i d =80ma parameter conditions static drain-source on-state voltage v ds(on) i c =300a, v gs =18v v ? a ns forwad voltag reverse curent clamp diode - input capacitance junction-to-case thermal resistance r th (j-c) creepage distance clearance distance case-to-heat sink thermal resistance r th (c-f) case to heat sink, per 1 module, thermal grease appied * 5 - 0.035 3/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) fig.1 typical output characteristics [ t j =25oc ] drain current : i d [a] drain-source voltage : v ds [v] fig.2 drain-source voltage vs. drain current drain-source voltage : v ds [v] drain current : i d [a] fig.3 drain-source voltage vs. gate-source voltage [ t j =25oc ] drain-source voltage : v ds [v] gate-source voltage : v gs [v] junction temperature : t j [oc] static drain - source on-state resistance : r ds(on) [m ? ] fig.4 static drain - source on-state resistance vs. junction temperature 0 100 200 300 400 500 600 02468 t j =25oc v gs =16v v gs =18v v gs =20v v gs =14v v gs =12v v gs =10v 0 1 2 3 4 5 6 7 8 0 100 200 300 400 500 600 v gs =18v t j =25oc t j =125oc t j =150oc 0 1 2 3 4 5 12 14 16 18 20 22 24 i d =300a t j =25oc i d =200a i d =150a i d =100a 0 5 10 15 20 0 50 100 150 200 250 i d =300a v gs =12v v gs =14v v gs =16v v gs =18v v gs =20v 4/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) fig.6 forward characteristic of diode source current : is [a] source-drain voltage : v sd [v] gate-source voltage : v gs [v] fig.7 drain current vs. gate-source voltage drain current : i d [a] fig.8 drain current vs. gate-source voltage drain current : i d [a] gate-source voltage : v gs [v] fig.5 forward characteristic of diode source current : is [a] source-drain voltage : v sd [v] 10 100 1000 01234 t j =125oc t j =150oc t j =25oc 0 100 200 300 400 500 600 01234 t j =25oc t j =125oc t j =150oc 0 100 200 300 400 500 600 0 5 10 15 v ds =20v t j =25oc t j =125oc t j =150oc 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 0 5 10 15 t j =25oc t j =125oc v ds =20v t j =150oc 5/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) fig.12 switching loss vs. drain current [ t j =25oc ] drain current : i d [a] fig.10 switching characteristics [ t j =125oc ] switching time : t [ns] drain current : i d [a] switching loss [mj] drain current : i d [a] fig.9 switching char acteristics [ t j =25oc ] switching time : t [ns] fig.11 switching characteristics [ t j =150oc ] switching time : t [ns] drain current : i d [a] 1 10 100 1000 0 200 400 600 td(off) tr td(on) tf v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load 1 10 100 1000 0 200 400 600 tf td(off) tr td(on) v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load 0 2 4 6 8 10 12 14 16 18 20 0 200 400 600 e on e off e rr v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load 1 10 100 1000 0 200 400 600 td(off) tr td(on) tf v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load 6/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) drain current : i d [a] fig.16 recovery characteristics vs. drain current [ t j =125oc ] recovery time : t rr [ns] recovery current : i rr [a] recovery time : t rr [ns] fig.15 recovery characteristics vs. drain current [ t j =25oc ] drain current : i d [a] fig.14 switching loss vs. drain current [ t j =150oc ] switching loss [mj] drain current : i d [a] fig.13 switching loss vs. drain current [ t j =125oc ] switching loss [mj] drain current : i d [a] 0 2 4 6 8 10 12 14 16 18 20 0 200 400 600 e off e rr v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load e on 10 100 1000 1 10 100 0 100 200 300 400 500 600 v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load trr irr 10 100 1000 1 10 100 0 100 200 300 400 500 600 v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load irr trr 0 2 4 6 8 10 12 14 16 18 20 0 200 400 600 e off e rr v ds =600v v gs(on) =18v v gs(off) =0v r g =1.8 ? inductive load e on recovery current : i rr [a] 7/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) 10 100 1000 10000 110100 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load td(off) td(on) tr tf gate resistance : r g [ ? ] fig.18 switching characteristics vs. gate resistance [ t j =25oc ] gate resistance : r g [ ? ] fig.20 switching characteristics vs. gate resistance [ t j =150oc ] switching time : t [ns] recovery current : i rr [a] recovery time : t rr [ns] fig.17 recovery characteristics vs. drain current [ t j =150oc ] drain current : i d [a] gate resistance : r g [ ? ] fig.19 switching characteristics vs. gate resistance [ t j =125oc ] switching time : t [ns] 10 100 1000 10000 110100 td(off) td(on) v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load tf tr 10 100 1000 1 10 100 0 100 200 300 400 500 600 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load trr irr 10 100 1000 10000 110100 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load td(off) td(on) tr tf switching time : t [ns] 8/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) fig.22 switching loss vs. gate resistance [ t j =125oc ] switching loss [mj] gate resistance : r g [ ? ] fig.24 typical capacitance vs. drain-source voltage drain-source voltage : v ds [v] capasitance : c [f] fig.21 switching loss vs. gate resistance [ t j =25oc ] switching loss [mj] gate resistance : r g [ ? ] fig.23 switching loss vs. gate resistance [ t j =150oc ] switching loss [mj] gate resistance : r g [ ? ] 0 10 20 30 40 50 60 110100 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load e on e off e rr 0 10 20 30 40 50 60 110100 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load e on e off e rr 0 10 20 30 40 50 60 110100 v ds =600v i d =300a v gs(on) =18v v gs(off) =0v inductive load e on e off e rr 1.e-10 1.e-09 1.e-08 1.e-07 0.01 0.1 1 10 100 1000 t j =25oc v gs =0v 200khz c oss c iss c rss 9/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
BSM300C12P3E201 ? electrical characteristic curves (typical) time [s] fig.26 normalized transient thermal impedance normalized transient thermal impedance : rth fig.25 gate charge characteristics gate-source voltage : v gs [v] total gate charge : qg [nc] 0 5 10 15 20 25 0 200 400 600 800 1000 i d =300a v ds =600v t j =25oc 0.01 0.1 1 0.001 0.01 0.1 1 10 single pulse t c =25oc per unit base umos part : 0.11k/w sbd part : 0.11k/w 10/10 2017.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. datasheet
r1102 a www.rohm.com ? 2015 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes the information contained herein is subject to change without notice. before you use our products, please contact our sales representative and verify the latest specifica- tions : although rohm is continuously working to improve product reliability and quality, semicon- ductors can break down and malfunction due to various factors. therefore, in order to prevent personal injury or fire arising from failure, please take safety measures such as complying with the derating characteristics, implementing redundant and fire prevention designs, and utilizing backups and fail-safe procedures. rohm shall have no responsibility for any damages arising out of the use of our poducts beyond the rating specified by rohm. examples of application circuits, circuit constants and any other information contained herein are provided only to illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm or any other parties. rohm shall have no responsibility whatsoever for any dispute arising out of the use of such technical information. the products are intended for use in general electronic equipment (i.e. av/oa devices, communi- cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in this document. the products specified in this document are not designed to be radiation tolerant. for use of our products in applications requiring a high degree of reliability (as exemplified below), please contact and consult with a rohm representative : transportation equipment (i.e. cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety equipment, medical systems, servers, solar cells, and power transmission systems. do not use our products in applications requiring extremely high reliability, such as aerospace equipment, nuclear power control systems, and submarine repeaters. rohm shall have no responsibility for any damages or injury arising from non-compliance with the recommended usage conditions and specifications contained herein. rohm has used reasonable care to ensur the accuracy of the information contained in this document. however, rohm does not warrants that such information is error-free, and rohm shall have no responsibility for any damages arising from any inaccuracy or misprint of such information. please use the products in accordance with any applicable environmental laws and regulations, such as the rohs directive. for more details, including rohs compatibility, please contact a rohm sales office. rohm shall have no responsibility for any damages or losses resulting non-compliance with any applicable laws or regulations. when providing our products and technologies contained in this document to other countries, you must abide by the procedures and provisions stipulated in all applicable export laws and regulations, including without limitation the us export administration regulations and the foreign exchange and foreign trade act. this document, in part or in whole, may not be reprinted or reproduced without prior consent of rohm. 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) 11) 12) 13) 14)
datasheet part number BSM300C12P3E201 package e unit quantity 4 minimum package quantity 4 packing type tray constitution materials list inquiry rohs yes BSM300C12P3E201 - web page


▲Up To Search▲   

 
Price & Availability of BSM300C12P3E201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X