Part Number Hot Search : 
MB91F IA0503S HC0438 BY631 101M10 2SC5044 LURF2643 74LS3
Product Description
Full Text Search
 

To Download APT10040LVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings all ratings: t c = 25c unless otherwise specified. unit volts amps volts watts w/c c amps mj unit volts amps ohms a na volts min typ max 1000 25 0.400 25 250 100 24 apt10040 1000 25 100 30 40 625 5.0 -55 to 150 300 33 50 3000 apt10040b2vr APT10040LVR 1000v 25a 0.400  characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 2.5ma) symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? identical specifications: t-max? or to-264 package ? faster switching ? lower leakage   t-max ? usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 g d s to-264 050-5909 reva 5-2002 b2vr lvr
1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 9.60mh, r g = 25 ? , peak i l = 25a 2 pulse test: pulse width < 380 s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. dynamic characteristics apt10040 b2vr - lvr symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = 0.5 i d[cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d[cont.] @ 25c r g = 0.6 ? min typ max 7830 9400 715 1010 386 580 415 630 37 45 216 330 13 26 13 26 57 86 920 unit pf nc ns characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time source-drain diode ratings and characteristics unit amps volts ns c min typ max 25 100 1.3 1060 25.5 thermal characteristics symbol r jc r ja min typ max 0.20 40 unit c/w characteristic junction to case junction to ambient symbol i s i sm v sd t rr q rr characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) reverse recovery time (i s = -i d[cont.] , dl s /dt = 100a/s) reverse recovery charge (i s = -i d[cont.] , dl s /dt = 100a/s) 050-5909 rev a 5-2002 z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.2 0.1 0.05 0.01 0.005 0.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01
050-5909 rev a 5-2002 typical preformance curves graph deleted r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, high voltage output characteristics figure 3, low voltage output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature 4v 4.5v 5v v gs =7, 10 &15v 0 5 10 15 20 25 012345678 0510152025303540 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 80 70 60 50 40 30 20 10 0 25 20 15 10 5 0 3.0 2.5 2.0 1.5 1.0 0.5 0.0 t j = +125c t j = +25c t j = -55c v ds > i d (on) x r ds (on)max. 250sec. pulse test @ <0.5 % duty cycle 60 50 40 30 20 10 0 1.2 1.15 1.1 1.05 1.0 0.95 0.90 1.15 1.10 1.05 1.00 0.95 0.90 1.2 1.1 1.0 0.9 0.8 0.7 0.6 v gs =10v v gs =20v normalized to v gs = 10v @ 0.5 i d [cont.] i d = 0.5 i d [cont.] v gs = 10v 5.5v 6v
apt10040 b2vr - lvr 050-5909 rev a 5-2002 v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain source gate these dimensions are equal to the to-247 without the mounting hole. drain 2-plcs. 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090)  2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122)  3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bsc 2-plcs. dimensions in millimeters and (inches) t-max tm (b2) package outline to-264 (l) package outline v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charge vs gate-to-source voltage figure 13, source-drain diode forward voltage 10ms 1ms 100s t c =+25c t j =+150c single pulse operation here limited by r ds (on) c rss c iss c oss 1 5 10 50 100 500 1000 .01 .1 1 10 50 0 100 200 300 400 500 0.3 0.5 0.7 0.9 1.1 1.3 1.5 100 50 10 5 1 12 10 8 6 4 2 0 v ds =250v v ds =100v v ds =400v i d = i d [cont.] 40,000 10,000 5,000 1,000 500 100 100 50 10 5 1 t j =+150c t j =+25c


▲Up To Search▲   

 
Price & Availability of APT10040LVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X