Part Number Hot Search : 
SOC100X SCC21520 T6450A HER504 R5031018 2SA1037 75M12 2106A
Product Description
Full Text Search
 

To Download 2SD1766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd sot-89 -3l plastic-encapsulate transistors 2SD1766 transistor (npn) features z low v ce(sat) .v ce(sat) =0.16v(typ.)(i c /i b =2a/0.2a) z complements to 2sb1188 maximum ratings (t a =25 unless otherwise noted) symbol parameter value unit v cbo collector-base voltage 40 v v ceo collector-emitter voltage 32 v v ebo emitter-base voltage 5 v i c collector current -continuous 2 a p c collector dissipation 500 mw t j junction temperature 150 t stg storage temperature -55-150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in t yp max unit collector-base breakdown voltage v (br)cbo i c =50 a, i e =0 40 v collector-emitter breakdown voltage v (br)ceo i c =1ma, i b =0 32 v emitter-base breakdown voltage v (br)ebo i e =50 a, i c =0 5 v collector cut-off current i cbo v cb =20v, i e =0 1 a emitter cut-off current i ebo v eb =4v, i c =0 1 a dc current gain h fe(1) v ce =3v, i c =500ma 82 390 collector-emitter saturation voltage v ce(sat) i c =2a, i b =0.2a 0.8 v transition frequency f t v ce =5v, i c =50ma, f=100mhz 100 mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz 30 pf classification of h fe(1) rank p q r range 82-180 120-270 180-390 marking dbp dbq dbr sot-89 -3l 1. base 2. collector 3. emitter www.cj-elec.com 1 c , nov ,2015 b,jun,2012
10 100 10 100 1000 0.1 1 10 100 1000 0 200 400 600 800 1000 0 25 50 75 100 125 150 0 200 400 600 0.1 1 10 100 1000 1 10 100 1 10 100 1000 10 100 1000 0.1 1 10 1 10 100 1000 0.0 0.3 0.6 0.9 1.2 0.1 1 10 100 1000 012345 0 100 200 300 400 500 600 700 40 5 2000 i c f t ?? common emitter v ce =5v t a =25 collector current i c (ma) transition frequency f t (mhz) 2000 =10 i c v besat ?? base-emitter saturation voltage v besat (mv) collector curremt i c (ma) t a =100 t a =25 p c ?? t a ambient temperature t a ( ) collector power dissipation p c (mw) 2000 2000 t a =100 t a =25 =10 i c v cesat ?? collector-emitter saturation voltage v cesat (mv) collector curremt i c (ma) 300 i c h fe ?? t a =100 t a =25 dc current gain h fe collector current i c (ma) common emitter v ce = 3v 30 f=1mhz i e =0/i c =0 t a =25 v cb /v eb c ob /c ib ?? c ob c ib reverse voltage v (v) capacitance c (pf) collector current i c (ma) base-emmiter voltage v be (v) v be ?? i c t a = 2 5 t a = 1 0 0 common emitter v ce =3v static characteristic common emitter t a =25 2.0ma 1.6ma 1.4ma 1.2ma 1.0ma 0.8ma 0.6ma 1.8ma 0.4ma i b =0.2ma collector current i c (ma) collector-emitter voltage v ce (v) typical characteristics www.cj-elec.com 2 c , nov ,2015 b,jun,2012
min m a x min m a x a 1.400 1.600 0.055 0.063 b 0.320 0.520 0.013 0.020 b1 0.400 0.580 0.016 0.023 c 0.350 0.440 0.014 0.017 d 4.400 4.600 0.173 0.181 d1 e 2.300 2.600 0.091 0.102 e1 3.940 4.250 0.155 0.167 e e1 l 0.900 1.200 0.035 0.047 symbol dimensions in millimeters dimensions in inches 1.550 ref. 0.061 ref. 1.500 typ. 0.060 typ. 3.000 typ. 0.118 typ. 62 7  / 3dfndjh2xwolqh'lphqvlrqv 62 7  / 6xjjhvwhg3dg/d\rxw  www.cj-elec.com 3 c , nov ,2015
62 7  / 7dshdqg5hho www.cj-elec.com 4 c , nov ,2015


▲Up To Search▲   

 
Price & Availability of 2SD1766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X