Part Number Hot Search : 
MC14566 IC16F HMPSA64 UPC812 2SK2219 F9444 BSP130 M62262FP
Product Description
Full Text Search
 

To Download 2SD1766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification npn silicon epitaxial planar transistor 2SD1766 e018 www.gmicroelec.com rev.a 1 features z low saturation voltage:v ce(sat) =0.5v(typ.) z p c =0.5w(mounted on ceramic substrate) z small flat package. z complementary pair with 2sb1188. applications z power amplifier application. sot-89 ordering information type no. marking package code 2SD1766 dbp/dbq/dbr sot-89 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 40 v v ceo collector-emitter voltage 32 v v ebo emitter-base voltage 5 v i c collector current -continuous 2 a p c collector dissipation 500 mw t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification npn silicon epitaxial planar transistor 2SD1766 e018 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =50 a,i e =0 40 v collector-emitter breakdown voltage v (br)ceo i c =1ma,i b =0 32 v emitter-base breakdown voltage v (br)ebo i e =50 a,i c =0 5 v collector cut-off current i cbo v cb =20v,i e =0 1 a emitter cut-off current i ebo v eb =4v,i c =0 1 a dc current gain h fe v ce =3v,i c =500ma 82 390 collector-emitter saturation voltage v ce(sat) i c =2a, i b =200ma 0.5 0.8 v transition frequency f t v ce =5v, i e =50ma f=100mhz 100 mhz collector output capacitance c ob v cb =10v,i e =0,f=1mhz 30 pf classification of h fe rank p q r range 82-180 120-270 180-390 marking dbp dbq dbr
production specification npn silicon epitaxial planar transistor 2SD1766 e018 www.gmicroelec.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
production specification npn silicon epitaxial planar transistor 2SD1766 e018 www.gmicroelec.com rev.a 4 package outline plastic surface mounted package sot-89 soldering footprint unit:mm package information sot-89 dim min max a 4.30 4.70 b 2.25 2.65 c 1.50 typical d 0.40 typical e 1.40 1.60 f 0.48 typical h 1.60 1.80 j 0.40 typical l 0.90 1.10 k 3.95 4.35 all dimensions in mm device package shipping 2SD1766 sot-89 1000/tape&reel b k c d e j f a h l 4 5 4 5 1.00 1.50 1.50 0.90 2.20 0.90 1.00 1.50


▲Up To Search▲   

 
Price & Availability of 2SD1766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X