Part Number Hot Search : 
RD18UM ACS02D SI8410 FR85J02 WM8991 SS411 T994D S2001
Product Description
Full Text Search
 

To Download 2SB1097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1097 d escription with to-220fa package low collector saturation voltage complement to type 2sd1588 applications for low frequency power amplifier and low speed switching applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -80 v v ceo collector -emitter voltage open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -7 a t a =25 2.0 p c collector power dissipation t c =25 30 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1097 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma; i b =0 -60 v v (br)cbo collector-base breakdown voltage i c =-1ma; i e =0 -80 v v (br)ebo emitter-base breakdown voltage i e =-1ma; i c =0 -5 v v cesat collector-emitter saturation voltage i c =-5a ;i b =-0.5a -0.5 v v besat base-emitter saturation voltage i c =-5a ;i b =-0.5a -1.5 v i cbo collector cut-off current v cb =-60v; i e =0 -10 a i ebo emitter cut-off current v eb =-5v; i c =0 -10 a h fe dc current gain i c =-3a ; v ce =-1v 40 200  h fe classifications m l k 40-80 60-120 100-200 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1097 package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB1097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X