Part Number Hot Search : 
EGP20DT WFF13N50 2SC44 85001 AC100 SSIK3XXX CRO2780A ATA68
Product Description
Full Text Search
 

To Download 1N5334BE3TR7DO-201AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf 01117 , rev . b ( 9/ 23 /13 ) ?201 3 microsemi corporation page 1 of 5 1n5334be3 C 1n5388b e3 (d0 -201ae package) compliant silicon 5 watt zener diodes description the 1n533 4b e3 through in5388 b e3 jedec registered series of axial - leaded 5.0 watt zeners provides a voltage selection of 3.6 v to 200 v with different tolerances as indentified by a suffix letter on a part number. these plastic encapsulated zeners have a moisture classification of level 1 with no dry pack required. they may be operated at high maximum dc currents with adequate heat sinking due to their comparatively low thermal resistance design. do - 201 ae come s in tape and reel only, tr7 and tr13 . d0 - 201ae package also available in : t- 18 p ackage ( leaded alternative ) 1n5333b C 1n5388b important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n5336 thr ough 1n5388 numbers ? z ener voltage available 3.6 v olts to 200 volts ? plus/m inus 10%, 5% and 2% voltage tolerances available. (s ee part n omenclature for all available options. ) ? low inductance ? roh s compliant ? plastic p ackage c lassification 94 v-0 applications / benefits ? built - in strain relief ? flexibl e axial lead mounting terminals ? minimal changes of voltage v s current ? regulates voltage over broad operating current and temperature ranges maximum ratings @ 25 oc unless otherwise stated msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park , ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temperature t j and t stg - 65 to +150 oc thermal resistance junction - to - lead (1) r ? jl 25 o c /w thermal r esistance junction - to - ambient (2) r ? ja 85 o c /w dc power dissipation @ t l =75 o c, measure d at z ero lead length . derate above 75 o c (3 ) p d 5 w solder temperature @ 10 s t sp 260 o c notes : 1. a t 3/8 (10 mm) lead length from body . 2. mounted on 100 mm 2 copper pads to each terminal. downloaded from: http:///
rf 01117 , rev . b ( 9/ 23 /13 ) ?201 3 microsemi corporation page 2 of 5 1n5334be3 C 1n5388b e3 (d0 -201ae package) mechanical and packaging ? case: jedec do - 201 ae molded plastic body in compliance with specifi cation 94v -0 ? terminals: rohs compliant matte/tin plated axial leads. solderable per mil - std - 750, method 2026. ? marking: part number ? polarity: cathode indicated by band. (diode to be operated with the banded end positive with respect to the opposite en d.) ? tape & reel option: seven and thirteen inch reel sizes (add tr suffix to part number, tr7 or tr13, e.g . 1n5352 b e3/tr13 ). consult factory for quantities. ? weight: approximately 1.122 grams ? see p ackage d imensions on last page. part nomenclature 1n5336 b e3 type number (see electrical characteristics table) tolerance a = 10% b = 5% c = 2% rohs complian t symbols & definitions symbol definition vz temperature coefficient of regulator voltage: the change in regulator voltage divided by the change in temperature that caused it expressed in %/c or mv/ c. i r reverse current: the dc c urrent flowing from the external circuit into the cathode terminal at the specified vol tage v r . i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zsm reverse surge current, nonrepetitive peak: the peak reverse current in the breakdown region including all nonrepetitive transient currents but excluding all repetitive transients (also known as max imum zener surge current). p d steady - state power dissipation: the dc power resulting from the product of v z x i z . v r reverse voltage: a positive dc cathode - anode voltage below the breakdown region. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z z or z zk regulato r i mpedance: the small signal impedance of the diode when biased to operate in its breakdown region with i zt applied at i z or i zk respectively. this has also been known as zener or dynamic impedance (z zt or z zk ). downloaded from: http:///
rf 01117 , rev . b ( 9/ 23 /13 ) ?201 3 microsemi corporation page 3 of 5 1n5334be3 C 1n5388b e3 (d0 -201ae package) electrical characteristics @ t a = 25 o c unless otherwise noted part number nominal zener voltage maximum zener test current maximum zener impedance maximum leakage current v z @ i zt i zt z zt @ i zt z zk @ i zk i r @ v r nom v min v max v ma ? ? ma a v 1n5334be3 3.6 3.42 3.79 350 2.5 500 1 150 1 1n5335be3 3.9 3.70 4.09 320 2 500 1 50 1 1n5336be3 4.3 4.08 4.52 290 2 500 1 10 1 1n5337 b e3 4.7 4.47 4.94 260 2 450 1 5 1 1n5338 b e3 5.1 4.84 5.35 240 1.5 400 1 1 1 1n5339 b e3 5.6 5.32 5.88 220 1 400 1 1 2 1n5340 b e3 6 5.70 6.31 200 1 300 1 1 3 1n5341 b e3 6.2 5.89 6.51 200 1 200 1 1 3 1n5342 b e3 6.8 6.46 7.14 175 1 200 1 10 5.2 1n5343 b e3 7.5 7.12 7.89 175 1.5 200 1 10 5.7 1n5344 b e3 8.2 7.79 8.61 150 1.5 200 1 10 6.2 1n5345 b e3 8.7 8.26 9.14 15 0 2 200 1 10 6.6 1n5346 b e3 9.1 8.64 9.56 150 2 150 1 7.5 6.9 1n5347 b e3 10 9.50 10.50 125 2 125 1 5 7.6 1n5348 b e3 11 10.45 11.55 125 2.5 125 1 5 8.4 1n5349 b e3 12 11.40 12.60 100 2.5 125 1 2 9.1 1n5350 b e3 13 12.35 13.65 100 2.5 100 1 1 9.9 1n5351 b e3 14 13.30 14.70 100 2.5 75 1 1 10.6 1n5352 b e3 15 14.25 15.75 75 2.5 75 1 1 11.5 1n5353 b e3 16 15.20 16.80 75 2.5 75 1 1 12.2 1n5354 b e3 17 16.15 17.85 70 2.5 75 1 0.5 12.9 1n5355 b e3 18 17.10 18.90 65 2.5 75 1 0.5 13.7 1n5356 b e3 19 18.05 19.95 65 3 75 1 0.5 14.4 1n5357 b e3 20 19.00 21.00 65 3 75 1 0.5 15.2 1n5358 b e3 22 20.90 23.10 50 3.5 75 1 0.5 16.7 1n5359 b e3 24 22.80 25.20 50 3.5 100 1 0.5 18.2 1n5360 b e3 25 23.75 26.25 50 4 110 1 0.5 19 1n5361 b e3 27 25.65 28.35 50 5 120 1 0.5 20.6 1n5362 b e3 28 26.60 29.40 50 6 130 1 0.5 21.2 1n5363 b e3 30 28.50 31.50 40 8 140 1 0.5 22.8 1n5364 b e3 33 31.35 34.65 40 10 150 1 0.5 25.1 1n5365 b e3 36 34.20 37.80 30 11 160 1 0.5 27.4 1n5366 b e3 39 37.05 40.65 30 14 170 1 0.5 29.7 1n5367 b e3 43 40.85 45.15 30 20 190 1 0.5 3 2.7 1n5368 b e3 47 44.65 49.35 25 25 210 1 0.5 35.8 1n5369 b e3 51 48.45 53.55 25 27 230 1 0.5 38.8 1n5370 b e3 56 53.20 58.80 25 35 280 1 0.5 42.6 1n5371 b e3 60 57.00 63.00 20 40 350 1 0.5 45.5 1n5372 b e3 62 58.90 65.10 20 42 400 1 0.5 47.1 1n5373 b e3 68 64.60 71.40 20 44 500 1 0.5 51.7 1n5374 b e3 75 71.25 78.75 20 45 620 1 0.5 56 1n5375 b e3 82 77.90 86.10 15 65 720 1 0.5 62.2 1n5376 b e3 87 82.65 91.35 15 75 760 1 0.5 66 1n5377 b e3 91 86.45 95.55 15 75 760 1 0.5 69.2 1n5378be3 100 95.00 105.0 12 90 800 1 0.5 76 1n5379 b e3 110 104.5 115.5 12 125 1000 1 0.5 83.6 1n5380 b e3 120 114.0 126.0 10 170 1150 1 0.5 91.2 1n5381 b e3 130 123.5 136.5 10 190 1250 1 0.5 98.8 1n5382 b e3 140 133.0 147.0 8 230 1500 1 0.5 106 1n5383 b e3 150 142.5 157.5 8 330 1500 1 0.5 114 1n538 4b e3 160 152.0 168.0 8 350 1650 1 0.5 122 1n5385 b e3 170 161.5 178.5 8 380 1750 1 0.5 129 1n5386 b e3 180 171.0 189.0 5 430 1750 1 0.5 137 1n5387 b e3 190 180.5 199.5 5 450 1850 1 0.5 144 1n5388 b e3 200 190.0 210.0 5 480 1850 1 0.5 152 downloaded from: http:///
rf 01117 , rev . b ( 9/ 23 /13 ) ?201 3 microsemi corporation page 4 of 5 1n5334be3 C 1n5388b e3 (d0 -201ae package) graphs t l , l ead temperature ( o c) 3/8 from body v z , zener voltage @ i zt (volts) or t a ambient temperature on fr4 pc board figure 2 C v z temperature coefficient figure 1 C power temperature derating curve figure 3 C peak surge current vs. pu lse width figure 4 C zener voltage vs zener current v z = 11 through 39 volts pd, m aximum p ower d issipation (watts) vz , t emperature c oefficient (mv/oc) @ i zt i zsm , p eak s urge c urrent (amps) t l t a on fr4 pc board i z , zener c urrent ( ma ) downloaded from: http:///
rf 01117 , rev . b ( 9/ 23 /13 ) ?201 3 microsemi corporation page 5 of 5 1n5334be3 C 1n5388b e3 (d0 -201ae package) package dimensions dimensions ltr inch millimeters min max min max ll 1.00 - 25.4 - bl 0.285 0.375 7.2 9.5 bd 0.188 0.210 4.8 5.3 ld 0.037 0.042 0.94 1.07 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N5334BE3TR7DO-201AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X