Part Number Hot Search : 
XMUR60C AN5601 ON0563 SFH757V 1B0324 SSG4403 AN5311 21150
Product Description
Full Text Search
 

To Download 1N3329RB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50 watt zener diodes scottsdale division 1n3305 thru 1n3350b a n d 1n4 5 4 9 b t hr u 1n4 556 b www. microsemi . com 1n3305 C 1n3350b 1n4549b C 1n4556b 350b 1n4549b C 1n4556b description appearance these high power 50 w zener diode s represented by the jedec registered 1n3305 thru 1n3350b and 1n4549 thru 1n4556b series provide voltage regulation in a selection over a 3.9 v to 200 v broad range of voltages. they may be operated up to 50 w with adequate mounting and heat sinking with their low thermal resistance. these zeners are also available in jan, jantx, jantxv military qualifications. microsemi also offers numerous other zener products to meet higher and lower power applications. do- 5 (do-203ab) important: for the most current data, consult microsemis website: http://www.microsemi.com features applications / benefits ? jedec registered 1n3305 thru 1n3350b and 1n4549 thru 1n4556b ? internal solder bond construction ? hermetically sealed (welded) ? zener voltage 3.9v to 200v. ? also available in jan, jantx, and jantxv qualifications per mil-prf-19500/358 by adding the jan, jantx, or jantxv prefixes to part numbers for desired level of screening; (e.g. jantx1n3305b, jantxv1n3318b, etc. ? standard polarity is anode to case ? reverse polarity with cathode to case by designating r suffix in part number, e.g. 1n3305rb, etc. ? consult factory for surface mount equivalents ? regulates voltage over a broad operating current and temperature range ? standard voltage tolerances are +/- 5% with b suffix, +/-10% with an a suffix, and +/-20% with no suffix ? consult factory for +/-2% or +/-1% with a c or d suffix respectively ? reverse polarity available ? nonsensitive to esd per mil-std-750 method 1020 ? inherently radiation hard as described in microsemi micronote 050 maximum ratings mechanical and packaging ? junction & storage temperatures: -65 o c to +175 o c ? dc power dissipation: 50 watts at t c < 75 o c ? power derating: 0.5 w/ o c above 75 o c ? forward voltage @ 10 a: 1.5 volts ? thermal resistance: 2.0 o c/w maximum junction to hexagonal base (1.5 o c/w typical) ? solder temperatures: 260 o c for 10 s (max) ? case: industry standard do-5 (do-203ab), 11/16 inch hexagonal stud with 1/4-28 threads welded hermetically sealed metal and glass ? finish: all external surfaces are corrosion resistant and terminal solderable. ? polarity: standard polarity units are connected anode to case. reverse polarity (cathode to case) is indicated by suffix r in part number ? weight: 15 grams ? mounting hardware: consult factory for optional insulator, bushing, solder terminal, washers and nut ? see package dimensions on last page microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 1 copyright ? 2003 11-12-2003 rev a downloaded from: http:///
50 watt zener diodes scottsdale division 1n3305 thru 1n3350b a n d 1n4 5 4 9 b t hr u 1n4 556 b www. microsemi . com 1n3305 C 1n3350b 1n4549b C 1n4556b *electrical characteristics @ 30 o c case temperature max. dynamic impedance (note 3) ? max. reverse current** i r (max) @ v r jedec type no. (note 1) nominal zener voltage v z @ i zt volts (note 2) ? zener test current ( i zt ) ma ? z zt @ i zt ohms z zk @ i zk = 5 ma ohms max. dc zener current ( i zm ) ma a volts typical temp. coeff. vz %/ o c ?1n4549b ?1n4550b ?1n4551b ?1n4552b ?1n4553b ?1n4554b 1n4555b 1n4556b 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 3,200 2,900 2,650 2,450 2,250 2,000 1,850 1,650 0.16 0.16 0.12 0.12 0.12 0.14 0.16 0.24 400 500 600 650 900 1,000 200 100 11,900 10,650 9,700 8,900 8,100 7,300 6,650 6,050 150 150 100 20 20 20 10 10 0.5 0.5 1.0 1.0 1.0 2.0 2.0 3.0 -0.046 -0.033 -0.015 +/-0.010 +0.030 +0.049 +0.053 +0.057 ?1n3305b ?1n3306b ?1n3307b ?1n3308b ?1n3309b ?1n3310b 6.8 7.5 8.2 9.1 10.0 11.0 1,850 1,700 1,500 1,370 1,200 1,100 0.20 0.30 0.40 0.50 0.60 0.80 70 70 70 70 80 80 6,600 5,900 5,200 4,800 4,300 3,900 300 125 50 25 25 10 4.5 5.0 5.4 6.1 6.7 8.4 0.040 0.045 0.048 0.050 0.055 0.060 ?1n3311b ?1n3312b 1n3313b ?1n3314b ?1n3315b 1n3316b 12.0 13.0 14.0 15.0 16.0 17.0 1,000 960 890 830 780 740 1.00 1.10 1.20 1.40 1.60 1.80 80 80 80 80 80 80 3,800 3,300 3,000 2,800 2,650 2,500 10 10 10 10 10 10 9.1 9.9 11.4 11.4 12.2 13.0 0.065 0.065 0.070 0.070 0.070 0.075 ?1n3317b 1n3318b ?1n3319b ?1n3320b ?1n3321b 1n3322b 18.0 19.0 20.0 22.0 24.0 25.0 700 660 630 570 520 500 2.00 2.20 2.40 2.50 2.60 2.70 80 80 80 80 80 90 2,300 2,200 2,100 1,900 1,750 1,550 10 10 10 10 10 10 13.7 13.7 15.2 16.7 18.2 18.2 0.075 0.075 0.075 0.080 0.080 0.080 ?1n3323b ?1n3324b ?1n3325b ?1n3326b ?1n3327b ?1n3328b 27.0 30.0 33.0 36.0 39.0 43.0 460 420 380 350 320 290 2.80 3.00 3.20 3.50 4.00 4.50 90 90 90 90 90 90 1,500 1,400 1,300 1,150 1,050 975 10 10 10 10 10 10 20.6 22.8 25.1 27.4 29.7 32.7 0.085 0.085 0.085 0.085 0.090 0.090 1n3329b ?1n3330b 1n3331b ?1n3332b 1n3333b ?1n3334b 45.0 47.0 50.0 51.0 52.0 56.0 280 270 250 245 240 220 4.50 5.00 5.00 5.20 5.50 6.00 100 100 100 100 100 110 930 880 830 810 790 740 10 10 10 10 10 10 32.7 35.8 38.8 38.8 42.6 42.6 0.090 0.090 0.090 0.090 0.090 0.090 ?1n3335b ?1n3336b ?1n3337b ?1n3338b ?1n3339b ?1n3340b 62.0 68.0 75.0 82.0 91.0 100.0 200 180 170 150 140 120 7.00 8.00 9.00 11.00 15.00 20.00 120 140 150 160 180 200 660 600 540 490 420 400 10 10 10 10 10 10 47.1 51.7 56.0 62.2 69.2 76.0 0.090 0.090 0.090 0.090 0.090 0.090 1n3341b ?1n3342b ?1n3343b ?1n3344b 1n3345b ?1n3346b 105.0 110.0 120.0 130.0 140.0 150.0 120 110 100 95 90 85 25.00 30.00 40.00 50.00 60.00 75.00 210 220 240 275 325 400 380 365 335 310 290 270 10 10 10 10 10 10 83.0 83.0 91.2 99.8 114.0 114.0 0.095 0.095 0.095 0.095 0.095 0.095 ?1n3347b 1n3348b ?1n3349b ?1n3350b 160.0 175.0 180.0 200.0 80 70 68 65 80.00 85.00 90.00 100.00 450 500 525 600 250 230 220 200 10 10 10 10 121.6 121.6 136.8 152.0 0.095 0.095 0.095 0.100 *jedec registered data. **not jedec data. ?have jan and jantx and txv qualifications to mil-s-19500/358. microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 2 copyright ? 2003 11-12-2003 rev a downloaded from: http:///
50 watt zener diodes microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 3 copyright ? 2003 11-12-2003 rev a www. microsemi . com scottsdale division 1n3305 thru 1n3350b a n d 1n4 5 4 9 b t hr u 1n4 556 b 1n3305 C 1n3350b 1n4549b C 1n4556b 350b 1n4549b C 1n4556b see further notes on following page see further notes on following page notes: 1. when using jedec numbers an r suffix should be used to signify reversed polarity. the suffixes a and b indicate toleran ces notes: 1. when using jedec numbers an r suffix should be used to signify reversed polarity. the suffixes a and b indicate toleran ces of 10% and 5% respectively. no suffix or just r denotes +/-20% tolerance. example: 1n3319rb is a reversed polarity, of 10% and 5% respectively. no suffix or just r denotes +/-20% tolerance. example: 1n3319rb is a reversed polarity, 20 volt unit having a +/-5% tolerance on zener voltage. 20 volt unit having a +/-5% tolerance on zener voltage. 2. zener voltage ( v z ) is measured with junction in thermal equilibrium with 30 o c stud temperature. 2. zener voltage ( v z ) is measured with junction in thermal equilibrium with 30 o c stud temperature. 3. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve and to eliminate unstable uni ts. a curve showing the variation of zener impedance vs. zener current for three representative types is show n in figure 2. also see microsemi micronote 202. 3. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve and to eliminate unstable uni ts. a curve showing the variation of zener impedance vs. zener current for three representative types is show n in figure 2. also see microsemi micronote 202. outline and circuit rated power dissipation - watts stud temperature o c figure 1 power deratin g curve figure 2 typical zener impedance vs. zener curren t package dimensions all dimensions in: inch mm downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N3329RB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X