Part Number Hot Search : 
29W320D 4N38X DA156 ZMM5221 BL6513 NSVS1102 UESP06J KFO90AT
Product Description
Full Text Search
 

To Download TSOP08A1003AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  american accurate components, inc. tsop ultra precision resistor networks 188 technology drive, unit h, irvine, ca 92618 tel: 949-453-9888  fax: 949-453-8889  email: sales@aacix.com 1 how to order tsop 08 a 1003 b c tcr (ppm/ c) r = + 5 s = + 10 e = + 25 c = + 50 resistance tolerance a = + 0.05% b = + 0.10% c = + 0.25% d = + 0.50% f = + 1% resistance value 3 sig. fig & 1 multiplier + 1% circuit type/pattern refer to circuit schematic a, b, c, d, e pins 8, 16 series ultra precision molded resistor features  tsop high precision nicr thin film resistor networks with tight ratio and tracking  10 standard circuits  tight tracking t.c.r to 1 ppm  high stability thin film  2.3mm high from pc board, most fit for high density compacted instruments.  custom circuit configuration is available electrical specifactions rated power per resistor at 70oc 60mw maximum working voltage 75v maximum overload voltage 150v absolute tcr ppm/oc 50, 25,10, 5 absolute tolerance % 0.25, 0.1, 0.05 tsop schematic tsop 08 tsop 16 mechanical specifactions mechanical protection epoxy molded resistive element nicr film terminal leads tinned typical performance tcr abs tracking 5ppm 1, 2, 3, 5 10ppm 1, 2, 3, 5, 10 25ppm 1, 2, 3, 5, 10 50ppm 1, 2, 3, 5, 10 tol. abs ratio 0.05% 0.025, 0.05, 0.1 0.10% 0.025, 0.05, 0.1, 0.2 0.25% 0.025, 0.05, 0.1, 0.25, 0.5 0.5% 0.25, 0.1, 0.05 1% 0.5, 0.25, 0.1, 0.05 dimensions (mm) model a b c d e f g h tsop 08 5.5 0.3 5.3 0.3 2.3 max 8.0 0.2 1.27 0.2 0.4 0.05 0.2 0.1 0.3 min tsop 16 10.5 0.5 5.3 0.3 2.3 max 8.0 0.2 1.27 0.2 0.4 0.05 0.2 0.1 0.3 min
american accurate components, inc. tsop ultra precision resistor networks 188 technology drive, unit h, irvine, ca 92618 tel: 949-453-9888  fax: 949-453-8889  email: sales@aacix.com 2 circuit specification circuit symbol a b c d e tsop 08 circuit layout options resistance range ( ) 50.0 ~ 22.0k 50.0 ~ 10.0k 50.0 ~ 22.0k 50.0 ~ 22k 5 00 ~ 10.0k circuit specification C 16 pins circuit symbol a b c tsop 16 circuit layout options resistance range ( ) 50.0 ~ 22.0k 50.0 ~ 10.0k 50.0 ~ 22.0k circuit symbol d e tsop 16 circuit layout options resistance range ( ) 50.0 ~ 22k 500 ~ 10.0k performance test test method requirements operating temperature range -55oc ~ 155oc short time overload 2.5 x rated voltage for 5 secon ds (0.1% + 0.05 ) temperature cycle -55oc ~ 155oc for 5 cycles (0.1% + 0.05 ) resistance to solder heat 260oc 5oc for 10 secon ds (0.05% + 0.05 ) moisture resistance load life 40 c, 90 ~ 95% r.h. rated voltage, 1,000 hours (0.1% + 0.05 ) load life at 70 c 70 c, rated voltage, 1.5 hours on, 0.5 hours off, 1,00 0 hours (0.1% + 0.05 ) the content of this specification may change withou t notification 5/15/2015


▲Up To Search▲   

 
Price & Availability of TSOP08A1003AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X