Part Number Hot Search : 
V2010 B380C SMS51 SL221 AM7947 TA124 TA124 C4050
Product Description
Full Text Search
 

To Download T489D106M035ATE800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - 70314984-ea18-4c6a-9a2d-0e9135fb82e8 kemet part number: T489D106M035ATE800 tantalum, mno2 tantalum, t489, 10 uf, 20%, 35 v, 7343, smd, mno2, molded, low leakage, 800 mohms, height max = 3.1mm dimensions footprint 7343 l 7.3mm +/-0.3mm w 4.3mm +/-0.3mm h 2.8mm +/-0.3mm t 0.13mm ref s 1.3mm +/-0.3mm f 2.4mm +/-0.1mm a 3.8mm min b 0.5mm +/-0.15mm e 3.5mm ref g 3.5mm ref p 0.9mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 446.84 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: mno2 tantalum style: smd chip series: t489 description: smd, mno2, molded, low leakage features: low leakage rohs: yes termination: tin specifications capacitance: 10 uf capacitance tolerance: 20% voltage dc: 35 vdc (85c), 23.45 vdc (125c) temperature range: -55/+125c dissipation factor: 6% 120hz 25c failure rate: n/a resistance: 800 mohms (100khz) leakage current: 2.6 uamps (5min 25c) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T489D106M035ATE800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X