Part Number Hot Search : 
UPD4722 C1953P LX1555 TFS433F ES9102C FQI44N08 BCM8706 MMSZ5241
Product Description
Full Text Search
 

To Download T489C107M010ATE500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - 6f907f84-6c8b-49b3-bc2d-a2d614acfee5 kemet part number: T489C107M010ATE500 tantalum, mno2 tantalum, t489, 100 uf, 20%, 10 v, 6032, smd, mno2, molded, low leakage, 500 mohms, height max = 2.8mm dimensions footprint 6032 l 6mm +/-0.3mm w 3.2mm +/-0.3mm h 2.5mm +/-0.3mm t 0.13mm ref s 1.3mm +/-0.3mm f 2.2mm +/-0.1mm a 3.1mm min b 0.5mm +/-0.15mm e 2.4mm ref g 2.8mm ref p 0.9mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 224.48 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: mno2 tantalum style: smd chip series: t489 description: smd, mno2, molded, low leakage features: low leakage rohs: yes termination: tin specifications capacitance: 100 uf capacitance tolerance: 20% voltage dc: 10 vdc (85c), 6.7 vdc (125c) temperature range: -55/+125c dissipation factor: 8% 120hz 25c failure rate: n/a resistance: 500 mohms (100khz) leakage current: 7.5 uamps (5min 25c) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T489C107M010ATE500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X