Part Number Hot Search : 
LG30640 2SA968B ADP1853 64F2638 MP6TP 2SA968B C401J7 00051
Product Description
Full Text Search
 

To Download SVA00003CNEGSENC-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9325awc ? series ??????????????????????????????????? parameters ??????????????????????????????????????????????????????????????? ??????????????????????? specification ??????????????????????????????????????????????????????????????? ????????? remarks ? frequency ? f_nom ? 32.768khz ? ? supply ? voltage vcc 1.5v, ? 1.8v, ? 2.5v, ? 3.3v 5% ? tolerance ? frequency ? stability ?? f_stb 20.0ppm ? ~ ? 100.0ppm over ? operating ? temperature ? range ? aging f_age 5.0ppm ? max 25c, ? 1 ? year ? operating ? temperature ? range ? (c) topr 0c ? ~ ? +70c ? to ?\ 40c ? ~ ? +85c table ? 1 ? storage ? temperature ? (c) tstg \ 55c ? ~ ? +125c ? output ? waveform hcmos ? ? output ? load 15pf ? typical ? output ? voltage ? high voh 90% ? vcc ? min ? output ? voltage ? low vol 10% ? vcc ? max 10% ? tolerance ? rise ? time tr 200.0nsec ? (max) measured ? over ? 10% ? to ? 90% ? of ? waveform ? fall ? time tf 200.0nsec ? (max) ? ? duty ? cycle 45%/55%, ? 40%/60% measured ? at ? 50% ? of ? waveform ? current ? consumption icc table ? 2 ? ? start \ up ? time t_str 3.0msec ? max ? ? moisture ? sensitive ? level msl 1 ? esd ? sensitive ? device yes ? ? tristate ? pad ? 1 70% ? of ? vcc ? min ? to ? enable ? output 30% ? of ? vcc ? max ? to ? disable ? output ?\? high ? imp. pad ? 1 ? : ? tri \ state pad ? 2 ? : ? ground pad ? 3 ? : ? output pad ? 4 ? : ? supply ? voltage clock ? oscillator ? 32.768khz, ? 3.2 ? x ? 2.5mm, ? hcmos dimensions(unit:mm) reach ? and ? rohs ? compliant at ? cut ? crystal ? provide ? high ? stability ? act ? (a ? wholly ? owned ? acal ? bfi ? company) +44 ? (0) ? 118 ? 978 ? 8878|sales@act.co.uk|www.act.co.uk iso9001 ? registered ? specifications ? subject ? to ? change ? without ? notification ? table ? 2. ? current ? consumption ? (ma ? max) ? frequency ? supply ? voltage 1.5v,1.8v 2.5v,3.3v 32.768khz 0.7ma 1.5ma 2.50.1 3.20.1 1 2 3 4 1.2 1.2 1.4 1.7 1.0 2.2 0.65 1.2 ? max ? table ? 1. ? frequency ? stabilities ? vs ? operating ? temperature ? range ? temperature ? (c) ? frequency ? stability ? (ppm) 20.0 25.0 30.0 50.0 100.0 0 ? ~ ? +70 ???? \ 10 ? ~ ? +70 ???? \ 20 ? ~ ? +70 ???? \ 30 ? ~ ? +85 ???? \ 40 ? ~ ? +85 ???? 0.9 1 2 3 4 land ? pattern
9325awc ? series clock ? oscillator ? 32.768khz, ? 3.2 ? x ? 2.5mm, ? hcmos solder ? reflow ? profile ? drawing ? control: ? (internal ? use ? only) ? commodity ? code: ? 854370 ? 90 ? 99 ? for ? < ? 1.8mhz ? issue ? number ? : ? n1 ? date ? : ? 01/02/2017 ? internal ? reference ? : ? skr act ? (a ? wholly ? owned ? acal ? bfi ? company) +44 ? (0) ? 118 ? 978 ? 8878|sales@act.co.uk|www.act.co.uk iso9001 ? registered ? specifications ? subject ? to ? change ? without ? notification part ? number ? generation sva 00003 b ? bi s e pl \ pf act series code frequency (mhz) frequency ? stability ? (ppm) supply ? voltage (v) operating ? temp. ? range ? (c) duty ? cycle (%/%) output ? wave ? tristate tape ? & ? reel rohs code sva 5 ? digit ? require ? to ? specify ? khz ? frequency. ? 99.99khz 10=00001 32.768=00003 ? 100khz ? 100=00010 250=00025 20 ? = ? i 25 ? = ? c 30 ? = ? h 50 ? = ? b 100 ? = ? a 1.5 ? = ? n 1.8 ? = ? d 2.5 ? = ? c 3.3 ? = ? b 0~+70 ? = ? e \ 10 ? ~ ? +70 ? = ? c \ 20 ? ~ ? +70 ? = ? b \ 30 ? ~ ? +85 ? = ? p \ 40 ? ~ ? +85 ? = ? i 40/60 ? = ? s 45/55 ? = ? h hcmos ? 15pf ? = ? etrisate ? = ? p none ? = ? n loose ? = ? l 1000 ?? = ? c \ pf note: ? it ? is ? important ? to ? suffix ? the ? above ? part ? number ? with ? full ? frequency ? required ? to ? give ? a ? completed ? part ? number ? as ? illustrated ? below. full ? example ? part ? number ? : ? sva00003bbihepl \ pf ? [32.768khz] solder ? reflow ? profile solder ? reflow ? profile temp.( c) time (sec.) 180 10c 90~120 sec. max 0.45 in 260 5c 10 sec. max 3 00 25 0 20 0 15 0 10 0 50 0 220 10c 30~40 sec. max 0.1 f


▲Up To Search▲   

 
Price & Availability of SVA00003CNEGSENC-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X