|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 1 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler phototransistor output, sop-4, 100 mil pitch, mini-flat package description the SFH690Abt, SFH690At, sfh690bt, sfh690ct, sfh690dt family has a gaas infrared emitting diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a 4 pin 100 mil lead pitch miniflat package. it features a high current transfer ratio, low coupling capacitance, and high isolation voltage. the coupling devices are design ed for signal transmission between two electrically sepa rated circuits. the sfh690 series is available only on tape and reel. there are 2000 parts per reel. marking for SFH690At is 690a; sfh690bt is 690b; sfh690ct is 690c; sfh690dt is 690d; SFH690Abt will be marked as 690a or 690b. features ? sop (small outline package) ? isolation test voltage, 3750 v rms (1 s) ? high collector emitter breakdown voltage, v ceo = 70 v ? low saturation voltage ? fast switching times ? temperature stable ? low coupling capacitance ? end-stackable, 0.100" (2.54 mm) spacing ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? high density mounting or space sensitive pcbs ?plcs ? telecommunication agency approvals ? ul1577, file no. e5 2744 system code u ? cul tested to csa 22.2 bulletin 5a ? bsi en 60950; en 60065 ? din en 60747-5-5 (vde 0885-5) available with option 1 ? cqc gb4943.1-2011 and gb8898-2011 (suitable for installation altitude below 2000 m) notes (1) product is rotated 180 in tape and reel cavity (2) also available in tubes, do not put t to the end 1 2 4 3 e c a c v de i179066 ordering information sfh690xx-x001t part number ctr bin package option tape and reel agency certified/package ctr (%) ul, cul, bsi 50 to 300 50 to 150 100 to 300 100 to 200 200 to 400 sop-4, 100 mil pitch SFH690Abt SFH690At3 (1) , SFH690At (2) sfh690bt3 (1) , sfh690bt (2) sfh690ct sfh690dt vde, ul, cul, bsi 50 to 300 50 to 150 100 to 300 100 to 200 200 to 400 sop-4, 100 mil pitch - - sfh690b-x001t sfh690c-x001t sfh690d-x001t s op-4 7.21 mm
SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 2 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. (3) refer to reflow profile for soldering conditions for surface mounted devices. fig. 1 - permissible power dissipation vs. ambient temperature absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6v dc forward current i f 50 ma surge forward current t p 10 s i fsm 2.5 a power di ssipation p diss 80 mw output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma t p 1 ms i c 100 ma power di ssipation p diss 150 mw coupler isolation resistance v io = 500 v, t amb = 25 c r io 10 12 v io = 500 v, t amb = 100 c r io 10 11 storage temperature range t stg - 55 to + 150 c ambient temperature range t amb - 55 to + 100 c soldering temperature (1) max. 10 s dip soldering distance to seating plane 1.5 mm t sld 260 c 0 50 100 150 200 0 255075100125150 18484 p tot - power dissipation (mw) phototransistor diode t amb - ambient temperature (c) SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 3 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. fig. 2 - switching operation (without saturation) electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 5 ma v f - 1.15 1.4 v reverse current v r = 6 v i r -0.0110a capacitance v r = 0 v, f = 1 mhz c o -14-pf thermal resistance r thja - 750 - k/w output collector emitter leakage current v ce = 20 v i ceo - - 100 na collector emitte r capacitance v ce = 5 v, f = 1 mhz c ce -2.8- pf thermal resistance r thja - 500 - k/w coupler collector emitter sa turation voltage i f = 10 ma, i c = 2 ma v cesat -0.10.3v coupling capaci tance f = 1 mhz c c -0.3- pf current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f i f = 5 ma, v ce = 5 v SFH690Abt ctr 50 - 300 % SFH690At ctr 50 - 150 % sfh690bt ctr 100 - 300 % sfh690ct ctr 100 - 200 % sfh690dt ctr 200 - 400 % switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit rise time i c = 2 ma, v cc = 5 v, r l = 100 t r -3-s fall timet i c = 2 ma, v cc = 5 v, r l = 100 t f -4-s turn-on time i c = 2 ma, v cc = 5 v, r l = 100 t on -5-s turn-off time i c = 2 ma, v cc = 5 v, r l = 100 t off -3-s iSFH690At_01 r l =100 v cc =5v 50 i f SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 4 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en 60747-5-2 (vde 0884) (see fig. 2). this optoco upler is suitable for safe el ectrical isolation only within the safety ratings. compliance with the safety rating s shall be ensured by means of suitable protective circuits. fig. 3 - derating diagram fig . 4 - test pulse diagram for sample test according to din en 60747-5-2 (vde 0884); iec60747-5-5 safety and insulation ratings parameter condition symbol value unit climatic classificati on according to iec 68 part 1 55 / 100 / 21 partial discharge test voltage - lot test (sample test) t tr = 60 s, t test = 10 s, (see fig. 2) v iotm 6000 v peak isolation test voltage (rms) v iso 3750 v rms isolation resistance v io = 500 v, t amb = 25 c r io 10 12 v io = 500 v, t amb = 100 c r io 10 11 forward current i si 150 ma power di ssipation p so 350 mw safety temperature t si 175 c comparative tracking index cti 175 clearance distance 5.0 mm creepage distance 5.0 mm insulation distance (internal) 0.4 mm 0 25 50 75 125 0 50 100 150 200 300 t si - safety temperature (c) 150 94 9182-2 100 250 ir-diode i si (ma) phototransistor p so (mw) t 13930 t 1 , t 2 = 1 s to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2 SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 5 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 5 - forward voltage vs. forward current fig. 6 - collector current vs . collector emitter voltage (non-saturated) fig. 7 - leakage current vs. ambient temperature fig. 8 - collector current vs . collector em itter voltage (saturated) fig. 9 - normalized current transfer ratio vs. ambient temperature fig. 10 - normalized current transfer ratio (saturated) vs. ambient temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 0.1 1 10 100 v f - forward voltage (v) i f - forward current (ma) t amb = 25 c t amb = 75 c t amb = 100 c t amb = 0 c t amb = - 55 c 0 5 10 15 20 25 30 35 40 012345678 i c - collector current (ma) v ce - collector emitter voltage (n s ) (v) i f = 20 ma i f = 15 ma i f = 10 ma i f = 5 ma 0.001 0.01 0.1 1 10 100 1000 10 000 - 60 - 40 - 20 0 20 40 60 80 100 i ce0 - leakage current (na) t amb - ambient temperature ( c) i f = 0 ma v ce = 40 v v ce = 24 v v ce = 12 v 0 2 4 6 8 10 12 14 00.10.20.30.4 i c - collector current (ma) v ce - collector emitter voltage ( s at) (v) i f = 1 ma i f = 10 ma i f = 5 ma i f = 2 ma 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 - 60 - 40 - 20 0 20 40 60 80 100 n ctr - normalized ctr (n s ) t amb - ambient temperature ( c) normalized to: i f = 5 ma, v ce = 5 v, t amb = 25 c i f = 10 ma i f = 5 ma i f = 1 ma 0 0.2 0.4 0.6 0.8 1.0 1.2 - 60 - 40 - 20 0 20 40 60 80 100 n ctr - normalized ctr ( s at) t amb - ambient temperature ( c) v ce =0.4 v normalized to: i f = 5 ma, v ce = 5 v, t amb = 25 c i f = 5 ma i f = 10 ma i f = 1 ma SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 6 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 11 - normalized ctr (non-saturated) vs. forward current fig. 12 - normalized ctr (saturated) vs. forward current fig. 13 - f ctr vs. phase angle fig. 14 - f ctr vs. collector current fig. 15 - switching time vs. load resistance 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 1 10 100 n ctr - normalized ctr (n s ) i f - forward current (ma) normalized to: i f = 5 a, v ce = 5 v, t amb = 25 c t amb = 0 c t amb = 100 c t amb = 75 c t amb = - 55 c t amb = 25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 n ctr - normalized ctr ( s at) i f - forward current (ma) v ce = 0.4 v normalized to: i f = 5 ma, v ce = 5 v, t amb = 25 c t amb = 0 c t amb = 75 c t amb = - 55 c t amb = 25 c t amb = 100 c -160 -140 -120 -100 -80 -60 -40 -20 0 1 10 100 1000 pha s e (deg) f (khz) v ce = 5 v 1 10 100 1000 0.1 1 10 100 f ctr (khz) i c (ma) v cc = 5 v 0.1 1 10 100 1000 0.1 1 10 100 t on , t off s witching time ( s ) r l -load re s i s tance (k ) t off t on v ce = 5 v, i f = 5 ma SFH690Ab, SFH690A, sfh 690b, sfh690c, sfh690d www.vishay.com vishay semiconductors rev. 2.6, 17-nov-15 7 document number: 83686 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions (in millimeters) package marking (example of SFH690At) notes ? only option 1 is reflected in the pa ckage marking with the characters x1 ? tape and reel suffix (t) is not part of the package marking i178037 0.61 0.86 0.46 0.36 2.67 2.41 lead coplanarity 0.10 max. 2.03 1.91 6 0.46 0.33 0.63 0.38 5.59 5.08 40 10 0.20 0.10 7.21 6.71 r 0.25 0.91 0.36 5.08 1.14 7.37 2.54 4.83 4.32 4.67 4.17 1 4 2 3 iso method a pin one id (on chamfer side of package) 690a v yww u68x1 legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved |
Price & Availability of SFH690A |