Part Number Hot Search : 
331MP 226CA TLWR9900 LTC29 HT2812B AM29LV 2SD347 SA43A
Product Description
Full Text Search
 

To Download RB751S-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified    mechanical data  h c a b k m l sod-523 dim min max a 0.25 0.35 b 0.70 0.90 c 1.50 1.70 h 1.10 1.30 k 0.55 0.65 l 0.10 0.30 m 0.10 0.12 all dimensions in mm  300ma surface mount schottky barrier diode RB751S-40 case: sod-523, plastic in compliance with eu rohs 2002/95/ec directives surface mount package ideally suited for autmatic insertion very low v extremely fast switching speed f : 0.325v (typ) at i f = 1ma  terminals: solderable per mil-std-750, method 2026 appox weight : 0.0014 gram marking : 51    retemara pl obmy se ula vs tinu egatlovcdesrevermumixa mv mrr 0 4v egatlovesreverkae pv r 0 3v tnerrucdrawrofmumixa mi )va(f 3. 0a noitapissidrewop )1( p tot 2. 0 w sm3.8=ttatnerrucegrusdrawrofkae pi msf 00 5a m erutarepmetnoitcnuj t j 521+ot55- o c erutarepmetegarot st gts 521+ot55- o c r e t e m a r a pl o b m y sn o i t i d n o c t s e t. n i m. p y t. x a ms t i n u t n e r r u c e g a k a e l e s r e v e ri r v r v 0 3 =--5 . 0a u e g a t l o v d r a w r o fv f i f a m 1 =--7 3 . 0v e c n a t i c a p a c l a t o tc t v r h m 1 = f , v 1 = z -35f p
2of2 0 10 20 30 40 100 10 1 0.1 0.01 0.001 reverse voltage, v (v) r reverse voltage, v (v) r 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 100 10 1 0.1 forward voltage, v (v) forward voltage, v(v) 0 10 20 30 40 4 3.5 3 2.5 2 1.5 1 0.5 0 reverse voltage,v (v) r reverse voltage,v (v) r reverse leakage current, i ( a) r  reverse leakage current, i( a) r  t =125 c j o t =125 c j o t=75 c j o t=75 c j o t =-25 c j o t=25 c j o t=25 c j o t =-25 c j o forward c urrent, i (ma) f total capacitance, c (pf) t fig.1-typical reverse leakage fig.2-typical forward voltage fig.3-typical capacitance


▲Up To Search▲   

 
Price & Availability of RB751S-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X