Part Number Hot Search : 
LTC24 05ZXPF 2SK3155 LTC24 CCF6054 RFP8P08 SK204 RFP8P08
Product Description
Full Text Search
 

To Download OD1238-12HB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0 9 1410m1 o d 1 2 3 8 s e r i e s 10557 metric drive dallas, t exas 75243 rohs compliant dc f an 1 2 0 x 3 8 m m (4. 7?x 1.5?) orionf ans.com information and data is subject to change without prior notification. f r ame & i mpeller pb t , ul94 v -o plastic available options t achomete r , alarm, thermal control pwm speed control ip55 sleeve bearing m1 connection 2x lead wires 24 a wg motor brushless dc, auto restart, ic protected bearing system dual ball bearing i nsulation r esistance 1 0 m o h m b e t w e e n l e a d w i r e and frame (500vdc) dielectric strength 1 second at 500 v ac, max leakage - 500 microamp t empe r atu r e r ange -10c ~ +70c li f e (l10) 65,000 hours (45c) model number speed (rpm) airflow (cfm) noise (db) v olts dc input p ower ( w atts) amps max. static p r essu r e ( ? h2o) OD1238-12HB 2800 105 43 12 6 0.50 0.24 od1238-12mb 2540 95 41 12 4 0.35 0.23 od1238-12lb 1950 73 33 12 3 0.24 0.13 od1238-12llb 1500 53 27 12 2 0.16 0.09 od1238-24hb 2800 105 43 24 7 0.32 0.24 od1238-24mb 2540 95 41 24 6 0.23 0.23 od1238-24lb 1950 73 33 24 4 0.14 0.13 od1238-48hb 2800 105 43 48 10 0.20 0.24 od1238-48mb 2540 95 41 48 7 0.14 0.23 od1238-48lb 1950 73 33 48 5 0.10 0.13 od1238-48llb 1500 53 27 48 4 0.08 0.09 214-340-0265


▲Up To Search▲   

 
Price & Availability of OD1238-12HB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X