Part Number Hot Search : 
BA50B D21110 61WV1024 N5419 APD24012 33100 MAX5174 2SA2071
Product Description
Full Text Search
 

To Download MT100DT08L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt 100dt - l1 compliant rohs module type i d output current(d.c.) tc=10 0 three phase full wave 100 a i fsm surge forward current t=10ms tvj =45 1200 a i 2 t circuit fusing consideration 7200 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature - 40 to + 150 tstg storage temperature - 40 to + 125  mt mounting torque to terminals(m 5 ) 3 15% nm ms to heatsink(m 5 ) 3 15% nm weight module ? approximately ? 2 10 g thermal characteristics symbol item conditions values units r th(j - c) thermal impedance, m ax . junction to case(total) 0. 18 /w rth(c - s ) thermal impedance, m ax . case to heatsink 0.10  /w electrical characteristics three phase bridge + thyristor v rrm / v d rm 8 00 to 1 8 0 0v i f av / i t av 100 a features ? blocking voltage:800 to 1 8 00v ? three phase bridge and a thyristor ? isolated module package applications ? inverter for ac or dc motor control ? current stabilized power supply ? switching power supply ? ul recognized applied for file no. e360040 type v rrm / v d rm v rsm m t100 dt 08 l1 m t100 dt 12l1 m t100 dt 16l1 m t100 dt 1 8l1 800v 1 2 00v 1 6 00v 1800v 900v 1 3 00v 1 7 00v 1900v ci rcuit 1 2 5 4 3 0 6 7 symbol item conditions values units v fm forward voltage drop, max. t=25 i f = 100 a 1. 35 v i r rm repetitive peak reverse current, max. t vj =25 v rd =v rrm t vj =150 v rd =v rrm 0. 5 6 ma ma s - m 057 www. 21yangjie .com rev.2.0, 27 - may - 17 1
mt100dt - l1 compliant rohs electrical and thermal characteristics symbol item conditions values units i tav average on - state current tc= 92, s in gle phase half wave 180 o conduction 100 a i tsm surge on - state current t vj =45 t=10ms (50hz), sine v r =0 1 2 00 a i 2 t circuit fusing consideration 7200 a 2 s viso l isolation breakdown voltage(r.m.s) a.c.50h z ;r.m.s.;1 min 30 00 v tvj operating junction temperature - 40 to + 1 25 tstg storage temperature - 40 to + 125 mt mounting torque to terminals(m5) 3 15% nm ms to heatsink(m 5 ) 3 15% nm di/dt critical rate of rise of on - state current t vj = t vjm , v d = 1/2 v drm ,i g =100ma d ig /d t =0.1a/ s 150 a/ s dv/dt critical rate of rise of o ff - state voltage, min. t j = t vjm , v d = 2/3 v drm , linear voltage rise 500 v/ s symbol item conditions values units min. typ. max. v tm peak on - state voltage, max . t=25 i t = 100 a 1. 25 v i rrm / i drm repetitive peak reverse current, max. / repetitive peak o ff - state current, max. t vj =t vjm ,v r =v rrm , v d =v drm 20 ma v gt gate trigger voltage, m ax . t vj =25 , v d =6v 1 3 v i gt gate trigger current, typ / m ax . t vj =25 , v d =6v 65 150 ma i h hoding current, typ / m ax . t vj =25 , v d =6v 120 220 ma i l iatching current, typ / m ax . t vj =25 , r =33 180 400 ma rth(j - c) thermal impedance, m ax . junction to case 0. 26 /w rth(c - s ) thermal impedance, m ax . case to heatsink 0.10 /w s - m 057 www. 21yangji e .com rev.2.0, 27 - may - 17 2
mt100dt - l1 compliant rohs performance curves fig1. power dissipation fig2 . forward current derating curve fig3. transient thermal impedance fig4. max non - repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1.0 10 s 100 0. 2 0 / w 0. 1 0 0 z th(j - c ) 1 10 c ycles 100 50hz 2000 a 1000 0 0.5 v f 1.0 1.5 2.0 v 2.5 1000 a 100 i f 10 max . tj=25 0 tc 50 100 150 200 a 160 120 8 0 4 0 0 i d fig6. scr power dissipation single phase half wave tj=25 start p er one element three phase 0 i d 20 40 60 80 a 10 0 300 w 240 180 120 60 p vtot 0 three phase 150 w 120 90 60 30 p tav 0 0 i d 2 0 40 60 80 a 100 s - m 057 www. 21yangji e .com rev.2.0, 27 - may - 17 3
mt100dt - l1 compliant rohs fig7 . scr forward current derating curve fig 8 . scr transient thermal impedance fig 9 . scr forward characteristics 0.5 v tm 1.0 1.5 2.0 v 2.5 max . 0 tc 50 100 150 2 00 a 160 120 80 40 0 i tavm 0.001 t 0.01 0.1 1.0 10 s 100 0. 5 0 / w 0. 2 5 0 1000 a 100 i t 10 tj=25 z th(j - c ) average gate power ( 3 w ) peak gate power ( 10 w ) fig 10 . gate trigger characteristics max. 10 1 i g 10 2 10 3 ma 10 4 peak forward ga te voltage (10v) 100 v 10 1 v g 0.1 maximum gate non - trigger voltage 25 - 10  135  peak gate current (3a) s - m 057 www. 21yangji e .com rev.2.0, 27 - may - 17 4
mt100dt - l1 compliant rohs package outline information case : l1 dimensions in mm y j s - m 057 www. 21yangji e .com rev.2.0, 27 - may - 17 5


▲Up To Search▲   

 
Price & Availability of MT100DT08L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X