Part Number Hot Search : 
AD774 R4000 RF3321 SM1010 P18N20 MC140 DF210 MAX6951
Product Description
Full Text Search
 

To Download MLSG342M040JA0C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature range C55 c to +125 c rated voltage range 10 vdc to 250 vdc capacitance range 140 f to 24,000 f capacitance tolerance 20% leakage current 0.002 cv a, @ 25 c and 5 mins. ripple current multipliers low temperature characteristics impedance ratio: z C55 ?c M z +25 ?c @ 120 hz 10 (5 - 20 vdc) 2 (25 - 250 vdc) dc life test 5000 h at rated voltage @ 125 c d capacitance +/- 15% less than or equal to 60 vdc d capacitance +/- 10% greater than 60 vdc esr 200% of limit dcl 100% of limit shelf life test 500 h @ 125 c capacitance 100% of limit esr 100% of limit dcl 100% of limit vibration mounting: vibration capability is dependent upon mounting restraint. mil-std-202, meth. 204, sine swept. iec 60068-2-6 jk case = 80g all others = 50g with a profle of 1.0 by 0.5 type mlsg slimpack capacitors ft into the tightest of spaces and meets a dc test of 5000 hrs at rated voltage, 125 oc. mlsg slimpack is a perfect ft for military and aerospace applications requiring a low profle, rugged design and long-life. specify type hrmlsg for high reliability burn-in. highlights - 5000 hrs @ rated voltage, 125 c - stainless steel case - withstands more than 80,000 feet altitude - 80 g vibration - type hr, high reliability burn-in specifcations cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 case temperature ambient temperature, no heatsink 45 c 55 c 65 c 75 c 85 c 95 c 105 c 115 c 125 c 0.63 0.58 0.54 0.49 0.44 0.38 0.31 0.22 0.00 45 c 55 c 65 c 75 c 85 c 95 c 105 c 115 c 125 c 1.41 1.32 1.22 1.12 1.00 0.87 0.71 0.50 0.00 frequency 50 hz 60 hz 120 hz 360 hz 1 khz 5 khz 10 khz & up 5 to 40 v 0.95 0.96 1.00 1.03 1.04 1.04 1.04 60 to 250 v 0.80 0.84 1.00 1.18 1.25 1.30 1.30 type mlsg C slimpack, 5000 hr@125 oc, aluminum electrolytic
vibration test level the specimens, while deenergized or operating under the load conditions specifed, shall be subjected to the vibration amplitude, frequency range, and duration specifed for each case size. amplitude the specimens shall be subjected to a simple harmonic motion having an amplitude of either 0.06-inch double amplitude (maximum total excursion) or peak level specifed above (xxg peak), whichever is less. the tolerance on vibration amplitude shall be 10 percent. frequency range the vibration frequency shall be varied logarithmically between the approximate limits of 10 to 2,000 hz. sweep time and duration the entire frequency range of 10 to 2,000 hz and return to 10 hz shall be traversed in 20 minutes. this cycle shall be performed 12 times in each of three mutually perpendicular directions (total of 36 times), so that the motion shall be applied for a total period of approximately 12 hours. interruptions are permitted provided the requirements for rate of change and test duration are met. high reliability test/burn-in established reliability capacitors shall be subjected to a minimum of 100 percent of the dc rated voltage at 85 oc for 48 hours minimum but not to exceed 96 hours. during this test, capacitors shall be adequately protected against temporary voltage surges of 10 percent or more of the test voltage. after burn-in, the capacitors shall be returned to room ambient conditions and the dc leakage, capacitance, and esr shall be measured with respect to specifed limits. thermal resistance esl 30 nh measured 1/4 from case at 1 mhz typical weight case jk = 30 case ja = 39 case jh = 48 case jb = 57 terminals 18 awg copper wire with 60/40 tin-lead electroplate, 20 amps max ripple current capability the ripple current capability is set by the maximum permissible internal core temperature, 125 oc. air cooled the ripple currents in the ratings tables are for 85 oc case temperatures. for air temperatures without a heatsink use the multipliers ambient temperature, no heatsink. heatsink cooled temperature rise from the internal hottest spot, the core, to ambient air is ?t = i 2 (esr)(cc + ca), recommended max t of 30 oc where cc is the thermal resistance from core to case and ca from case to ambient. to calculate maximum ripple capability with the mls attached to a heatsink use the maximum core temperature and the values for cc. example as an illustration, suppose you operate an insulated mlsg262m060jb0c in 95 oc air and attach it to a commercial heatsink with a free-air thermal resistance of 2.7 oc/w. use a good thermal grease between the mls and the heatsink, and the total thermal resistance is 2.7 +3. 4 or 6.1o c/w. the power which would heat the core to 125 c is (125 - 95)/6. 1 or 4.9 w. for an esr of 47 m, 4.9 w equates to a ripple current of 10.2 a. cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 large sides heatsinked case length 1.5" 2.0" 2.5 3.0" insulation oc/w oc/w oc/w oc/w one none 6.6 4.8 3.8 3.1 polyester 7.2 5.3 4.2 3.4 both none 4.4 3.1 2.4 2 polyester 4.7 3.3 2.6 2.2 type mlsg C slimpack, 5000 hr@125 oc, aluminum electrolytic
part numbering system hr mlsg 821 m 200 jb 0 a optional type capacitance tolerance rated voltage case code insulation mounting style high reliability mlsg 191 = 190 f 102 = 1000 f m=20% 005 = 5 vdc 7r5 = 7.5 vdc 200 = 200 vdc jk, l=1.5 in. ja, l=2.0 in jh, l=2.5 in jb, l=3.0 in. * other sizes available 0 = bare can 1 = polyester c = two leads outline drawing cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 examples: standard mlsg: mlsg191m200jk0c high reliability: hrmlsg191m200jk0c type mlsg C slimpack, 5000 hr@125 oc, aluminum electrolytic note: the polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ratings cap part number ? 120 hz 25 oc cat. esr ? 10 khz 25 oc cat. esr ripple (a) case @ 85c 120hz ripple (a) case @ 85c 10khz surge 25 oc vdc case length 105 oc vdc 10 vdc @ 125 c 12 vdc @ 105 c 15 vdc surge @ 25 c 9500 mlsg952m010jk0c 0.096 0.091 6.9 7.1 15 1.5 12 14000 mlsg143m010ja0c 0.068 0.064 9.8 10 15 2 12 19000 mlsg193m010jh0c 0.053 0.050 12.6 12.9 15 2.5 12 24000 mlsg243m010jb0c 0.042 0.040 15.4 15.8 15 3 12 20 vdc @ 125 c 24 vdc @ 105 c 30 vdc surge @ 25 c 4600 mlsg462m020jk0c 0.102 0.097 6.6 6.8 30 1.5 24 6800 mlsg682m020ja0c 0.072 0.068 9.4 9.7 30 2 24 9300 mlsg932m020jh0c 0.054 0.052 12.3 12.6 30 2.5 24 11000 mlsg113m020jb0c 0.042 0.040 15.2 15.6 30 3 24 30 vdc @ 125 c 36 vdc @ 105 c 45 vdc surge @ 25 c 3300 mlsg332m030jk0c 0.103 0.098 6.6 6.8 45 1.5 36 4900 mlsg492m030ja0c 0.072 0.069 9.5 9.7 45 2 36 6700 mlsg672m030jh0c 0.055 0.053 12.3 12.6 45 2.5 36 8500 mlsg852m030jb0c 0.043 0.041 14.9 15.3 45 3 36 40 vdc @ 125 c 48 vdc @ 105 c 60 vdc surge @ 25 c 2300 mlsg232m040jk0c 0.105 0.100 6.6 6.8 60 1.5 48 3400 MLSG342M040JA0C 0.072 0.068 9.5 9.7 60 2 48 4600 mlsg462m040jh0c 0.056 0.053 12.3 12.6 60 2.5 48 5900 mlsg592m040jb0c 0.045 0.043 14.9 15.3 60 3 48 50 vdc @ 125 c 60 vdc @ 105 c 75 vdc surge @ 25 c 1600 mlsg162m050jk0c 0.108 0.101 6.6 6.8 75 1.5 60 2500 mlsg252m050ja0c 0.073 0.700 9.5 9.7 75 2 60 3400 mlsg342m050jh0c 0.056 0.053 12.3 12.6 75 2.5 60 4300 mlsg432m050jb0c 0.046 0.043 14.9 15.3 75 3 60 60 vdc @ 125 c 60 vdc @ 105 c 90 vdc surge @ 25 c 1000 mlsg102m060jk0c 0.109 0.103 6.5 6.6 90 1.5 72 1500 mlsg152m060ja0c 0.074 0.071 9.3 9.6 90 2 72 2100 mlsg212m060jh0c 0.057 0.054 12.1 12.4 90 2.5 72 2600 mlsg262m060jb0c 0.047 0.044 14.7 15 90 3 72 75 vdc @ 125 c 90 vdc @ 105 c 112 vdc surge @ 25 c 790 mlsg791m075jk0c 0.246 0.234 4.0 4.2 112.5 1.5 90 1100 mlsg112m075ja0c 0.200 0.190 5.0 5.2 112.5 2 90 1500 mlsg152m075jh0c 0.148 0.141 6.2 6.5 112.5 2.5 90 2000 mlsg202m075jb0c 0.096 0.091 8.2 8.5 112.5 3 90 100 vdc @ 125 c 120 vdc @ 105 c 150 vdc surge @ 25 c 400 mlsg401m100jk0c 0.960 0.768 2 2.4 150 1.5 120 600 mlsg601m100ja0c 0.634 0.507 2.8 3.6 150 2 120 800 mlsg801m100jh0c 0.484 0.387 3.6 4.6 150 2.5 120 1000 mlsg102m100jb0c 0.387 0.310 4.4 5.7 150 3 120 150 vdc @ 125 c 180 vdc @ 105 c 225 vdc surge @ 25 c 200 mlsg201m150jk0c 0.960 0.768 2 2.4 225 1.5 180 300 mlsg301m150ja0c 0.634 0.507 2.8 3.6 225 2 180 400 mlsg401m150jh0c 0.484 0.387 3.6 4.6 225 2.5 180 500 mlsg501m150jb0c 0.387 0.310 4.4 5.7 225 3 180 200 vdc @ 125 c 250 vdc @ 105 c 300 vdc surge @ 25 c 190 mlsg191m200jk0c 1.274 1.019 1.9 2.1 300 1.5 250 280 mlsg281m200ja0c 0.845 0.676 2.8 3.1 300 2 250 380 mlsg381m200jh0c 0.634 0.508 3.6 4.1 300 2.5 250 490 mlsg491m200jb0c 0.507 0.406 4.4 5 300 3 250 250 vdc @ 125 c 275 vdc @ 105 c 350 vdc surge @ 25 c 140 mlsg141m250jk0c 1.200 0.960 1.9 2.2 350 1.5 300 220 mlsg221m250ja0c 0.792 0.634 2.9 3.2 350 2 300 300 mlsg301m250jh0c 0.605 0.484 3.7 4.2 350 2.5 300 380 mlsg381m250jb0c 0.484 0.387 4.5 5.1 350 3 300 type mlsg C slimpack, 5000 hr@125 oc, aluminum electrolytic
typical performance curves cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 part # mlsg122m060jkoc 0.0 0.2 0.4 0.6 0.8 1.0 1.2 10 100 1000 10000 100000 1000000 ratio to 25 c, 120 hz value freq (hz) cap vs. frequency & temp 125 105 85 65 45 25 0 -20 -40 -55 0.01 0.1 1.0 10.0 1 10 100 1000 10000 100000 1000000 ratio to 25 c, 120 hz value freq (hz) esr vs. frequency & temp 125 105 85 65 45 25 0 -20 -40 -55 0.01 0.1 1.0 10.0 100.0 1 10 100 1000 10000 100000 1000000 ratio to 25 c, 120 hz value freq (hz) |z| vs. frequency & temp 125 105 85 65 45 25 0 -20 -40 -55 5000 125
typical performance curves cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 expected operating life, years rated ripple - current multiple type mlsg operating life in years vs ripple current 55 c 65 c 75 c 85 c 95 c 105 115 c 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 expected operating life, kh rated ripple - current multiple type mlsg operating life in kilohours vs ripple current 55 c 65 c 75 c 85 c 95 c 105 115 c type mlsg C slimpack, 5000 hr@125 oc, aluminum electrolytic
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of MLSG342M040JA0C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X