Part Number Hot Search : 
XC9105 5D215 P4SMAJ26 0Q201 LT1528CT KTA1517 8TRPB BH200D
Product Description
Full Text Search
 

To Download MLS662M040EA0C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature range C55 c to +125 c rated voltage range 5.0 vdc to 250 vdc capacitance range 220 f to 47,000 f capacitance tolerance 20% leakage current 0.002 cv a, @ 25 c and 5 mins. ripple current multipliers low temperature characteristics impedance ratio: z C55 ?c M z +25 ?c 10 (5 - 20 vdc) 2 (25 - 250 vdc) endurance life test 10,000 h @ full load at 85 c ? capacitance 10% esr 200% of limit dcl 100% of limit dc life test 2000 h at rated voltage &125 c ? capacitance 10% esr 200% of limit dcl 100% of limit shelf life test 500 h at 125 c capacitance 100% of limit esr 100% of limit dcl 100% of limit vibration mounting: vibration capability is dependent upon mounting restraint. the optional welded mounting tabs, alone, are not capable of sustaining the high vibration levels. to achieve the high vibration levels as published on right, additional mounting restraint is required. standard mls flatpack: 10g 10 hz to 2 khz sine swept, 0.06 pp max and 10g. type hvmls flatpack 1.5 and 2.0 case length, 50g type hvmls flatpack 2.5 and 3.0 case length, 30g mil-std-202, meth. 204, sine swept, iec 60068-2-6 encased in rugged stainless steel, the mls is perfect for high reliability military systems and applications operating above 85 c. for our highest performing 125 c flatpacks, choose type hvmls available in a special stainless steel case for high vibration applications up to 50g. specify type hrmls for high reliability flatpacks which are subjected to mil level burn-in processes to ensure established reliability. highlights - near-hermetic welded seal - stainless-steel case - 100 years expected operating life - withstands more than 80,000 feet altitude - type hv up to 50g - type hr, high reliability specifcations cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type mls 125 c flatpack, ultra long life, aluminum electrolytic now available with high vibration and high reliability options case temperature ambient temperature, no heatsink 45 c 55 c 65 c 75 c 85 c 95 c 105 c 115 c 125 c 0.63 0.58 0.54 0.49 0.44 0.38 0.31 0.22 0.00 45 c 55 c 65 c 75 c 85 c 95 c 105 c 115 c 125 c 1.41 1.32 1.22 1.12 1.00 0.87 0.71 0.50 0.00 frequency 50 hz 60 hz 120 hz 360 hz 1 khz 5 khz 10 khz & up 5 to 40 v 0.95 0.96 1.00 1.03 1.04 1.04 1.04 60 to 250 v 0.80 0.84 1.00 1.18 1.25 1.30 1.30
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type mls 125 c flatpack, ultra long life, aluminum electrolytic available with high vibration and high reliability options vibration test level the specimens, while deenergized or operating under the load conditions specifed, shall be subjected to the vibration amplitude, frequency range, and duration specifed for each case size. amplitude the specimens shall be subjected to a simple harmonic motion having an amplitude of either 0.06-inch double amplitude (maximum total excursion) or peak level specifed above (xxg peak), whichever is less. the tolerance on vibration amplitude shall be 10 percent. frequency range the vibration frequency shall be varied logarithmically between the approximate limits of 10 to 2,000 hz. sweep time and duration the entire frequency range of 10 to 2,000 hz and return to 10 hz shall be traversed in 20 minutes. this cycle shall be performed 12 times in each of three mutually perpendicular directions (total of 36 times), so that the motion shall be applied for a total period of approximately 12 hours. interruptions are permitted provided the requirements for rate of change and test duration are met. high reliability test/burn-in established reliability capacitors shall be subjected to a minimum of 100 percent of the dc rated voltage at 85 oc for 48 hours minimum but not to exceed 96 hours. during this test, capacitors shall be adequately protected against temporary voltage surges of 10 percent or more of the test voltage. after burn-in, the capacitors shall be returned to room ambient conditions and the dc leakage, capacitance, and esr shall be measured with respect to specifed limits. thermal resistance esl 30 nh measured 1/4 from case at 1 mhz weight case ek 43 g typical case ea 76 g typical case eb 92 g typical terminals 18 awg copper wire with 60/40 tin-lead electroplate, 20 amps max ripple current capability the ripple current capability is set by the maximum permissible internal core temperature, 125 oc. air cooled the ripple currents in the ratings tables are for 85 oc case temperatures. for air temperatures without a heatsink use the multipliers ambient temperature, no heatsink. heatsink cooled temperature rise from the internal hottest spot, the core, to ambient air is ?t = i 2 (esr)(cc + ca) where cc is the thermal resistance from core to case and ca from case to ambient. to calculate maximum ripple capability with the mls attached to a heatsink use the maximum core temperature and the values for cc. example as an illustration, suppose you operate an insulated mls332m060eb1c in 65 oc air and attach it to a commercial heatsink with a free-air thermal resistance of 2.7 oc/w. use a good thermal grease between the mls and the heatsink, and the total thermal resistance is 2.7 +1.8 or 4.5 oc/w. the power which would heat the core to 125 c is (125 - 65)/4.5 or 13.3 w. for an esr of 31 m, 13.3 w equates to a ripple current of 20.7 a, however, the wire leads are rated for only 20 a. large sides heatsinked case length 1.5" 2.0" 3.0" insulation oc/w oc/w oc/w one none 4.3 3.1 2.0 polyester 4.7 3.4 2.2 both none 2.8 2.0 1.3 polyester 3.0 2.2 1.4
? ? l +0.375 0.03 0.188 0.01 0.156 dia 0.01 0.375 0.01 l 0.02 1.5 min 0.156 0.01 slot 0.040 dia, 18 awg leads (typ) 1.00 0.01 1.75 0.01 .030 .036 0.50 max + part numbering system hv hr mls 821 m 200 eb 0 a optional optional type capacitance tolerance rated voltage case code insulation mounting style high vibration high reliability mls 821=820 f 102 = 1000 f m=20% vdc ek, l=1.5 in. ea, l=2.0 in eb, l=3.0 in. * other sizes available 0 = bare can 1 = polyester a = mounting tabs c = two leads/no tabs d = hook leads/tabs * other mounting tab options available style a: mounting tabs outline drawings type mls 125 c flatpack, ultra long life, aluminum electrolytic available with high vibration and high reliability options cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 case length weight code l (in) (g) ek 1.5 43 ea 2.0 76 eb 3.0 92 1.00.01 1.75.01 l +.375 .03 .188.010 .156 dia 0.01 .375.010 l 0.02 0.040 dia, 18 awg leads (typ) .156 0.01 slot 0.50 max .26.01 .036 .030 .175 0.01 dia style d: hook leads style c: no tabs mounting tabs are welded to the case. ? ? l +0.375 0.03 0.188 0.01 0.156 dia 0.01 0.375 0.01 l 0.02 1.5 min 0.156 0.01 slot 0.040 dia, 18 awg leads (typ) 1.00 0.01 1.75 0.01 .030 .036 0.50 max + standard type mls type hv, rilled construction examples: standard mls: mls821m200eb0c high reliability: hrmls821m200eb0c high vibration: hvmls821m200eb0c high reliability, high vibration: hvhrmls821m200eb0c .188.01 l +.375 0.03 .156 0.01 .375 0.01 l 0.02 1.5 min 1.00 0.01 1.750 0.01 0.50 max .036 .030 1.00.01 1.75.01 1.5 min l .02 0.040 dia, 18 awg leads (typ) 0.50 max note: the polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 expected operating life, kh rated ripple - current multiple type mls operating life in kilohours vs ripple current (90% v) 45 ?c 55 ?c 65 ?c 75 ?c 85 ?c cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ratings type mls 125 c flatpack, ultra long life, aluminum electrolytic available with high vibration and high reliability options esr max ripple (a) esr max ripple (a) cap 25 c (m) case @ 85c length cap 25 c (m) case @ 85c length (f) catalog part number 120 hz 20 khz 120 hz 20 khz (inches) (f) catalog part number 120 hz 20 khz 120 hz 20 khz (inches) 125 c: 5 vdc, 105 c: 7.5 vdc, 25 c surge: 10 vdc 2,100 mls212m060ea0c 72 52 11.9 14.1 2.0 19,000 mls193m5r0ek0c 76 66 11.6 12.5 1.5 3,300 mls332m060eb0c 44 31 15.3 18.2 3.0 28,000 mls283m5r0ea0c 50 44 14.3 15.4 2.0 125 c: 75 vdc, 105 c: 100 v, 25 c surge: 125 vdc 47,000 mls473m5r0eb0c 30 26 18.5 19.9 3.0 1,100 mls112m075ek0c 112 78 9.6 11.5 1.5 125 c: 7.5 vdc, 105 c: 10 v, 25 c surge: 13 vdc 1,600 mls162m075ea0c 76 54 11.6 13.8 2.0 17,000 mls173m7r5ek0c 77 67 11.5 12.4 1.5 2,700 mls272m075eb0c 46 33 14.9 17.6 3.0 26,000 mls263m7r5ea0c 51 45 14.1 15.1 2.0 125 c: 100 vdc, 105 c: 150 v, 25 c surge: 180 vdc 43,000 mls433m7r5eb0c 31 27 18.2 19.5 3.0 500 mls501m100ek0c 355 248 5.4 6.4 1.5 125 c: 10 vdc, 105 c: 16 v, 25 c surge: 20 vdc 770 mls771m100ea0c 238 166 6.6 7.8 2.0 13,000 mls133m010ek0c 81 69 11.3 12.2 1.5 1,300 mls132m100eb0c 143 100 8.5 10.1 3.0 23,000 mls233m010ea0c 51 45 14.0 15.0 2.0 125 c: 150 vdc, 105 c: 200 v, 25 c surge: 250 vdc 38,000 mls383m010eb0c 31 27 18.2 19.5 3.0 400 mls401m150ek0c 388 253 5.1 6.4 1.5 125 c: 20 vdc, 105 c: 30 v, 25 c surge: 40 vdc] 600 mls601m150ea0c 261 168 6.3 7.8 2.0 6,800 mls682m020ek0c 84 69 11.0 12.2 1.5 1,000 mls102m150eb0c 158 100 8.1 10.1 3.0 10,000 mls103m020ea0c 56 46 13.6 15.0 2.0 125 c: 200 vdc, 105 c: 250 vdc, 25 c surge: 300 vdc 17,000 mls173m020eb0c 33 27 17.6 19.5 3.0 330 mls331m200ek0c 426 258 4.9 6.2 1.5 125 c: 40 vdc, 105 c: 50 v, 25 c surge: 63 vdc 490 mls491m200ea0c 285 172 6.0 7.7 2.0 4,400 mls442m040ek0c 97 70 10.3 12.1 1.5 820 mls821m200eb0c 172 103 7.7 10.0 3.0 6,600 MLS662M040EA0C 62 46 12.9 15.0 2.0 125 c: 250 vdc, 105 c: 250 vdc, 25 c surge: 300 vdc 11,000 mls113m040eb0c 36 27 16.9 19.5 3.0 220 mls221m250ek0c 597 393 4.1 5.1 1.5 125 c: 60 vdc, 105 c: 80 v, 25 c surge: 100 vdc 330 mls331m250ea0c 399 262 5.0 6.3 2.0 1,500 mls152m060ek0c 106 77 9.8 11.5 1.5 560 mls561m250eb0c 240 157 6.5 8.1 3.0 typical performance curves
typical performance curves cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type mls 125 c flatpack, ultra long life, aluminum electrolytic available with high vibration and high reliability options 0 10 20 30 40 50 60 70 80 90 100 0 200 400 600 800 1000 0 2000 4000 6000 8000 10000 12000 esr (m ) capacitance (f) te s t h o u r s mls103m150eb0d life test at 125 c, 150 v esr capacitance 13000 0 0 0 0 0 1 1 10 100 1000 10000 100000 ratio to 25 oc, 120 hz value frequency (hz) capacitance vs temperature & frequency, 820 f, 200 v 125 oc 25 oc 85 oc 0 oc 0 oc 100 oc 20 oc 5 oc 5 oc 01 1 10 100 10 100 1000 10000 100000 1000000 ratio esr to 25 oc, 120 hz value frequency (hz) mls esr vs temperature and frequency, 1100 f, 75 v 40 oc 20 oc 25 oc 5 oc 125 oc 55 oc 0 oc 500000 15.3 0.033 0.47 0.028 ? ratio to 25 oc, 120 hz value frequency (hz) mls capacitance vs temperature & frequency, 1100 f 75 v 125 oc 25 oc 55 oc 0 oc 5 oc 20 oc 0 oc 112 1102 f 70 f 1f
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of MLS662M040EA0C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X