Part Number Hot Search : 
0402CBBV 5AD05ZR 2SK11 KNF21050 5AD05ZR HAT1043M RTD2523 MAX520
Product Description
Full Text Search
 

To Download MJE13001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MJE13001 npn silicon plastic-encapsulate transistor features ? capable of 1.0watts of power dissipation. ? collector - curren t 0.2a ? collector - base volta g e 60 0 v ? operating and storage junction temperature range: -5 5 o c to +15 0 o c electrical characteristics @ 2 5 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =1.0madc, i b =0) 400 vdc v (br)cbo collector- base breakdown voltage (i c =100uadc, i e =0) 600 vdc v (br)ebo emitter- base breakdown voltage (i e =100 uadc, i c =0) 7.0 vdc i cbo collector cutoff current (v cb =600vdc, i e =0) 100 uadc i ceo collector cutoff current (v ce =400vdc,i b =0) 200 uadc i ebo emitter cutoff current (v eb =7.0vdc, i c =0) 100 uadc on characteristics h fe(1) dc current gain (i c =20madc, v ce =20vdc) 10 40 h fe(2) dc current gain (i c =0.25 madc, v ce =10vdc) 5.0 v ce(sat) collector- emitter saturation voltage (i c =50madc, i b =10madc) 0.5 vdc v be(sat) base- emitter saturation voltage (i c =50madc, i b =10madc) 1.2 vdc v be base- emitter voltage (i e =100madc) 1.1 vdc small-signal characteristics f t trans istor frequency (i c =20madc, v ce =20vdc, f=1. 0mhz) 8.0 mhz t f fall time 0.3 us t s storage time v cc =45v,i c =50ma i b1 =i b2 =5.0ma 1.5 us  
 omp onents 20736 marilla street chatsworth       
     m cc revision: d 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 3 x marking : 13001 ? lead free finish/rohs compliant ("p" suffi designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 inches mm dim min max min max note a .175 .185 4.45 4.70 b .175 .185 4.45 4.70 c .500 --- 12.70 --- d .016 .020 0.41 0.63 e .135 .145 3.43 3.68 .09 5 .10 5 2.4 2 2.67 straight lead a e b c d g b c e b c e bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. . 17 3 . 22 0 4.4 0 5.60 bent lead g to-92 dimensions h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc tm micro commercial components w w w. m c c se m i .c om revision: d 201 3/01/01 2 of 3 MJE13001 downloaded from: http:///
m cc revision: d 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 3 of 3 3 p a r t n u m b e r - bp b u l k: 1 0 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 2 0 k p c s / ca rt o n note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MJE13001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X