Part Number Hot Search : 
TVB170SC ICOND 20020 TSOP11 AT24C16 ICOND IR3897 ADV71
Product Description
Full Text Search
 

To Download MDF13N50TH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nov2009.version1.2 magnachipsemiconductorltd . 1 mdf13n50nchannelmosfet500v absolutemaximumratings(ta=25 o c) characteristics symbol rating unit drainsourcevoltage v dss 500 v drainsourcevoltage@t jmax v dss @t jmax 550 v gatesourcevoltage v gss 30 v t c =25 o c 13 a continuousdraincurrent( ) t c =100 o c i d 8.2 a pulseddraincurrent (1) i dm 52 a t c =25 o c 41 powerdissipation derateabove25 o c p d 0.33 w w/ o c peakdioderecoverydv/dt (3) dv/dt 4.5 v/ns singlepulseavalancheenergy (4) e as 580 mj junctionandstoragetemperaturerange t j ,t stg 55~150 o c idlimitedbymaximumjunctiontemperature thermalcharacteristics characteristics symbol rating unit thermalresistance,junctiontoambient (1) r ja 62.5 thermalresistance,junctiontocase (1) r jc 3.05 o c/w mdf13n50 nchannelmosfet500v,13.0a,0.5 ? generaldescription the mdf13n50 uses advanced magnachips mosfet technology, which provides low onstate resistance, high switchingperformanceandexcellentquality. mdf13n50 is suitable device for smps, high speed switchingandgeneralpurposeapplications. features  v ds =500v  v ds =550v@t jmax  i d =13.0a @v gs =10v  r ds(on) 0. 5 @ v gs =10v applications  powersupply  hid  lighting s d g
nov2009.version1.2 magnachipsemiconductorltd . 2 mdf13n50nchannelmosfet500v orderinginformation partnumber temp.range package packing rohsstatus MDF13N50TH 55~150 o c to220f tube halogenfree electricalcharacteristics(ta=25 o c) characteristics symbol testcondition min typ max unit staticcharacteristics drainsourcebreakdownvoltage bv dss i d =250a,v gs =0v 500 gatethresholdvoltage v gs(th) v ds =v gs ,i d =250a 3.0 5.0 v draincutoffcurrent i dss v ds =500v,v gs =0v 1 a gateleakagecurrent i gss v gs =30v,v ds =0v 100 na drainsourceonresistance r ds(on) v gs =10v,i d =6.5a 0.39 0.5 forwardtransconductance g fs v ds =40v,i d =6.5a 13 s dynamiccharacteristics totalgatecharge q g 33 gatesourcecharge q gs 10.4 gatedraincharge q gd v ds =400v,i d =13a,v gs =10v (3) 13 nc inputcapacitance c iss 1390 reversetransfercapacitance c rss 6.3 outputcapacitance c oss v ds =25v,v gs =0v,f=1.0mhz 173 pf turnondelaytime t d(on) 30.2 risetime t r 52.8 turnoffdelaytime t d(off) 60.8 falltime t f v gs =10v,v ds =250v,i d =13a, r g =25 (3) 33.8 ns drainsourcebodydiodecharacteristics maximumcontinuousdrainto sourcediodeforwardcurrent i s 13 a sourcedraindiodeforward voltage v sd i s =13a,v gs =0v 1.4 v bodydiodereverserecovery time t rr 325 ns bodydiodereverserecovery charge q rr i f =13a,dl/dt=100a/s (3) 2.9 c note: 1.pulsewidthisbasedonr jc &r ja andthemaximumallowedjunctiontemperatureof150 c. 2.pulsetest:pulsewidth 300us,dutycycle 2%,pulsewidthlimitedbyjunctiontemperaturet j(max) =150 c. 3. i sd 9.0a,di/dt 200a/us,v dd =50v,r g =25,startingt j =25 c 4.l=6.2mh, i as =13.0a, v dd =50v,r g =25,startingt j =25 c
nov2009.version1.2 magnachipsemiconductorltd . 3 mdf13n50nchannelmosfet500v 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 10 100 25 150 notes: 1.v gs =0v 2.i d =250 ? i dr reversedraincurrent[a] v sd ,sourcedrainvoltage[v] fig. 5 transfercharacteristics fig.1onregioncharacteristics fig. 2 on resistancevariationwith draincurrentandgatevoltage fig. 3 on resistancevariationwith temperature fig. 4 breakdown voltage variation vs. temperature fig. 6 body diode forward voltage variation with source current and temperature 5 10 15 20 25 30 35 0.4 0.5 0.6 0.7 0.8 0.9 v gs =10.0v v gs =20v r ds(on) [ ] i d ,draincurrent[a] 50 25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v gs =10v v gs =4.5v notes: 1.v gs =10v 2.i d =5a r ds(on) ,(normalized) drainsourceonresistance t j ,junctiontemperature[ o c] 4 5 6 7 8 1 10 25 *notes; 1. v ds =30v 150 55 i d [a] v gs [v] 5 10 15 20 5 10 15 20 25 30 notes 1.250 ? pulsetest 2.t c =25 v gs =5.5v =6.0v =6.5v =7.0v =8.0v =10.0v i d ,draincurrent[a] v ds ,drainsourcevoltage[v] 50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes: 1.v gs =0v 2.i d =250 ? bv dss ,(normalized) drainsourcebreakdownvoltage t j ,junctiontemperature[ o c]
nov2009.version1.2 magnachipsemiconductorltd . 4 mdf13n50nchannelmosfet500v fig.7gatechargecharacteristics fig.8capacitancecharacteristics fig.9maximumsafeoperatingarea fig. 10 maximum drain current v s. case temperature fig.11transientthermalresponsecurve fig .12 single pulse maximum power dissipation 25 50 75 100 125 150 0 2 4 6 8 10 12 14 i d ,draincurrent[a] t c ,casetemperature[ ] 1e5 1e4 1e3 0.01 0.1 1 10 0 2000 4000 6000 8000 10000 12000 14000 singlepulse r thjc =3.0 /w t c =25 power(w) pulsewidth(s) 10 5 10 4 10 3 10 2 10 1 10 0 10 1 10 2 10 1 10 0 notes: dutyfactor,d=t 1 /t 2 peakt j =p dm *z jc *r jc (t)+t c r jc =3.0 /w singlepulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), normalizedthermalresponse t 1 ,rectangularpulseduration[sec] 10 1 10 0 10 1 10 2 10 2 10 1 10 0 10 1 10 2 10 s 100 s 100ms dc 10ms 1ms operationinthisarea islimitedbyr ds(on) singlepulse t j =maxrated t c =25 i d ,draincurrent[a] v ds ,drainsourcevoltage[v] 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 0 2 4 6 8 10 400v 250v 100v note:i d =13.0a v gs ,gatesourcevoltage[v] q g ,totalgatecharge[nc] 0.1 1 10 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 c iss =c gs +c gd (c ds =shorted) c oss =c ds +c gd c rss =c gd notes; 1.v gs =0v 2.f=1mhz c rss c oss c iss capacitance[pf] v ds ,drainsourcevoltage[v]
nov2009.version1.2 magnachipsemiconductorltd . 5 mdf13n50nchannelmosfet500v physicaldimensions 3leads,to220f dimensionsareinmillimetersunlessotherwisespec ified s y mbol min nom max a 4.50 4.93 b 0.63 0.91 b1 1.15 1.47 c 0.33 0.63 d 15.47 16.13 e 9.60 10.71 e 2.54 f 2.34 2.84 g 6.48 6.90 l 12.24 13.72 l1 2.79 3.67 q 2.52 2.96 q 1 3.10 3.50 r 3.00 3.55
nov2009.version1.2 magnachipsemiconductorltd . 6 mdf13n50nchannelmosfet500v worldwidesalessupportlocations u.s.a sunnyvaleoffice 787n.maryave.sunnyvale ca94085u.s.a tel:14086365200 fax:14082132450 email:usasales@magnachip.com u.k knyvetthousethecauseway, stainesmiddx,tw183ba,u.k. tel:+44(0)1784895000 fax:+44(0)1784895115 email:uksales@magnachip.com japan osakaoffice 3f,shinosakamt2bldg3536 miyaharayodogawaku osaka,5320003japan tel:81663949160 fax:81663949150 email:osakasales@magnachip.com taiwanr.o.c 2f,no.61,chowizestreet,neihu taipei,114taiwanr.o.c tel:886226577898 fax:886226578751 email:taiwansales@magnachip.com china hongkongoffice suite1024,oceancentre5cantonroad, tsimshatsuikowloon,hongkong tel:85228289700 fax:85228028183 email:chinasales@magnachip.com shenzhenoffice room2003b,20/f internationalchamberofcommercetower fuhuaroad3cbd,futiandistrict,china tel:8675588315561 fax:8675588315565 email:chinasales@magnachip.com shanghaioffice roome,8/f,liaosheninternationalbuilding1068 wuzhongroad,(c)201103 shanghai,china tel:862164051521 fax:862165051523 email:chinasales@magnachip.com korea 891,daechidong,kangnamgu seoul,135738korea tel:82269033451 fax:82269033668~9 email:koreasales@magnachip.com disclaimer: theproductsarenotdesignedforuseinhostileen vironments,including,withoutlimitation,aircraft ,nuclearpower generation, medical appliances, and devices or syst ems in which malfunction of any product can reasona bly be expected to result in a personal injury. sellers customers using or selling sellers products for us e in such applicationsdosoattheirownriskandagreetof ullydefendandindemnifyseller. \ magnachipreservestherighttochangethespecific ationsandcircuitrywithoutnoticeatanytime.ma gnachipdoesnotconsiderresponsibility for use of any circuitry other than circuitry entir ely included in a magnachip product. is a registered trademark of magnachip semiconductorltd.


▲Up To Search▲   

 
Price & Availability of MDF13N50TH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X