Part Number Hot Search : 
MBR10100 ON0424 SXX18 A1126 06AB2D 2012S12 RC2951 UCC28019
Product Description
Full Text Search
 

To Download LPS3010-154MLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C lps3010 document 428-1 document 428-1 revised 11/22/11 dcr srf i sat (a) 5 i rms (a) 6 inductance 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise lps3010-471ml_ 0.47 0.070 370 1.8 1.9 2.0 1.3 1.80 lps3010-681ml_ 0.68 0.080 270 1.6 1.7 1.7 1.3 1.75 lps3010-102ml_ 1.0 0.085 230 1.5 1.6 1.6 1.1 1.50 lps3010-152ml_ 1.5 0.120 165 1.3 1.4 1.4 1.05 1.40 lps3010-182ml_ 1.8 0.150 150 1.2 1.2 1.3 1.00 1.40 lps3010-222ml_ 2.2 0.220 130 1.3 1.4 1.4 0.90 1.10 lps3010-332ml_ 3.3 0.220 110 0.83 0.88 0.90 0.85 1.10 lps3010-472ml_ 4.7 0.300 92 0.72 0.75 0.77 0.70 0.95 lps3010-562ml_ 5.6 0.400 80 0.67 0.69 0.71 0.60 0.78 lps3010-682ml_ 6.8 0.450 70 0.61 0.63 0.64 0.56 0.74 lps3010-822ml_ 8.2 0.520 62 0.56 0.59 0.59 0.53 0.70 lps3010-103ml_ 10 0.540 58 0.50 0.53 0.55 0.48 0.64 lps3010-123ml_ 12 0.700 47 0.46 0.49 0.50 0.44 0.58 lps3010-153ml_ 15 0.950 43 0.41 0.43 0.44 0.37 0.48 lps3010-183ml_ 18 1.10 40 0.38 0.40 0.41 0.33 0.47 lps3010-223ml_ 22 1.20 36 0.32 0.35 0.36 0.30 0.41 lps3010-333ml_ 33 2.00 27 0.25 0.27 0.28 0.26 0.35 lps3010-473ml_ 47 3.20 21 0.23 0.24 0.25 0.22 0.31 lps3010-683ml_ 68 3.50 21 0.20 0.21 0.22 0.20 0.28 lps3010-104ml_ 100 5.25 14 0.14 0.16 0.17 0.18 0.24 lps3010-124ml_ 120 6.10 12 0.13 0.15 0.15 0.14 0.19 lps3010-154ml_ 150 9.15 11 0.13 0.14 0.14 0.13 0.17 lps3010-184ml_ 180 10.1 9 0.11 0.12 0.13 0.11 0.15 lps3010-224ml_ 220 12.5 8 0.10 0.11 0.12 0.095 0.13 lps3010-334ml_ 330 18.5 7 0.10 0.105 0.115 0.085 0.11 core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 25 C 32 mg ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1000/7 reel; 3500/13 reel; plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.4 mm pocket depth recommended pick and place nozzle od: 3 mm; id: 1.5 mm pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf ? ultra small 3.0 3.0 mm footprint; less than 1.0 mm tall ? very low dcr; excellent current handling ? coilcraft designers kit c392 contains samples of 0.80 h to 33 h parts (3 each) from lps3008, lps3010 and lps3015. kit c401 contains samples of 0.56 h to 33 h parts (3 each) from lps4012 and lps4018. kit c402 contains samples of 220 h to 3300 h parts (3 each) from all fve series. for details of kit contents and to order, contact coilcraft or visit http://order.coilcraft.com . 1. please specify termination and packaging codes: lps3010-223m lc termination: l = rohs compliant silver-palladium- platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin- lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (1000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (3500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a. inductance at 1 mhz is the same for parts with srf 10 mhz. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753es or equivalent. 5. dc current that causes the specifed inductance drop from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
shielded smt power inductors C lps3010 series document 428-2 document 428-2 revised 11/22/11 l vs current l vs frequency 0.1 1 10 100 1000 0.01 0.1 10 1 inductance (h) frequency (mhz) 6.8 h 0.68 h 330 h 33 h 3.3 h 68 h 0.1 1 10 100 1000 0.01 0.1 10 1 inductance (h) current (a) 6.8 h 0.68 h 330 h 33 h 3.3 h 68 h -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated current i sat i rm s 0.116 0.003 2,95 0,076 dash n umber inter nal code 0.116 0.003 2,95 0,076 0.130 3,30 0.040 1,02 0.025 0,64 0.045 1,14 0.020 0,51 0.130 3,30 0.035 0.004 0,9 0,1 recommended land p attern 0.035 0,89 winding direction 123x * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.005 i n/0,13 mm. * ** fo r optional tin-lead and tin-silv er-copper ter minations , dimensions are fo r the mounted par t. dimensions bef ore mounting can be an additional 0.005 inch (0,13 mm). ** typical current derating dimensions are in inches mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of LPS3010-154MLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X