Part Number Hot Search : 
MB89930A BO12864B XSMCGL TPS806 M15FD LSJ201 VMU1357 AX6746KA
Product Description
Full Text Search
 

To Download LGSB2040FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical dat a maximum ratings and electrical characteristics o rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. outline low power loss, high efficiency. ? high current capability, low forward voltage drop. ? high surge capability. ? guardring for overvoltage protection. ? ultra high-speed switching. ? silicon epitaxial planar chip, metal silicon junction. ? suffix " h " indicates halogen-free part, ex.sb2040 f ct h . ? lead-free parts meet environmental standards of ? mil-std-19500 /228 sb2040 f ct thru sb2065 f ct 20a high power schottky barrier rectifiers i o i f s m i r c j t s t g forward rectified current forward surge current reverse current thermal resistance storage temperature parameter see fig.1 8.3ms single half sine-wave superimposed on rate load (jedec method) o v = v t = 25 c r r r m a o v = v t = 100 c r r r m a conditions symbol min. typ. max. unit -55 +175 250 20 0.5 20 150 a a ma o c/w o c 55 r j a junction to ambient diode junction capacitance pf f=1mhz and applied 4v dc reverse voltage operating temperature o t ( c) j -55 ~ +150 max. forward voltage o @10a, t = 25 c a v (v) f 0.70 0.55 max. dc blocking voltage v (v) r max. rms voltage v (v) r m s 31.5 42 45.5 28 max. repetitive peak reverse voltage v (v) r r m 45 60 65 40 marking code sb2045 f ct sb2060 f ct sb2065 f ct sb2040 f ct symbol sb2045 f ct sb2060 f ct sb2065 f ct sb2040 f ct 45 60 65 40 dimensions in inches and (millimeters) ito-220ab marking code pin 1 pin 3 pin 2 0.408(10.36) 0.382(9.70) 0.138(3.50) max 0.634(16.1) 0.580(14.5) 0.370(9.4) 0.307(7.8) 1 2 3 0.563(14.3) 0.500(12.7) 0.195(4.95) 0.165(4.20) 0.036(0.91) 0.012(0.30) 0.110(2.80) 0.130(3.3) 0.091(2.3) 0.031(0.8) 0.012(0.3) 0.091(2.30) 0.055(1.4) 0.039(1.0) 0.118(3.0) 0.098(2.5) 0.071(1.8) 0.039(1.0) 0.171(4.35) 0.102(2.60) ? epoxy : ul94-v0 rated flame retardant . . ? case : jedec ito-220ab molded plastic body ? terminals : solder plated, solderable per mil-std-750, method 2026 . ed. ? polarity: as mark . ? mounting position : any . ? weight : approximated 2.25 gram ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1
rating and characteristic curves fig.1 - forward current derating curve average forward current (a) 0 25 50 75 100 125 150 175 ambient temperature ( c) 25.0 20.0 10.0 single phase half wave 60hz resistive or inductive load 3.75(9.5mm) lead length percent of rated peak reverse voltage ( %) fig. 4 - reverse characteristics instantaneous reverse current (ma) t =25c j t =75c j 0 20 40 60 80 100 120 140 100 10 1.0 0.1 0.01 0.001 0 fig. 2 - maximum non-repetitive peak forward surge current 200 150 100 50 0 peak forward surge current amperes number of cycles at 60 hz 1 10 1 00 8.3ms single half sine-wave (jedec method) t =100c j 15.0 5.0 fig. 3 - instantaneous forward characteristics instantaneous forward voltage (volts) instantaneous forward current (a) 0 0.2 0.4 0.6 0.8 1.0 100 10 1.0 0.1 sb2060 f ct sb2040 f ct sb2040 f ct thru sb2065 f ct 20a high power schottky barrier rectifiers ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1 p a c k a g e s p q / p c s c a r t o n s p q / p c s c a r t o n s i z e / c m c a r t o n g w / k g c a r t o n n w / k g t o - 2 2 0 a b 5 0 / t u b e ; 1 0 0 0 / b o x 5 0 0 0 5 8 x 2 3 . 5 x 1 8 1 5 . 0 0 1 3 . 0 0


▲Up To Search▲   

 
Price & Availability of LGSB2040FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X