Part Number Hot Search : 
00500 KBPC15 74HC16 NJM2209 1205E PF0603F RF1040CT F4004
Product Description
Full Text Search
 

To Download LGSB1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) features mechanical dat a maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. o c outline low power loss, high efficiency. high current capability, low forward voltage drop. high surge capability. guardring for overvoltage protection. ultra high-speed switching. silicon epitaxial planar chip, metal silicon junction. suffix " h " indicates halogen-free part, ex.sb1040 ct h . lead-free parts meet environmental standards of mil-std-19500 /228 ? ? ? ? ? ? ? ? ? case : jedec to-220ab molded plastic body over passivated chip ? lead : axial leads, solderable per mil-std-202, method 208 guranteed ? polarity: color band denotes cathode end ? mounting position : any ? weight : approximated 2.25 gram ? epoxy : ul94-v0 rated flame retardant . . . . . . sb1040ct thru sb1065ct 10a high power schottky barrier rectifiers i o i fsm i r c j t stg forward rectified current forward surge current reverse current thermal resistance storage temperature parameter see fig.1 8.3ms single half sine-wave superimposed on rate load (jedec method) o v = v t = 25 c r rrm a o v = v t = 100 c r rrm a conditions symbol min. typ. max. unit -55 +175 250 20 0.5 10 125 a a ma o c/w o c 55 r ja junction to ambient diode junction capacitance pf f=1mhz and applied 4v dc reverse voltage operating temperature o t ( c) j -55 ~ +150 max. forward voltage o @5a, t = 25 c a v (v) f 0.70 0.55 max. dc blocking voltage v (v) r max. rms voltage v (v) rms 31.5 42 45.5 28 max. repetitive peak reverse voltage v (v) rrm 45 60 65 40 marking code sb1045ct sb1060ct sb1065ct sb1040ct symbol sb1045ct sb1060ct sb1065ct sb1040ct 45 60 65 40 to-220ab marking code pin 1 pin 3 pin 2 0.420(10.66) 0.386(9.80) 0.155(3.94) max 0.624(15.87)max 0.226(5.75)min 1 2 3 0.500(12.70)min 0.197(5.0)max 0.038(0.96) 0.020(0.50) 0.110(2.80) 0.091(2.30) 0.055(1.40) 0.043(1.10) 0.028(0.70) 0.011(0.28) 0.054(1.37) max 0.115(2.92) 0.081(2.05) 0.250(6.35) min ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1
rating and characteristic curves fig. 3 - instantaneous forward characteristics instantaneous forward voltage (volts) instantaneous forward current (a) 0 0.2 0.4 0.6 0.8 1.0 100 10 1.0 0.1 percent of rated peak reverse voltage ( %) fig. 4 - reverse characteristics instantaneous reverse current (ma) t =25 c j t =75 c j 0 20 40 60 80 100 120 140 100 10 1.0 0.1 0.01 0.001 t =100 c j sb1040ct sb1060ct fig.1 - forward current derating curve average forward current (a) 0 25 50 75 100 125 150 175 o lead temperature ( c) fig. 2 - maximum non-repetitive peak forward surge current peak forward surge current (a) number of cycles at 60 hz 12 10 8.0 6.0 4.0 2.0 resistive or inductive load single phase half wave 60hz resistive or inductive load 1 10 100 150 125 100 75 50 25 0 ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p 1 sb1040ct thru sb1065ct 10a high power schottky barrier rectifiers p a c k a g e s p q / p c s c a r t o n s p q / p c s c a r t o n s i z e / c m c a r t o n g w / k g c a r t o n n w / k g t o - 2 2 0 a b 5 0 / t u b e ; 1 0 0 0 / b o x 5 0 0 0 5 8 x 2 3 . 5 x 1 8 1 5 . 0 0 1 3 . 0 0


▲Up To Search▲   

 
Price & Availability of LGSB1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X