Part Number Hot Search : 
C4780 MA5J002E SMBJ22A C4741G BYT16P GCM155R7 5B050 97M00
Product Description
Full Text Search
 

To Download KAQV214S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 70 features 1. normally open, single pole single throw 2. control 400vac or dc voltage 3. switch 130ma loads 4. led control current, 5ma 5. low on-resistance 6. dv/dt, >500v/ms 7. isolation test voltage, 1500vacrms schematic and wiring diagrams ul 1577/ ul 508 (file no.e108430), fi en60950 (file no.fi13698) output t ype schematic configuration load connection wiring diagrams ac/dc a KAQV214S 1a dc b dc c KAQV214S electro-optical characteristics (t a=25 c) parameter symbol conditions min. unit emitter (input) forward voltage v f i f =10ma 1.2 1.5 v operation input current i fon v l =20v, i l =100ma, t =10ms 5 ma recovery input current i foff v l =20v, i l 5ua 0.2 ma detector (output) output breakdown voltage v b i b =50ua 400 v output off-state leakage i toff v t =100v, i f =0ma 0.2 1 ua i/o capacitance c iso i f =0, f =1mh z 6pf a 20 30 on resistance connection b r on i l =100ma, i f =10ma 10 15 v c 5 7.5 t urn-on time t on i f =10ma, v l =20v 0.3 1.0 ms t urn-off time t off t =10ms, i l =100ma 0.7 1.5 ms absolute maximum ratings (ta=25 c) emitter ( input ) reverse voltage???????????5.0v continuous forward current ?????50ma peak forward current ?????????1a power dissipation ????????100mw derate linearly from 25c ????1.3mw/c detector ( output ) output breakdown voltage ?????400v continuous load current ?????130ma power dissipation ????????500mw general characteristics isolation test voltage?????1500vacrms isolation resistance v io=500v, ta=25c ???????? 10 10 v t otal power dissipation ??????550mw derate linearly from 25c ????2.5mw/c storage temperature range ?-40c to +125c operating temperature range?-30c to +85c junction temperature????????100c soldering temperature, 2mm from case, 10 sec ???????260c KAQV214S unit : mm tole rance : 0.2mm t urn on/ turn off time > _ > _ high voltage, solid state relay-mosfet output typ. max.
fig.8 v oltage vs. current characteristics of output at mos fet portion measured portion: across terminals 4 and 6 pin load voltage (v) off state leakage current fig.9 off state leakage current across terminals 4 and 6 pin ambient led forward current (ma) tu rn on time msec fig.11 led forward current vs. turn off time across terminals 4 and 6 pin; load voltage: 400v (dc); continuous load current: 130ma (dc); applied voltage (v) output capacitance (pf) fig.12 applied voltage vs. output capacitance across terminals 4 and 6 pin frequency: 1mhz ambient temperature t a led operate current (ma) fig.5 led operate vs. ambient temperature load voltage 400v(dc) continuous load current: 130ma(dc) ambient temperature t a led turn off current (ma) fig.6 led turn off current vs. ambient temperature load voltage 400v(dc) continuous load current: 130ma(dc) ambient temperature t a load current (ma) fig.1 load current vs. ambient temperature allowable ambient temperature: ambient temperature t a on resistonce ( ) fig.2 on resistance vs. ambient temperature across terminals 4 and 6 pin led current: 5ma continuous load current: 130ma(dc) ambient temperature t a tu rn on time msec fig.3 t urn on time vs. ambient temperature load voltage 400v(dc) led current: 5ma continuous load current: 130ma(dc) ambient temperature t a t un off time msec fig.4 t urn off time vs. ambient temperature led current: 5ma; load voltage: 400v(dc) continuous load current: 130ma(dc) ambient temperature t a led dropout voltage (v) fig.7 led dropout voltage vs. ambient temperature led current: 5 to 50ma led forward current (ma) t urn on time msec fig.10 led forward current vs. turn on time across terminals 4 and 6 pin; load voltage: 400v (dc); continuous load current: 130ma (dc); KAQV214S c 2004 cosmo electronics corporation http://www .cosmo-ic.com 71 data curve v


▲Up To Search▲   

 
Price & Availability of KAQV214S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X