Part Number Hot Search : 
B040010 F9222 P2301 2300S SB772 FEP16DT P2301 55C24
Product Description
Full Text Search
 

To Download KAQV210S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2002 cosmo electronics corporation http://www.cosmo-ic.com 78 features 1. normally open, single pole single throw 2. control 350vac or dc voltage 3. switch 130ma loads 4. led control current, 5ma 5. low on-resistance 6. dv/dt, >500v/ms 7. isolation test voltage, 1500vacrms mos relay schematic and wiring diagrams ul 1577/ ul 508 (file no.e108430), fi en60950 (file no.fi13698) output t ype schematic configuration load connection wiring diagrams ac/dc a KAQV210S 1a dc b dc c KAQV210S high voltage, photo mos relay e d electro-optical characteristics (ta=25c) parameter symbol conditions min. typ. max. unit emitter (input) forward voltage v f i f =10ma 1.2 1.5 v operation input current i fon v l =20v, i l =100ma, t =10ms 5 ma recovery input current i foff v l =20v, i l 5ua 0.2 ma detector (output) output breakdown voltage v b i b =50ua 350 v output off-state leakage i t off v t =100v, i f =0ma 0.2 1 ua i/o capacitance c iso i f =0, f =1mh z 6pf a 20 30 on resistance connection b r on i l =100ma, i f =10ma 10 15 ? c 5 7.5 t urn-on time t on i f =10ma, v l =20v 0.3 1.0 ms t urn-off time t off t =10ms, i l =100ma 0.7 1.5 ms absolute maximum ratings (ta=25c) emitter ( input ) reverse voltage???????????5.0v continuous forward current ?????50ma peak forward current ?????????1a power dissipation ????????100mw derate linearly from 25c ????1.3mw/c detector ( output ) output breakdown voltage ?????350v continuous load current ?????130ma power dissipation ????????500mw general characteristics isolation test voltage?????1500vacrms isolation resistance v io=500v, ta=25c ???????? 10 10 ? t otal power dissipation ??????550mw derate linearly from 25c ????2.5mw/c storage temperature range ? -40c to +125c operating temperature range?-30c to +85c junction temperature????????100c soldering temperature, 2mm from case, 10 sec ???????260c KAQV210S unit : mm t olerance : 0.2mm t urn on/ turn off time
fig.8 v oltage vs. current characteristics of output at mos fet portion measured portion: across terminals 4 and 6 pin ambient temperature: 25c load voltage (v) off state leakage current fig.9 off state leakage current across terminals 4 and 6 pin ambient temperature: 25c led forward current (ma) t urn on time msec fig.11 led forward current vs. turn off time across terminals 4 and 6 pin; load voltage: 350v (dc); continuous load current: 130ma (dc); ambient temperature: 25c applied voltage (v) output capacitance (pf) fig.12 applied voltage vs. output capacitance across terminals 4 and 6 pin frequency: 1mhz ambient temperature: 25c ambient temperature ta (c) led operate current (ma) fig.5 led operate vs. ambient temperature load voltage 350v(dc) continuous load current: 130ma(dc) ambient temperature ta (c) led turn off current (ma) fig.6 led turn off current vs. ambient temperature load voltage 350v(dc) continuous load current: 130ma(dc) ambient temperature ta (c) load current (ma) fig.1 load current vs. ambient temperature allowable ambient temperature: -40c to +85c ambient temperature ta (c) on resistonce ( ? ) fig.2 on resistance vs. ambient temperature across terminals 4 and 6 pin led current: 5ma continuous load current: 130ma(dc) ambient temperature ta (c) tu rn on time msec fig.3 t urn on time vs. ambient temperature across terminals 4 and 6 pin led current: 5ma continuous load current: 130ma(dc) ambient temperature ta (c) t un off time msec fig.4 t urn off time vs. ambient temperature led current: 5ma; load voltage: 350v(dc) continuous load current: 130ma(dc) ambient temperature ta (c) led dropout voltage (v) fig.7 led dropout voltage vs. ambient temperature led current: 5 to 50ma led forward current (ma) t urn on time msec fig.10 led forward current vs. turn on time across terminals 4 and 6 pin; load voltage: 350v (dc); continuous load current: 130ma (dc); ambient temperature: 25c KAQV210S c 2002 cosmo electronics corporation http://www.cosmo-ic.com 79 data curve


▲Up To Search▲   

 
Price & Availability of KAQV210S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X