Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download IRG4BC30U-SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ces collector-to-emitter breakdown voltage 600 v i c @ t c = 25c continuous collector current 23 i c @ t c = 100c continuous collector current 12 a i cm pulsed collector current  92 i lm clamped inductive load current  92 v ge gate-to-emitter voltage 20 v e arv reverse voltage avalanche energy  10 mj p d @ t c = 25c maximum power dissipation 100 p d @ t c = 100c maximum power dissipation 42 t j operating junction and -55 to + 150 t stg storage temperature range IRG4BC30U-SPBF ultrafast speed igbt insulated gate bipolar transistor e c g n-channel v ces = 600v v ce(on) typ. = 1.95v @v ge = 15v, i c = 12a  absolute maximum ratings  features ultrafast: optimized for high operating frequencies 8-40 khz in hard switching, >200 khz in resonant mode generation 4 igbt design provides tighter parameter distribution and higher efficiency than generation 3 industry standard d 2 pak package lead-free generation 4 igbt's offer highest efficiency available igbt's optimized for specified application conditions designed to be a "drop-in" replacement for equivalent industry-standard generation 3 ir igbt's benefits parameter typ. max. units r jc junction-to-case CCC 1.2 c/w r ja junction-to-ambient, ( pcb mounted,steady-state)* CCC 40 thermal resistance www.irf.com 1 *  when mounted on 1" square pcb (fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. d 2 pak  downloaded from: http:///
IRG4BC30U-SPBF 2 www.irf.com parameter min. typ. max. units conditions q g total gate charge (turn-on) 50 75 i c = 12a q ge gate - emitter charge (turn-on) 8.1 12 nc v cc = 400v see fig.8 q gc gate - collector charge (turn-on) 18 27 v ge = 15v t d(on) turn-on delay time 17 t r rise time 9.6 t j = 25c t d(off) turn-off delay time 78 120 i c = 12a, v cc = 480v t f fall time 97 150 v ge = 15v, r g = 23 ? e on turn-on switching loss 0.16 energy losses include "tail" e off turn-off switching loss 0.20 mj see fig. 10, 11, 13, 14 e ts total switching loss 0.36 0.50 t d(on) turn-on delay time 20 t j = 150c, t r rise time 13 i c = 12a, v cc = 480v t d(off) turn-off delay time 180 v ge = 15v, r g = 23 ? t f fall time 140 energy losses include "tail" e ts total switching loss 0.73 mj see fig. 13, 14 l e internal source inductance 7.5 nh measured 5mm from package c ies input capacitance 1100 v ge = 0v c oes output capacitance 73 pf v cc = 30v see fig.7 c res reverse transfer capacitance 14 ? = 1.0mhz parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 600 v v ge = 0v, i c = 250a v (br)ecs emitter-to-collector breakdown voltage  18 v v ge = 0v, i c = 1.0a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0.63 v/c v ge = 0v, i c = 1.0ma 1.95 2.1 i c = 12a v ge = 15v v ce(on) collector-to-emitter saturation voltage 2.52 i c = 23a see fig.2, 5 2.09 i c = 12a , t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage -13 mv/c v ce = v ge , i c = 250a g fe forward transconductance  3.1 8.6 s v ce = 100v, i c = 12a 250 v ge = 0v, v ce = 600v 2.0 v ge = 0v, v ce = 10v, t j = 25c 1000 v ge = 0v, v ce = 600v, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v electrical characteristics @ t j = 25c (unless otherwise specified) i ces zero gate voltage collector current   switching characteristics @ t j = 25c (unless otherwise specified)    pulse width  80s; duty factor 0.1%   pulse width 5.0s, single shot.   repetitive rating; v ge = 20v, pulse width limited by max. junction temperature. ( see fig. 13b )  v cc = 80%(v ces ), v ge = 20v, l = 10h, r g = 23 ? (see fig. 13a)  repetitive rating; pulse width limited by maximumjunction temperature. downloaded from: http:///
IRG4BC30U-SPBF www.irf.com 3 fig. 1 - typical load current vs. frequency (for square wave, i=i rms of fundamental; for triangular wave, i=i pk ) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 0.1 1 10 100 0.1 1 10 ce c i , collector-to-emitter current (a) v , collector-to-emitter voltage (v) t = 150c t = 25c j j v = 15v 20s pulse width ge a 0.1 1 10 100 567891 01 11 2 c i , collector-to-emitter current (a) ge t = 25c t = 150c j j v , gate-to-emitter voltage (v) a v = 10v 5s pulse width cc 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0.1 1 10 100 f, frequency (khz) load current (a) a 60% of rated voltage ideal diodes square wave: for both: triangular wave: clamp voltage: 80% of rated power dissipation = 1.75w duty cycle: 50% t = 125c t = 55c gate drive as specified sink j downloaded from: http:///
IRG4BC30U-SPBF 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs.case temperature 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 ce v , collector-to-emitter voltage (v) v = 15v 80s pulse width ge a t , junction temperature (c) j i = 24a i = 12a i = 6.0a c c c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 t , rectangular pulse duration (sec) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 single pulse (thermal response) thermal response (z ) p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 12 j dm thjc c 0 5 10 15 20 25 25 50 75 100 125 150 maximum dc collector current (a t , case temperature (c) c v = 15v ge a downloaded from: http:///
IRG4BC30U-SPBF www.irf.com 5 fig. 10 - typical switching losses vs. junction temperature fig. 9 - typical switching losses vs. gate resistance fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 7 - typical capacitance vs. collector-to-emitter voltage 0 400 800 1200 1600 2000 1 10 100 ce c, capacitance (pf) v , collector-to-emitter voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c ge ies ge gc ce res gc oes ce gc c ies c res c oes 0 4 8 12 16 20 0 1 02 03 04 05 0 ge v , gate-to-emitter voltage (v) g q , total gate charge (nc) a v = 400v i = 12a cec 0.2 0.3 0.4 0.5 0 1 02 03 04 05 06 0 g total switching losses (mj) r , gate resistance ( ? ) a v = 480v v = 15v t = 25c i = 12a ccge j c 0.1 1 10 -60 -40 -20 0 20 40 60 80 100 120 140 160 total switching losses (mj) a i = 6.0a i = 12a i = 24a r = 23 ? v = 15v v = 480v c c c j t , junction temperature (c) gge cc downloaded from: http:///
IRG4BC30U-SPBF 6 www.irf.com fig. 12 - turn-off soa fig. 11 - typical switching losses vs. collector-to-emitter current 0.0 0.4 0.8 1.2 1.6 01 02 03 0 c total switching losses (mj) i , collector-to-emitter current (a) a r = 23 ? t = 150c v = 480v v = 15v gj cc ge 0.1 1 10 100 1000 1 10 100 100 0 c ce ge v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) safe operating area v = 20v t = 125c gej downloaded from: http:///
IRG4BC30U-SPBF www.irf.com 7 d.u.t. 50v l v * c  * driver same type as d.u.t.; vc = 80% of vce(max) * note: due to the 50v power supply, pulse width and inductor will increase to obtain rated id. 1000v   
            
   t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% v c i c e on e off ts on off e = (e +e )   
   
  50v driver* 1000v d.u.t. i c c v    l 
   
    
    0 - vcc r l icm vcc = 480f pulsed collector current test circuit downloaded from: http:///
IRG4BC30U-SPBF 8 www.irf.com   

 
   
 dimensions are shown in millimeters (inches) '()"  *+,--)./010*+) 2'-*(*'+*+3*4,()-
),3%5))  
  
  




  

       

  
               
  
  
       
  downloaded from: http:///
IRG4BC30U-SPBF www.irf.com 9    
 
dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 02/2010 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG4BC30U-SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X