Part Number Hot Search : 
L63ID LT1T023C BYV27200 AS300DB B3010 74HC15 TB6552F STDP2550
Product Description
Full Text Search
 

To Download GBJ2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  @if=30a @if=15a 1.1 forward voltage per element 300 single phase amp glass passivated bridge rectifier average rectified output current (note 1)@t =90 plastic material-ul flammability 94v-0 25.0 gbj25005 thru GBJ2510 25.0 85 1.0 single phase, half wave, 60hz, resistive or inductive load. ambient temperature unless otherwise specified. lead free: for rohs / lead free version terminals: plated leads solderable per mil-std-202, method 208 features mechanical data polarity: as marked on case mounting position: any marking: type number maximum ratings and electrical characteristics for capacitive load, derate current by 20%. glass passivated die construction low forward voltage drop high current capability high surge current capability rating at 25 v rrm v rwm v dc v rms 35 70 140 280 420 560 700 v fm t j ,t stg peak repetitive reverse voltage working peak reverse voltage dc blocking voltage non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) operating and storage temperature range rms reverse voltage -55to+150 ua typical junction capacitance per leg pf /w i r 5.0 500 a v i fsm v v i o a 1000 100 200 400 600 800 50 note:1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. version:01 1 of 2 www.sddydz.com peak reverse current @t =25 at rated dc blocking voltage @t =125 a a c j a dimensions in inches and (millimeters) gbj .433(11) .354(9.0) .043(1.1) .035(0.9) .090(2.3) .078(2.0) 1.193(30.3) 1.169(29.7) .800(20.3) .787(19.7) .441(11.2) .425(10.8) .023(0.6) .303(7.7) .287(7.3) .165(4.2) .150(3.8) .706(18.0) .626(16.0) .303(7.7) .287(7.3) .110(2.8) .094(2.4) .150(3.8) .134(3.4) .184(3.4) .122(3.1) .189(4.8) .173(4.4) .106(2.7) .096(2.3) + ~~ - + ~~ - .215(5.2) .196(4.8) case: moeded plastic, gbj symbol units type number 2510 2508 2506 2504 2502 2501 25005 gbj gbj gbj gbj gbj gbj gbj 1.0 22 r ja r jc between junction and ambient, without heatsink between junction and case, with heatsink
150 rizzzvgg\g]frp yhuvlrq gbj25005 thru GBJ2510 . 1 output current deratin (a i , a verage for w a rd rectified current (a ) v) t , ambient temperature ( c) fi g g curve a 
   =%" 1%" 5 h4h h 8h!":h 9  h
h  h
  h  $!%"  %" 0.04 0.4 40 4 0 .8 1 .2 0 .6 0 .4 1 .0 1 .4 1 .6 i , inst ant aneous for w a rd current ( a) f v , instantaneous forward voltage (v) fi g .2t y pical forward characteristics ( per le g) f t=25c pulse width = 300 s a   number of cycles at 60 hz t 1 10 100 0 350 200 150 100 50 250 300 400 i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s pe rc e n o f r a t e d peak r eve r se v o l t a ge t a = 25 " c 10 1 .0 0 .1 0 . 01 0 40 60 80 100 120 140 20 i , peak for w ard surge current (a) fsm fi g . 3 maximum peak forward sur g e current ( per le g) t = 25 c single half sine-wave pulse width = 8.3ms (jedec method) a  fig. 4  t ypical  junction  capacitance invstantaneous reverse current fig.5 typical reverse chracteristics ( a)  (v) percent of rated peak inverse voltge 020406080100 0.01 0.1 1.0 10 100 tj=150  tj=25 


▲Up To Search▲   

 
Price & Availability of GBJ2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X