Part Number Hot Search : 
00800 1A105 2SC368 MJE1102 ISP1103 811733 12D05 16D06
Product Description
Full Text Search
 

To Download GBJ2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbj gbj plastic technique results in inexpensive product gbj25005 thru GBJ2510 silicon bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 25.0 amperes features gbj maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. 10 0.5 85 0.6 -55 to +150 -55 to +150 25.0 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage drop per birdge element at 12.5a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =125 c typical junction capacitance (note 1) typical thermal resistance (note 2) operating junction temperature range storage temperature range c j r q jc t j t stg i r v f a m c c/w ma c pf 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 25005 350 1.0 gbj 2501 gbj 2502 2504 gbj 2506 gbj 2508 gbj 2510 mdd catalog number dimensions in inches and (milimeters) ? .122(3.1) ? .134(3.4) .425(10.8) .441(11.2) .031(0.8) .023(0.6) .098(2.5) .114(2.9) ? .134(3.4) ? .122(3.1) .189(4.8) .173(4.4) .134(3.4) .150(3.8) .708(18.0) .669(17.0) .800(20.3) .776(19.7) (5.1) .198 .386(9.8) .402(10.2) .303(7.7) .287(7.3) .287(7.3) .303(7.7) spacing .043(1.1) .035(0.9) .078(2.0) .094(2.4) .106(2.7) .096(2.3) 1.169(29.7) 1.193(30.3) + ~ ~ _ .165(4.2) .142(3.6) .118(3.0)*45 max rating to 1000v prv ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded the plastic material has u/l flammability classification 94v-0 maximum average forward (with heatsink note 2) rectified current @ t c =100 (without heatsink) notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 75mm*75mm*1.6mm cu plate heatsink. 3.the typical data above is for reference only( ? ). 4.2 it rating for fusing (t<8.3ms) i 2 t a 2 s 508
ratings and characteristic curves gbj25005 thru GBJ2510 the cruve graph is for reference only, can't be the basis for judgment( ? )! 1000 100 10 1.0 0.1 020 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics t j =125c t j =100c t j =50c t j =25c fig.1-forward current derating curve case temperature, c average forward current amperes 60 120 140 0 5 25 100 80 40 20 0 15 20 10 single phase half wave 60hz resistive or inductive load with heatsink without heatsink fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) t j =25c,f=1mh z 10.0 100 1.0 1.0 100 1000 10 number of cycles at 60hz peak forward surge current , amperes fig.2-maxmun non-repetitive surge current 300 50 250 100 0 1 2 5 10 20 50 100 200 150 350 t j =25c (jedec method) single -sine- wave instantaneous forward voltage,volts fig.4-typical forward characteristics instantaneous forward current, (a) 0 0.2 0.4 0.6 0.8 1.2 1.6 1.4 1.0 1.8 100 10 0.1 1.0 t j = 25 c pulse width 300us


▲Up To Search▲   

 
Price & Availability of GBJ2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X