Part Number Hot Search : 
USD750C 90110 CSD2490 BAT54AW BAS16S CJ26A SLA5007 DA05CP
Product Description
Full Text Search
 

To Download DTEM1090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. 5 watson brook road exeter, nh 03833 02/08/2012 603-778-2300 www.wallindustries.com fax 603-778-9797 page 1 of 4 datasheet rev. a DTEM1090 series 100~240vac input voltage range c14, c8, and c6 ac inlet connector types 70~100 watts, single outputs medical ac/dc desktop power supplies iec-320-c14 iec-320-c8 iec-320-c6 features ? single outputs ? cec/energy star level v compliant ? rohs compliant ? short circuit and over voltage protection ? mtbf: > 30,000 hours ? 100~240vac input voltage range ? c14, c8, and c6 ac inlet connectors available ? optional output connectors available ? dimensions: 5.96? x 2.31? x 1.35? ? en/iec 60601 and ul60601, 3 rd edition medical approvals description the DTEM1090 series of medical ac/dc desktop power supplies provides up to 100 watts of continuous output power in a 5.96? x 2.31? x 1.35? package. this series consis ts of single output models with a wide input voltage range of 100~240vac. the DTEM1090 series is rohs and cec/energy star level v co mpliant and has en/iec 60601 and ul60601, 3 rd edition medical approvals. these models ar e also protected against over voltage an d short circuit conditions. this series has three ac inlet connector type s available: iec-320-c14, iec-320-c8, an d iec-320-c6. please call factor y for ordering details.
rev. a DTEM1090 series c14, c8, & c6 inlet types 70~100 watts, single outputs medical ac/dc desktop power supplies wall industries, inc. 5 watson brook road exeter, nh 03833 02/08/2012 603-778-2300 www.wallindustries.com fax 603-778-9797 page 2 of 4 specifications: DTEM1090 series all specifications are based on 25c, nominal input volta ge, and maximum output current unless otherwise noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit input specifications input voltage range 100 240 vac input frequency 50 60 hz input current 3.15 a inrush current 100 a output specifications output voltage (see note 2) see table line regulation defined by changing 10% of input voltage from nominal line and rated load. -1 +1 % load regulation -5 +5 % output current see table minimum load 0 a output power see table ripple & noise measured at nominal line and full load with 20mhz limited bandwidth and 0.1f ceramic and 47f aluminum capacitors in parallel on the output. 350 mvp-p hold-up time 8.3 ms turn-on time 3 s protection over voltage protection automatic recovery short circuit protection automatic recovery general specifications efficiency (typical) 82 % environmental specifications operating temperature 0 40 c storage temperature -20 85 c storage humidity 5 95 % mtbf 30,000 hours physical specifications dimensions (l x w x h) 5.96 x 2.31 x 1.35 inches (151.45 x 58.8 x 34.2 mm) ac inlet connector (see note 1) iec-320-c14, c8, and c6 weight 1.2 lbs (550g) safety & emc safety standards ul60601, 3 rd edition, en/iec 60601, ce, cb compliance rohs, weee, cec/energy star level v
rev. a DTEM1090 series c14, c8, & c6 inlet types 70~100 watts, single outputs medical ac/dc desktop power supplies wall industries, inc. 5 watson brook road exeter, nh 03833 02/08/2012 603-778-2300 www.wallindustries.com fax 603-778-9797 page 3 of 4 model selection table output current model number (1) input voltage range output voltage (2) min max ripple & noise (3) maximum output power ac inlet type DTEM1090 1 a 12 ~ 17 vdc 0a 7.5a 350mvp-p 90w DTEM1090 1 b 18 ~ 24 vdc 0a 5.56a 350mvp-p 100w DTEM1090 1 c 12 ~ 17 vdc 0a 6.67a 350mvp-p 80w DTEM1090 1 d 18 ~ 24 vdc 0a 5.0a 350mvp-p 90w DTEM1090 1 e 12 ~ 17 vdc 0a 5.83a 350mvp-p 70w DTEM1090 1 f 100 ~ 240 vac 18 ~ 24 vdc 0a 4.44a 350mvp-p 80w iec-320-c14 DTEM1090 2 a 12 ~ 17 vdc 0a 7.5a 350mvp-p 90w DTEM1090 2 b 18 ~ 24 vdc 0a 5.56a 350mvp-p 100w DTEM1090 2 c 12 ~ 17 vdc 0a 6.67a 350mvp-p 80w DTEM1090 2 d 18 ~ 24 vdc 0a 5.0a 350mvp-p 90w DTEM1090 2 e 12 ~ 17 vdc 0a 5.83a 350mvp-p 70w DTEM1090 2 f 100 ~ 240 vac 18 ~ 24 vdc 0a 4.44a 350mvp-p 80w iec-320-c8 DTEM1090 3 a 12 ~ 17 vdc 0a 7.5a 350mvp-p 90w DTEM1090 3 b 18 ~ 24 vdc 0a 5.56a 350mvp-p 100w DTEM1090 3 c 12 ~ 17 vdc 0a 6.67a 350mvp-p 80w DTEM1090 3 d 18 ~ 24 vdc 0a 5.0a 350mvp-p 90w DTEM1090 3 e 12 ~ 17 vdc 0a 5.83a 350mvp-p 70w DTEM1090 3 f 100 ~ 240 vac 18 ~ 24 vdc 0a 4.44a 350mvp-p 80w iec-320-c6 notes 1. the number in red represents the type of ac inlet connector: ? 1 ? for iec-320-c14 type, ? 2 ? for iec-320-c8 type, and ? 3 ? for iec-320-c6 type. 2. the output voltage is specified as a range (ex: 18~24vdc); the customer must specify what they want the voltage set at. 3. ripple and noise is measured at nominal line and full load with 20mhz limited bandwidth and a 0.1f ceramic and 47f alumin um capacitors in parallel on the output. 4. optional output connectors are available. please call factory for ordering details. mechanical drawing 2.310.04 (58.81) 5.960.04 (151.451) 1.350.04 (34.21) unit: inches (mm) iec-320-c14 iec-320-c8 iec-320-c6
rev. a DTEM1090 series c14, c8, & c6 inlet types 70~100 watts, single outputs medical ac/dc desktop power supplies wall industries, inc. 5 watson brook road exeter, nh 03833 02/08/2012 603-778-2300 www.wallindustries.com fax 603-778-9797 page 4 of 4 company information wall industries, inc. has created custom and modified units for over 50 years. our in-house research and development engineers will provide a solution that exceeds your perfo rmance requirements on-time and on budget. our iso9001-2008 certification is just one example of our commitment to produc ing a high quality, well-documented product for our customers. our past projects demonstrate our commitment to you, our cu stomer. wall industries, inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit and f unction requirements. we will continue to provide ongoing support for your project a bove and beyond the design and production phases. give us a call today to discuss your future projects. contact wall industries for further information: phone: ? (603)778-2300 toll free: ? (888)587-9255 fax: ? (603)778-9797 e-mail: sales@wallindustries.com web: www.wallindustries.com address: 5 watson brook rd. exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of DTEM1090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X