Part Number Hot Search : 
FES3J 50006 SC244308 MMAD11 IT247 GP30J LM1100A 1212S
Product Description
Full Text Search
 

To Download DMP3056LSD-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmp3056lsd document number: ds31420 rev. 7 - 2 1 of 5 www.diodes.com january 2014 ? diodes incorporated dmp3056lsd new product d1 s1 g1 d2 s2 g2 dual p-channel enhancement mode field effect transistor product summary v (br)dss r ds(on) max i d t a = +25c -30v 45m @ v gs = -10v -6.9a 65m @ v gs = -4.5v -5.1a description this new generation mosfet has been designed to minimize the on-state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal fo r high efficiency power management applications. applications ? power management functions ? backlighting ? dc-dc converters features ? dual p-channel mosfet ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: so-8 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections indicator: see diagram ? terminals: finish - matte tin annealed over copper lead frame. solderable per mil-std-202, method 208 ? weight: 0.072g (approximate) p-channel mosfet p-channel mosfet ordering information (note 4) part number case packaging dmp3056lsd-13 so-8 2,500/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information so-8 top view internal schematic top view s1 d2 s2 d1 g2 g1 d1 d2 = manufacturer?s marking p3056ld = product type marking code yyww = date code marking yy or yy = year (ex: 14 = 2014) ww = week (01 - 53) yy = date code marking for sat (shanghai assembly/ test site) yy = date code marking for cat (chengdu assembly/ test site) 1 4 8 5 p3056ld y y w w 1 4 8 5 p 30 56 ld y y w w chengdu a/t site shanghai a/t site e3
dmp3056lsd document number: ds31420 rev. 7 - 2 2 of 5 www.diodes.com january 2014 ? diodes incorporated dmp3056lsd new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value units drain-source voltage v dss -30 v gate-source voltage v gss 20 v drain current (note 5) steady state t a = +25c t a = +70c i d -6.9 -5.8 a pulsed drain current (note 6) i dm -24 a thermal characteristics characteristic symbol value unit total power dissipation (note 5) p d 2.5 w thermal resistance, junction to ambient (note 5) r electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7) drain-source breakdown voltage bv dss -30 ? ? v v gs = 0v, i d = -250a zero gate voltage drain current i dss ? ? -1 a v ds = -30v, v gs = 0v gate-source leakage i gss ? ? 100 800 na v gs = 20v, v ds = 0v v gs = 25v, v ds = 0v on characteristics (note 7) gate threshold voltage v gs ( th ) -1 -1.7 -2.1 v v ds = v gs , i d = -250 a static drain-source on-resistance r ds (on) ? ? ? ? 45 65 m v gs = -10v, i d = -6.0a v gs = -4.5v, i d = -5.0a forward transconductance g fs ? 8 ? s v ds = -10v, i d = -5.3a diode forward voltage (note 7) v sd -0.5 ? -1.2 v v gs = 0v, i s = -1.7a dynamic characteristics input capacitance c iss ? 722 ? pf v ds = -25v, v gs = 0v f = 1.0mhz output capacitance c oss ? 114 ? pf reverse transfer capacitance c rss ? 92 ? pf gate resistance r g ? 3.3 ? v ds = 0v, v gs = 0v f = 1.0mhz switching characteristics total gate charge q g ? 6.8 ? nc v ds = -15v, v gs = -4.5v, i d = -6a q g ? 13.7 ? nc v ds = -15v, v gs = -10v, i d = -6a gate-source charge q gs ? 1.6 ? gate-drain charge q gd ? 4.2 ? turn-on delay time t d ( on ) ? 6.4 ? ns v ds = -15v, v gs = -10v, i d = -1a, r g = 6.0 rise time t r ? 5.3 ? turn-off delay time t d ( off ) ? 26.5 ? fall time t f ? 14.7 ? notes: 5. device mounted on 2 oz. 1? x 1? copper pads on 2? x 2? fr-4 pcb. 6. pulse width 10 s, duty cycle 1%. 7. short duration pulse test used to minimize self-heating effect.
dmp3056lsd document number: ds31420 rev. 7 - 2 3 of 5 www.diodes.com january 2014 ? diodes incorporated dmp3056lsd new product fig. 1 typical output characteristics 0 1 2 3 4 5 6 7 8 9 10 11 12 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 -v , drain-source voltage (v) ds -i , d r ai n c u r r e n t (a) d v = -10v gs v = -4.5v gs v = -3.0v gs v = -2.5v gs v = -1.5v v = -1.0v gs gs fig. 2 typical transfer characteristics 0 1 2 3 4 5 6 7 8 9 10 -v , gate source voltage (v) gs -i , d r ain c u r r en t (a) d 1 1.5 2 2.5 3 3.5 4 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v = 5v pulsed ds 0.01 0.1 0.1 1 10 -i , drain-source current (a) d fig. 3 on-resistance vs. drain current & gate voltage r , s t a t i c d r ain-s o u r c e on-resistance ( ) ds(on) v = -10v gs v = -4.5v gs 0 0.01 0.02 0.03 0.04 0.05 -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) a r , static drain-source on-resistance ( ) ds(on) fig. 4 static drain-source on-resistance vs. ambient temperature v = -10v i = -6.0a gs d v = -4.5v i = -5.0a gs d 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) a fig. 5 gate threshold variation vs. ambient temperature -v , g a t e t h r es h o ld v o l t a g e (v) th i = -250a d fig. 6 typical total capacitance 0 5 10 15 20 25 30 -v , drain-source voltage (v) ds c , c a p a c i t an c e (p f ) 10 100 1,000 10,000 c iss c oss c rss f = 1mhz
dmp3056lsd document number: ds31420 rev. 7 - 2 4 of 5 www.diodes.com january 2014 ? diodes incorporated dmp3056lsd new product 0.0001 0.001 0.01 0.1 1 10 -v , source-drain voltage (v) sd fig. 7 reverse drain current vs. source-drain voltage -i , s o u r c e c u r r e n t (a) s t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a 0 0.2 0.4 0.6 0.8 1 1.2 package outline dimensions please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. so-8 dim min max a - 1.75 a1 0.10 0.20 a2 1.30 1.50 a3 0.15 0.25 b 0.3 0.5 d 4.85 4.95 e 5.90 6.10 e1 3.85 3.95 e 1.27 typ h - 0.35 l 0.62 0.82 0 8 all dimensions in mm dimensions value (in mm) x 0.60 y 1.55 c1 5.4 c2 1.27 x c1 c2 y gauge plane seating plane detail a detail a e e1 h l d e b a2 a1 a 45 7 ~ 9 a3 0.254
dmp3056lsd document number: ds31420 rev. 7 - 2 5 of 5 www.diodes.com january 2014 ? diodes incorporated dmp3056lsd new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMP3056LSD-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X