- pb free and rohs compliant - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code - ideal for surface mounted applications sod-123 - case: bend lead sod-123 small outline plastic pac kage - terminal: matte tin plated, lead free, solderable per mil-std-202, method 208 guaranteed - polarity: indicated by cathode band v f v p d mw r ja o c/w t j o c t stg o c 2. short duration test pulse used to min imize self-heating effect document number: ds_s1405003 0.9 350 bzt52b2v4-g ~ bzt52b43-g features - surface mount device type taiwan semiconductor small signal product version: b14 - 55 to + 150 value unit storage temperature notes: 1. device mounted on ceramic pcb: 7.6mm x 9. 4mm x 0.87mm with pad areas 25mm 2 parameter 150 power dissipation (note1) thermal resistance from junction to ambient junction temperature - wide zener voltage range selection: 2.4v to 43v 357 forward voltage (note2) @ i f = 10ma symbol - moisture sensitivity level 1 2% zener voltage tolerance zener diode maximum ratings and electrical characteristics (t a =25 unless otherwise noted) mechanical data - high temperature soldering guaranteed: 260c/10s downloaded from: http:///
(ratings at ta=25 o c ambient temperature unless otherwise specified) test current i zt z zt @ i zt z zk @ i zk i zt i r v r i ztc nom(v) min(v) max(v) ma ma ua v min max ma bzt52b2v4-g 2wx 2.4 2.35 2.45 5 100 600 1.0 50 1.0 -3.5 0 5 bzt52b2v7-g 2w1 2.7 2.65 2.75 5 100 600 1.0 20 1.0 -3.5 0 5 bzt52b3v0-g 2w2 3 2.94 3.06 5 95 600 1.0 10 1.0 -3.5 0 5 bzt52b3v3-g 2w3 3.3 3.23 3.37 5 95 600 1.0 5 1.0 -3.5 0 5 bzt52b3v6-g 2w4 3.6 3.53 3.67 5 90 600 1.0 5 1.0 -3.5 0 5 bzt52b3v9-g 2w5 3.9 3.82 3.98 5 90 600 1.0 3 1.0 -3.5 0 5 bzt52b4v3-g 2w6 4.3 4.21 4.39 5 90 600 1.0 3 1.0 -3.5 0 5 bzt52b4v7-g 2w7 4.7 4.61 4.79 5 80 500 1.0 3 2.0 -3.5 0.2 5 bzt52b5v1-g 2w8 5.1 5.00 5.20 5 60 480 1.0 2 2.0 -2.7 1.2 5 bzt52b5v6-g 2w9 5.6 5.49 5.71 5 40 400 1.0 1 2.0 -2.0 2.5 5 bzt52b6v2-g 2wa 6.2 6.08 6.32 5 10 150 1.0 3 4.0 0.4 3.7 5 bzt52b6v8-g 2wb 6.8 6.66 6.94 5 15 80 1.0 2 4.0 1.2 4.5 5 bzt52b7v5-g 2wc 7.5 7.35 7.65 5 15 80 1.0 1 5.0 2.5 5.3 5 bzt52b8v2-g 2wd 8.2 8.04 8.36 5 15 80 1.0 0.7 5.0 3.2 6.2 5 BZT52B9V1-G 2we 9.1 8.92 9.28 5 15 100 1.0 0.5 6.0 3.8 7.0 5 bzt52b10-g 2wf 10 9.80 10.20 5 20 150 1.0 0.2 7.0 4.5 8.0 5 bzt52b11-g 2wg 11 10.78 11.22 5 20 150 1.0 0.1 8.0 5.4 9.0 5 bzt52b12-g 2wh 12 11.76 12.24 5 25 150 1.0 0.1 8.0 6.0 10.0 5 bzt52b13-g 2wi 13 12.74 13.26 5 30 170 1.0 0.1 8.0 7.0 11.0 5 bzt52b15-g 2wj 15 14.70 15.30 5 30 200 1.0 0.1 10.5 9.2 13.0 5 bzt52b16-g 2wk 16 15.68 16.32 5 40 200 1.0 0.1 11.2 10.4 14.0 5 bzt52b18-g 2wl 18 17.64 18.36 5 45 225 1.0 0.1 12.6 12.4 16.0 5 bzt52b20-g 2wm 20 19.60 20.40 5 55 225 1.0 0.1 14.0 14.4 18.0 5 bzt52b22-g 2wn 22 21.56 22.44 5 55 250 1.0 0.1 15.4 16.4 20.0 5 bzt52b24-g 2wo 24 23.52 24.48 5 70 250 1.0 0.1 16.8 18.4 22.0 5 bzt52b27-g 2wp 27 26.46 27.54 2 80 300 0.5 0.1 18.9 21.4 25.3 2 bzt52b30-g 2wq 30 29.40 30.60 2 80 300 0.5 0.1 21.0 24.4 29.4 2 bzt52b33-g 2wr 33 32.34 33.66 2 80 325 0.5 0.1 23.1 27.4 33.4 2 bzt52b36-g 2ws 36 35.28 36.72 2 90 350 0.5 0.1 25.2 30.4 37.4 2 bzt52b39-g 2wt 39 38.22 0.50 2 130 350 0.5 0.1 27.3 33.4 41.2 2 bzt52b43-g 2wu 43 41.46 42.84 2 130 350 0.5 0.1 29.4 36.4 45.2 2 document number: ds_s1405003 version: b14 ohm small signal product maximun reverse current typical temperature coefficent @ i ztc v z @ i zt bzt52b2v4-g ~ bzt52b43-g taiwan semiconductor mv/ o c electrical characteristics device type marking code zener voltage range maximun zener impedance downloaded from: http:///
document number: ds_s1405003 bzt52b2v4-g ~ bzt52b43-g taiwan semiconductor small signal product ratings and characteristics curves (ta=25 unless otherwise noted) version: b14 fig. 1 admissible power dissipation curve fig. 2 typical forward characteristics fig. 3 admissible power dissipation vs. ambient temperature downloaded from: http:///
part no. bzt52bxxx-g (note2) part no. bzt52b2v4-g bzt52b2v4-g document number: ds_s1405003 version: b14 packing 3k / 7" reel green compound code description rb g bzt52b2v4-g ~ bzt52b43-g green compound manufacture code n0 ordering information packing code packing code green compound note1: manufacture special control, if empty means no special control requirement. example preferred p/n note2: "xxx" is device code from "2v4" thru "43", detail could follow the previous page bzt52b2v4-g-n0 rbg rb g bzt52b2v4-g rbg taiwan semiconductor small signal product g package sod-123 rb green compound code manufacture code (note1) downloaded from: http:///
dimensions sod-123 min max min max a 1.40 1.80 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.70 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.10 - 0.004 document number: ds_s1405003 small signal product version: b14 bzt52b2v4-g ~ bzt52b43-g dim. taiwan semiconductor unit (mm) unit (inch) 0.50 ref 0.02 ref b a e d c f g h downloaded from: http:///
notice document number: ds_s1405003 small signal product bzt52b2v4-g ~ bzt52b43-g taiwan semiconductor version: b14 specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provi ded in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied wa rranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merch antability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or seling these products for use in such applications do so at thei r own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. downloaded from: http:///
|