Part Number Hot Search : 
FR220 HCC4047B 6348S HL8337 RF164 MC6829 DG202D T201230
Product Description
Full Text Search
 

To Download BAV16W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification silicon epitaxial planar diode BAV16W a009 www.gmicroelec.com rev.a 1 features z fast switching speed:trr=4ns(typ) z surface mount package ideally suited for automatic insertion z for general purpose sw itching applications z high conductance z available in lead free version applications sod-123 z surface mount fast switching diode ordering information type no. marking package code BAV16W t6 sod-123 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc reverse voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v average rectified output current i o 150 ma non-repetitive peak forward surge current @t=1.0 s @t=1.0 s i fsm 2.0 1.0 a power dissipation p d 350 mw thermal resistance junction to ambient air r ja 375 /w operating and storage temperature rage t j ,t stg -65 to +150 pb lead-free
production specification silicon epitaxial planar diode BAV16W a009 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified characteristic symbol mi n max unit test condition reverse breakdown voltage v (br)r 75 - v i r =1.0 a forward voltage v f 0.715 0.855 1.0 1.25 v i f =1ma i f =10ma i f =50ma i f =150ma reverse current i r - 1.0 25 a na v r =75v v r =20v capacitance between terminals c t - 2.0 pf v r =0,f=1.0mhz reverse recovery time t rr - 4.0 ns i f =i r =10ma, i rr =0.1i r ,r l =100 ? typical characteristics @ ta=25 unless otherwise specified
production specification silicon epitaxial planar diode BAV16W a009 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package sod-123 soldering footprint unit mm package information device package shipping BAV16W sod-123 3000/tape&reel sod-123 dim min max a 1.45 1.75 b 2.55 2.85 c 1.15 typical d 0.55 typical e 0.25 0.45 h 0.02 0.10 j 0.1 typical k 3.55 3.85 all dimensions in mm b a c d e h j k 2.36 4.19 0.91 1.22


▲Up To Search▲   

 
Price & Availability of BAV16W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X