Part Number Hot Search : 
00146 C8051 BFG91 M38025M4 BC727 SM103 AT76C2XX AN1498
Product Description
Full Text Search
 

To Download BAV16W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod- 1 23 plastic-encapsulate diodes sod-123 the marking bar indicates the cathode solid dot = green molding compound device,if none,the normal device. BAV16W/1n4148w fast switching diode features z fast switching speed z surface mount package ideally su ited for automatic insertion z for general purpose sw itching applications z high co nduc t ance marking: t6,t4 t4 t4 1n4148w t6 t6 maximum ratings and electrical charact eristics, single d iode @t a =25 parameter symbol limit unit non- rep etitive peak r everse v oltage v rm 100 v peak rep e titive peak r everse v oltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v rms reve rs e voltage v r(rms) 71 v forwa rd continuous current i fm 300 ma ave r age rectified output current i o 150 ma f orw ard s urge c urrent @ t =8.3 ms i fsm 2.0 a powe r dissip ation pd 350 mw t h ermal resistance from junction to ambient r ja 250 /w junction t e m perature t j 15 0 sto rag e t emperature t stg - 5 5~+150 BAV16W non- rep etitive peak 1n4148w BAV16W 400 tiger electronic co.,ltd
electrical characteristics electrical ratings @t a =25 para mete r symbol min typ max unit conditions v f1 0.715 v i f =1 ma v f2 0.855 v i f = 10ma v f3 1.0 v i f = 50ma for w ard voltage v f4 1.25 v i f = 150ma i r1 1 a v r = 75v re v erse current i r2 25 na v r = 20v cap acit ance between terminals c t 2 pf v r =0v ,f=1mhz re v erse r ecovery t ime t rr 4 ns i f =i r = 10ma irr= 0.1xi r ,r l = 100 ?
t y pical characteristics 048121620 0.6 0.8 1.0 1.2 1.4 1.6 0 25 50 75 100 125 150 0 100 200 300 400 500 0.0 0.4 0.8 1.2 1.6 0.1 1 10 100 0 20406080100 1 10 100 1000 10000 t a =25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) 1n4148w power derating curve power dissipation p d (mw) ambient temperature t a ( ) BAV16W 0.3 3 30 300 3 30 300 3000 forward characteristics t a = 1 0 0 t a = 2 5 forward current i f (ma) forward voltage v f (v) reverse characteristics t a =100 t a =25 reverse current i r (na) reverse voltage v r (v)
sod- 1 23 package outline dimensions sod- 1 23 suggested pad lay out min max mi n ma x a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.450 0.650 0.018 0.026 c 0.080 0.150 0.003 0.006 d 1.500 1.700 0.059 0.067 e 2.600 2.800 0.102 0.110 e1 3.550 3.850 0.140 0.152 l l1 0.250 0.450 0.010 0.018 0 8 0 8 0.500 ref 0.020 ref symbol dimensions in millimeters dimensions in inches
sod- 1 23 tape and reel


▲Up To Search▲   

 
Price & Availability of BAV16W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X