Part Number Hot Search : 
ZMD24 32000 SMAJ70 BAS16Z ZMD24 3KP150 ML4621CQ MC14745
Product Description
Full Text Search
 

To Download BAV16W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast swithing diodes features mechanical data fast switching speed surface mount package ideally suited for automatic insertion for general purpose switching applications high conductance maximum ratings and electrical characteristics 300 150 2.0 1.0 400 315 125 -65 to +150 100 maximum ratings and electrical characteristics, single diode @t a =25c v symbols units v rrm v rwm v r peak repetitive peak reverse voltage working peak dc blocking voltage rms reverse voltage forward continuous current average rectified output current peak forward current @=1.0 u s @=1.0s power dissipation thermal resistance junction to ambient junction temperature storage temperature non-repetitive peak reverse voltage t j t stg v rm v ma ma a mw k/w c c v limits 75 53 v r(rms) i fm i o pd electrical ratings @t a =25c symbols conditions v f1 v f2 v f3 v f4 i r1 i r2 c t t rr froward voltage reverse current capacitance between terminals reverse recovery time parameter parameter min. typ. max. unit v v v v u a na pf ns i f =1.0ma i f =10ma i f =50ma i f =150ma v r =75v v r =20v v r =0v,f=1.0mhz i f =i r =10ma irr=0.1xi r ,r l =100 i fsm r q ja 0.715 0.855 1.0 1.25 1 25 2 4 case : molded plastic body terminals : plated leads solderable per mil-std-750, method 2026 polarity : polarity symbols marked on case marking : t6 1.15(.045) 1.05(.041) .25(.010) min sod-123 1.80(.071) 1.40(.055) 3.86(0.152) 3.56(0.145) 2.84(0.112) 2.54(0.100) .71(0.028) .50(0.020) 1.35(.053) .94(.037) .15(.006) max .135(.005) .127(.004) 0.6(.023) 0.5(.020) 3.9(0.154) 3.7(0.146) 1.65(.065) 1.55(.061) 2.7(0.106) 2.6(0.102) dimensions in millimeters and (inches) BAV16W
0 100 200 v r reverse voltage.(v) fig. 2-leakage current vs junction temperature fig. 1- forward characteristics i f ,instantaneous forward current(ma) i r , leakage current(na) 10,000 1000 100 10 1 0 1 10 1000 100 10 1.0 0.1 0.01 v f instantaneous forward voltage.(v) ratings and characteristic curves BAV16W the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of BAV16W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X