Part Number Hot Search : 
SBR20100 BR201 TC940 OP565 NB100 CP432Y LXT6155 GBU3501
Product Description
Full Text Search
 

To Download B25667B4197A375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  capacitors for power electronics series/type: b25667a the following products presented in this data sheet are being withdrawn. for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales. ordering code substitute product date of withdrawal deadline last orders last shipments b25667a4197a375 B25667B4197A375 2004-09-10
4rb5 104-5 ab 42 r(40) ac 460 ? ( = 40c, ) humidity max. relative ac 415 c61014-a0505-a401 b25667-a4197-a375 mkk415-d-10-01 phasecap? 3x 64,1 q 50 3x 20 tan 0,2 w/kvar (dielectric) n characteristics f n i 0 c n marking toothed washer din 6797-j13 hex nut din 439-bm12 rivet (impregnating hole) ac 540 i 3900 (du/dt) 14 (du/dt) 35 u ac 900 v, 10 s u ac 3000 v, 10 s 0,5 w/kvar (total) maximum ratings test data ?40 c +55 c 95 % t 100 000 h ?55 bis +70 c life expectancy remarks natural cooling iec 60831-1/2, en 60831-1/2, vde 560-46/47 121,6 x 164 mm (4,79 x 6,46 in) approx. weight 1,2 kg (2,6 lb) impregnation gas fixing threaded bolt m12 14 mm (0,55 in) 10 nm terminals isolated terminal, ip20 terminal cross section 16 mm2 (5 awg) 1,2 nm creepage distance 12,7 mm (0,50 in) clearance 9,6 mm (0,38 in) overpressure disconnector any mounting position possible design data dimensions ko l e / pe 01.12.1999 hz a 10,4 kvar v u n 3x 14,5 i n a f 5 % a v/s v/s s max s tan ? tt tc climatic category max. torque mounting hole max. torque ? x l min max ld stg the information in our data book / sheet describes the type o f component and shall not be considered as assured characteristics. u max v, 8 h daily v, 1 min 60 hz 12,5 kvar 17 a -40/d (50 hz) humidity a u n contact: epcos ag ko pm l, p.o. box 80 17 09, 81617 munich, germany, fax: 0049 89 636-22748, phone: 0049 89 636-23817 dimensions in mm


▲Up To Search▲   

 
Price & Availability of B25667B4197A375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X