Part Number Hot Search : 
PAEXXX DV19FF2 74HC155 K3591 IRGBC20 74F524CW SGM8631 MB91220S
Product Description
Full Text Search
 

To Download ANT162442ST-1000AM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2016 multilayer antenna for 2400-2484mhz ANT162442ST-1000AM1 1.6x0.8mm [eia 0603]* * dimensions code jis[eia] rf components aec-q200 (?40 to 85c) qualified component family
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary multilayer antenna for 2400-2484mhz shapes and dimensions recommended land pattern solder resist pattern ANT162442ST-1000AM1 conformity to rohs directive 1.600.10 ( 0.1 ) ( 0.1 ) 0.40max. 0.800.10 0.630.10 0.215 0.10 0.25 0.10 0.20 0.10 dimensions in mm [top view] [bottom view] 1 radiator electrode 2 dummy pad 3 dummy pad 4 feed point 5 dummy pad 6 dummy pad terminal functions ( 1 ) ( 4 ) ( 5 )( 6 ) ( 2 )( 3 ) dimensions in mm 0.73 0.80 0.60 0.90 1.60 0.21 dimensions in mm 0.73 0.60 0.90 1.53 0.11 rohs directive compliant product: see the following for more details.https://product.tdk.com/info/en/environment/rohs/index.htm l
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary ANT162442ST-1000AM1 evaluation board measurement condition for radiation pattern pcb size : 50mm x 20mm x 1mm antenna area : 5 x 3 mm ft-1 mt 6.2pf 0. 8pf component p/n mt ft-1 ant162442 st-1000am1 z y x er e e? ? chip antenna pcb
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary ANT162442ST-1000AM1 electrical characteristics ~ this is typical antenna performance with the standard pcb. temperature range frequency characteristics efficiency and vswr ? tested antenna has been soldered. evaluation board size is 50x20x1 mm. item frequency range (mhz) min. typ. max. vswr 2400 to 2484 ? 1.60 3.0 polarization linear pcb size (mm) 50 ? 20 antenna keep-out area (mm) 5 ? 3 characteristic impedance ( ?) 50 (nominal) operating temperature storage temperature c  c  ?40 to +85 ?40 to +85 ?10 ?9 ?8 ?6 ?7 ?3 ?4 ?1 ?5 ?2 0 efficiency ( db ) 1 11 10 9 8 7 6 5 4 3 2 vswr frequency ( ghz ) 2.300 2.400 2.500 2.600 efficiency spec ( vswr ) vswr
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary ANT162442ST-1000AM1 radiation patterns 2.4ghz band ? tested antenna has been soldered. evaluation board size is 50x20x1 mm. 270 90 0 x y z horizontal polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 ?21.5 ?16.9 ?46.0 2442 ?21.5 ?18.5 ?40.8 2484 ?21.3 ?17.2 ?36.4 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) ?20 ?30 ?40 0 vertical polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 0.0 1.3 ?2.4 2442 0.3 1.6 ?2.2 2484 ?0.2 1.2 ?3.0 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) ?20 ?30 ?40 0 270 90 0 y x z horizontal polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 ?2.9 1.3 ?21.5 2442 ?2.6 1.6 ?21.9 2484 ?3.1 1.2 ?23.6 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) ?20 ?30 ?40 0 vertical polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 ?24.1 ?20.2 ?39.2 2442 ?24.7 ?19.1 ?46.1 2484 ?24.8 ?21.5 ?34.9 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) 20 ?30 ?40 0 270 90 0 y z x horizontal polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 ?3.1 0.2 ?29.8 2442 ?2.7 0.6 ?28.5 2484 ?3.2 0.1 ?31.3 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) ?20 ?30 ?40 0 vertical polarization frequency ( mhz ) average ( dbi ) maximum ( dbi ) minimum ( dbi ) 2400 ?12.2 ?8.0 ?31.2 2442 ?11.8 ?7.5 ?30.5 2484 ?12.3 ?8.2 ?35.8 2400mhz 2442mhz 2484mhz 180 270 315 135 45 225 90 0 ?10 10 ( dbi ) ?20 ?30 ?40 0
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary ANT162442ST-1000AM1 recommended reflow profile soaking working soldering peak temp. time temp. time temp. time temp. t1 t2 t1 t3 t2 t4 t3 t5 150c 180c 60 to 120s 230c 30 to 60s 247 to 253c within 10s 260c max. t3 t1 soaking t2 working t3 t3 t4t4 t5 t2 t1 t: time soldering t: temperature peak
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary ANT162442ST-1000AM1 packaging style reel dimensions tape dimensions package quantity dimensions in mm a b c d e f g h j k t 0.970.05 1.80.05 8.00.2 3.50.05 1.750.1 4.00.1 2.00.05 4.00.1 1.5+0.1/-0 0.55max. 0.250.05 standardpackage quantity (pieces/reel) 4,000 2.0 0.5 ?21 0.8 dimensions in mm 13.0 1.0 9.0 +1.0 ?0.0 ?180 +0 ?1.5 ?13 0.2 ?60 +1.0 ?0.0 c d t k e h f g j b a material of carrier the tape: ps
rf components ? all specifications are subj ect to change without notice. ? before using these products, be sure to request the delivery specifications. 20160926 / rf_ant_ANT162442ST-1000AM1_summary reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equi pment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. please understand that we are not responsible for any damage or liability caused by use of the products in any of the applicati ons below or for any other use exceeding the range or conditions set forth in this catalog. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when using this product in general-purpose applications, you are ki ndly requested to take into consideration securing protectio n circuit/ equipment or providing backup circuits, etc., to ensure higher safety. reminders


▲Up To Search▲   

 
Price & Availability of ANT162442ST-1000AM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X