Part Number Hot Search : 
3M354 AN2728 SMB10A MAX6920 11040 NC7SZ57 LT0412 OSC30
Product Description
Full Text Search
 

To Download 74AC373SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74ac373, 74act373 ?octal transparent latch with 3-state outputs ?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 ja n uary 2008 74ac373, 74act373 octal transparent latch with 3-state outputs features i cc and i oz reduced by 50% eight latches in a single package 3-state outputs for bus interfacing outputs source/sink 24ma act373 has ttl-compatible inputs general description the ac/act373 consists of eight latches with 3-state outputs for bus organized system applications. the flip- flops appear transparent to the data when latch enable (le) is high. when le is low, the data that meets the setup time is latched. data appears on the bus when the output enable (oe ) is low. when oe is high, the bus output is in the high impedance state. ordering information device also available in tape and reel. specify by appending suffix letter ??to the ordering number. all packages are lead free per jedec: j-std-020b standard. order number package number package description 74AC373SC m20b 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide 74ac373sj m20d 20-lead small outline package (sop), eiaj type ii, 5.3mm wide 74ac373mtc mtc20 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74ac373pc n20a 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide 74act373sc m20b 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide 74act373sj m20d 20-lead small outline package (sop), eiaj type ii, 5.3mm wide 74act373msa msa20 20-lead shrink small outline package (ssop), jedec mo-150, 5.3mm wide 74act373mtc mtc20 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide 74act373pc n20a 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 2 74ac373, 74act373 ?octal transparent latch with 3-state outputs connection diagram pin description functional description the ac/act373 contains eight d-type latches with 3-state standard outputs. when the latch enable (le) input is high, data on the d n inputs enters the latches. in this condition the latches are transparent, i.e., a latch output will change state each time its d-type input changes. when le is low, the latches store the infor- mation that was present on the d-type inputs a setup time preceding the high-to-low transition of le. the 3-state standard outputs are controlled by the output enable (oe ) input. when oe is low, the standard outputs are in the 2-state mode. when oe is high, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches. logic symbols ieee/iec truth table h = high voltage level l = low voltage level z = high impedance x = immaterial o 0 = previous o 0 before high-to-low transition of latch enable pin names description d 0 ? 7 data inputs le latch enable input oe output enable input o 0 ? 7 3-state latch outputs inputs outputs le oe d n o n xhx z hll l hlh h llx o 0
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 3 74ac373, 74act373 ?octal transparent latch with 3-state outputs logic diagram please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 4 74ac373, 74act373 ?octal transparent latch with 3-state outputs absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. recommended operating conditions the recommended operating conditions table defines the conditions for actual device operation. recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol parameter rating v cc supply voltage ? 0.5v to + 7.0v i ik dc input diode current v i = ? 0.5v ? 20ma v i = v cc + 0.5 + 20ma v i dc input voltage ? 0.5v to v cc + 0.5v i ok dc output diode current v o = ? 0.5v ? 20ma v o = v cc + 0.5v + 20ma v o dc output voltage ? 0.5v to v cc + 0.5v i o dc output source or sink current 50ma i cc or i gnd dc v cc or ground current per output pin 50ma t stg storage temperature ? 65 c to + 150 c t j j unction temperature 140 c symbol parameter rating v cc supply voltage ac 2.0v to 6.0v act 4.5v to 5.5v v i input voltage 0v to v cc v o output voltage 0v to v cc t a operating temperature ? 40 c to + 85 c ? v / ? t minimum input edge rate, ac devices: v in from 30% to 70% of v cc , v cc @ 3.3v, 4.5v, 5.5v 125mv/ns ? v / ? t minimum input edge rate, act devices: v in from 0.8v to 2.0v, v cc @ 4.5v, 5.5v 125mv/ns
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 5 74ac373, 74act373 ?octal transparent latch with 3-state outputs dc electrical characteristics for ac notes: 1. all outputs loaded; thresholds on input associated with output under test. 2. i in and i cc @ 3.0v are guaranteed to be less than or equal to the respective limit @ 5.5v v cc . 3. maximum test duration 2.0ms, one output loaded at a time. symbol parameter v cc (v) conditions t a = + 25 ct a = ? 40 c to + 85 c units t yp. guaranteed limits v ih minimum high level input voltage 3.0 v out = 0.1v or v cc ?0.1v 1.5 2.1 2.1 v 4.5 2.25 3.15 3.15 5.5 2.75 3.85 3.85 v il maximum low level input voltage 3.0 v out = 0.1v or v cc ?0.1v 1.5 0.9 0.9 v 4.5 2.25 1.35 1.35 5.5 2.75 1.65 1.65 v oh minimum high level output voltage 3.0 i out = ?0? 2.99 2.9 2.9 v 4.5 4.49 4.4 4.4 5.5 5.49 5.4 5.4 3.0 v in = v il or v ih , i oh = ?2ma 2.56 2.46 4.5 v in = v il or v ih , i oh = ?4ma 3.86 3.76 5.5 v in = v il or v ih , i oh = ?4ma (1) 4.86 4.76 v ol maximum low level output voltage 3.0 i out = 50? 0.002 0.1 0.1 v 4.5 0.001 0.1 0.1 5.5 0.001 0.1 0.1 3.0 v in = v il or v ih , i ol = 12ma 0.36 0.44 4.5 v in = v il or v ih , i ol = 24ma 0.36 0.44 5.5 v in = v il or v ih , i ol = 24ma (1) 0.36 0.44 i in (2) maximum input leakage current 5.5 v i = v cc , gnd 0.1 1.0 ? i oz maximum 3-state leakage current 5.5 v i (oe) = v il , v ih ; v i = v cc , gnd; v o = v cc , gnd 0.25 2.5 ? i old minimum dynamic output current (3) 5.5 v old = 1.65v max. 75 ma i ohd 5.5 v ohd = 3.85v min. ? 75 ma i cc (2) maximum quiescent supply current 5.5 v in = v cc or gnd 4.0 40.0 ?
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 6 74ac373, 74act373 ?octal transparent latch with 3-state outputs dc electrical characteristics for act notes: 4. all outputs loaded; thresholds on input associated with output under test. 5. maximum test duration 2.0ms, one output loaded at a time. symbol parameter v cc (v) conditions t a = + 25 ct a = ? 40 c to + 85 c units t yp. guaranteed limits v ih minimum high level input voltage 4.5 v out = 0.1v or v cc ? 0.1v 1.5 2.0 2.0 v 5.5 1.5 2.0 2.0 v il maximum low level input voltage 4.5 v out = 0.1v or v cc ? 0.1v 1.5 0.8 0.8 v 5.5 1.5 0.8 0.8 v oh minimum high level output voltage 4.5 i out = ? 50? 4.49 4.4 4.4 v 5.5 5.49 5.4 5.4 4.5 v in = v il or v ih , i oh = ? 24ma 3.86 3.76 5.5 v in = v il or v ih , i oh = ? 24ma (4) 4.86 4.76 v ol maximum low level output voltage 4.5 i out = 50? 0.001 0.1 0.1 v 5.5 0.001 0.1 0.1 4.5 v in = v il or v ih , i ol = 24ma 0.36 0.44 5.5 v in = v il or v ih , i ol = 24ma (4) 0.36 0.44 i in maximum input leakage current 5.5 v i = v cc , gnd 0.1 1.0 ? i oz maximum 3-state leakage current 5.5 v i = v il , v ih ; v o = v cc , gnd 0.25 2.5 ? i cct maximum i cc /input 5.5 v i = v cc ? 2.1v 0.6 1.5 ma i old minimum dynamic output current (5) 5.5 v old = 1.65v max. 75 ma i ohd 5.5 v ohd = 3.85v min. ? 75 ma i cc maximum quiescent supply current 5.5 v in = v cc or gnd 4.0 40.0 ?
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 7 74ac373, 74act373 ?octal transparent latch with 3-state outputs ac electrical characteristics for ac note: 6. voltage range 3.3 is 3.3v 0.3v. voltage range 5.0 is 5.0v 0.5v. ac operating requirements for ac note: 7. voltage range 3.3 is 3.3v 0.3v. voltage range 5.0 is 5.0v 0.5v. symbol parameter v cc (v) (6) t a = + 25 c, c l = 50pf t a = ? 40 c to + 85 c, c l = 50pf units min. typ. max. min. max. t plh propagation delay, d n to o n 3.3 1.5 10.0 13.5 1.5 15.0 ns 5.0 1.5 7.0 9.5 1.5 10.5 t phl propagation delay, d n to o n 3.3 1.5 9.5 13.0 1.5 14.5 ns 5.0 1.5 7.0 9.5 1.5 10.5 t plh propagation delay, le to o n 3.3 1.5 10.0 13.5 1.5 15.0 ns 5.0 1.5 7.5 9.5 1.5 10.5 t phl propagation delay, le to o n 3.3 1.5 9.5 12.5 1.5 14.0 ns 5.0 1.5 7.0 9.5 1.5 10.5 t pzh output enable time 3.3 1.5 9.0 11.5 1.0 13.0 ns 5.0 1.5 7.0 8.5 1.0 9.5 t pzl output enable time 3.3 1.5 8.5 11.5 1.0 13.0 ns 5.0 1.5 6.5 8.5 1.0 9.5 t phz output disable time 3.3 1.5 10.0 12.5 1.0 14.5 ns 5.0 1.5 8.0 11.0 1.0 12.5 t plz output disable time 3.3 1.5 8.0 11.5 1.0 12.5 ns 5.0 1.5 6.5 8.5 1.0 10.0 symbol parameter v cc (v) (7) t a = + 25 c, c l = 50pf t a = ? 40 c to + 85 c, c l = 50pf units ty p guaranteed minimum t s setup time, high or low, d n to le 3.3 3.5 5.5 6.0 ns 5.0 2.0 4.0 4.5 t h hold time, high or low, d n to le 3.3 ? 3.0 1.0 1.0 ns 5.0 ? 1.5 1.0 1.0 t w le pulse width, high 3.3 4.0 5.5 6.0 ns 5.0 2.0 4.0 4.5
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 8 74ac373, 74act373 ?octal transparent latch with 3-state outputs ac electrical characteristics for act note: 8. voltage range 5.0 is 5.0v 0.5v. ac operating requirements for act note: 9. voltage range 5.0 is 5.0v 0.5v. capacitance symbol parameter v cc (v) (8) t a = + 25 c, c l = 50pf t a = ? 40 c to + 85 c, c l = 50pf units min. typ. max. min. max. t plh propagation delay, d n to o n 5.0 2.5 8.5 10.0 1.5 11.5 ns t phl propagation delay, d n to o n 5.0 2.0 8.0 10.0 1.5 11.5 ns t plh propagation delay, le to o n 5.0 2.5 8.5 11.0 2.0 11.5 ns t phl propagation delay, le to o n 5.0 2.0 8.0 10.0 1.5 11.5 ns t pzh output enable time 5.0 2.0 8.0 9.5 1.5 10.5 ns t pzl output enable time 5.0 2.0 7.5 9.0 1.5 10.5 ns t phz output disable time 5.0 2.5 9.0 11.0 2.5 12.5 ns t plz output disable time 5.0 1.5 7.5 8.5 1.0 10.0 ns symbol parameter v cc (v) (9) t a = + 25 c, c l = 50pf t a = ? 40 c to + 85 c, c l = 50pf units ty p guaranteed minimum t s setup time, high or low, d n to le 5.0 0.8 2.5 3.5 ns t h hold time, high or low, d n to le 5.0 0 0 1.0 ns t w le pulse width, high 5.0 2.0 7.0 8.0 ns symbol parameter conditions typ. units c in input capacitance v cc = open 4.5 pf c pd po w er dissipation capacitance v cc = 5.0v 40.0 pf
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 9 74ac373, 74act373 ?octal transparent latch with 3-state outputs physical dimensions figure 1. 20-lead small outline integrated circuit (soic), jedec ms-013, 0.300" wide pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/ 0.10 c c a see detail a notes: unless otherwise specified a) this package conforms to jedec ms-013, variation ac, issue e b) all dimensions are in millimeters. c) dimensions do not include mold flash or burrs. e) landpattern standard: soic127p1030x265-20l pin one indicator 0.25 1 10 b c a m 20 11 b x45 8 0 seating plane gage plane detail a scale: 2:1 seating plane land pattern recommendation f) drawing filename: mkt-m20brev3 0.65 1.27 2.25 9.50 13.00 12.60 11.43 7.60 7.40 10.65 10.00 0.51 0.35 1.27 2.65 max 0.30 0.10 0.33 0.20 0.75 0.25 (r0.10) (r0.10) 1.27 0.40 (1.40) 0.25 d) conforms to asme y14.5m-1994
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 10 74ac373, 74act373 ?octal transparent latch with 3-state outputs physical dimensions (continued) figure 2. 20-lead small outline package (sop), eiaj type ii, 5.3mm wide pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 11 74ac373, 74act373 ?octal transparent latch with 3-state outputs physical dimensions (continued) figure 3. 20-lead thin shrink small outline package (tssop), jedec mo-153, 4.4mm wide pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 12 74ac373, 74act373 ?octal transparent latch with 3-state outputs physical dimensions (continued) figure 4. 20-lead plastic dual-in-line package (pdip), jedec ms-001, 0.300" wide pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/ .001[.025] c 7 typ 7 typ 10.92 max 26.92 24.89 7.11 6.09 1.78 1.14 2.54 7.62 7.87 3.43 3.17 5.33 max 3.55 3.17 0.38 min 0.36 0.56 0.20 0.35 pin #1 notes: (0.97)
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 13 74ac373, 74act373 ?octal transparent latch with 3-state outputs physical dimensions (continued) figure 5. 20-lead shrink small outline package (ssop), jedec mo-150, 5.3mm wide pa c kage drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/
?988 fairchild semiconductor corporation www.fairchildsemi.com 74ac373, 74act373 rev. 1.5.0 14 trademarks th ef ollowing includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its global s ubsidiaries, and is not intended to be an exhaustive list of all such trademarks. acex build it now coreplus crossvolt ctl current transfer logic ecospark ezswit ch * fairchild fairchild semiconductor fact quiet series fact fast fastvcore flashwriter ? fps frfet global power resource sm green fps green fps e-series gto i-lo intellimax isoplanar m egabuck mi crocoupler microfet micropak mi llerdrive mo ti on-spm optologic optopl anar pdp-spm pow er220 pow er247 poweredge power-spm po we rtrench pr ogrammable active droop qfet qs qt optoelectronics quiet series rapidconfigure smart start spm stealth s uperfet su persot -3 s upersot -6 s upersot -8 syncfet the power franchise tinyboost tinybuck tinylogic tinyopto tinypower tinypwm tinywire serdes uhc ultra f rfet unifet vcx *ezswi tch and flashwriter are trademarks of system general corporation, used under license by fairchild semiconductor. disc laimer fa i rchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any pro duct or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these speci fications do not expand t he terms of fairchild? wo rl dw ide terms and conditions, specifically the warranty therein, which covers these products. life support policy fa i rchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems wh ic h, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform wh en properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. pr oduct status definitions defi nition of terms da tasheet identification product status definition ad vance information form first production ative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. pr eliminary this datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to ma ke c hanges at any time without notice to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the des i gn. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. rev. i32 74ac373, 74act373 ?octal transparent latch with 3-state outputs


▲Up To Search▲   

 
Price & Availability of 74AC373SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X