Part Number Hot Search : 
361503 93L66 3238E TIL33 DT74ALV HYS72D2 IRF300 BA895
Product Description
Full Text Search
 

To Download 469-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 1 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 available single p hase 10 a mp r ectifier b ridge qualified per mil - prf - 19500/4 69 qualified level : jantx and jantxv description this series of high - current single - phase bridge rectifiers are constructed with hermetically sealed rectifiers built with the same design and construction techniques used in military applications f or the upmost in reliability. these include voidless glass encapsulation and internal "catego ry 1" metallurgi cal bonds. they can be purchased screened and mil - qualified to mil - prf - 19500/469, making them ideal for applications where failure cannot be tolerated . these 10 a rectifier bridges are available in multiple working peak reverse voltage ratings per leg. md package important: for the latest information, visit our website http://www.microsemi.com . features ? voidless hermetically sealed glass packages used internally for each leg ? electrically isolated alu minum case ? triple - layer passivation ? internal category 1 m etallurgical bonds ? jantx and jantxv qualification s available per mil - prf - 19500/ 4 69 (s ee part nomenclature for all available options) ? rohs compliant versions available with out sn / pb solder dip applications / benefits ? con trolled avalanche characteristics ? working p eak r everse v oltages 200 to 1,0 00 volts ? military and other high - reliability applications ? high forward surge current capability ? low thermal resistan ce ? extremely robust construction ? inherently radiation hard as described in microsemi micronote 050 maximum ratings @ t a = 25 oc unless otherwise noted msc C law rence 6 lak e street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and st orage temperature t j & t stg - 65 to +150 oc thermal resistance junction - to - case r ? jc 5 oc /w thermal resistance junction - to - ambient r ? ja 25 oc /w working peak reverse voltage (per leg) 483 - 01 483 - 02 483 - 03 483 - 04 483 - 05 v rwm 200 400 600 800 1,000 v (pk) maximum average dc output current @ t c = +55 oc i o1 (1) 10 a maximum average dc output current @ t c = +100 oc i o2 (2) 6 a for w ard surge current @ i o = i o1 , t c = +55 oc , tp = 8.3 ms i f (surge) 100 a (pk) isolation voltage @ 10 a dc max for 10 secs @ 25c v iso 2800 v solder temperature @ 10 s 260 o c notes : 1. derate from 10 a at t c = +55 oc to 6 a at t c = +100 oc ( 88 ma dc/ oc). 2. derate from 6 a at t c = +100 oc to 0 a at t c = +150 oc ( 12 0 ma dc/ oc ). t rr = 2.5 s at i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a. downloaded from: http:///
rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 2 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 mechanical and packaging ? case: aluminum ? terminals: tin/lead (sn/pb) or rohs compliant matte tin ? marking: alternating current input: ac cathode positive output: + anode negative: - part number is printed on the body ? weight: approximately 10 grams ? see p ackage d imensions on last page. part nomenclature jan tx m19500/ 4 69 -01 (e3) reliability level jantx = jantx level jantxv = jantxv level blank = comm ercial mil - prf - 19500 (only included in jantx and jantxv part number s) rohs compliance e3 = rohs c ompliant (commercial grade only) blank = non - rohs c ompliant v rwm level ( see maximum ratings t able ) mil - prf slash num ber symbols & definitions symbol definition v ( br) breakdown voltage: a voltage in the breakdown region. v rwm working peak reverse voltage: the peak voltage excluding all transient voltages (ref je sd282 - b). also sometimes known historical ly as piv. i o average rectified output current: the output current averaged over a full cycle with a 50 hz or 60 hz sin e - wave input and a 180 degree conduction angle. v f forward voltage: a positive dc anode - cathode voltage the device will exhibit at a specified forward current. i r reverse current: the dc current flowing from the external circuit into the cathode terminal at the specified v oltage v r . t rr reverse recovery time: the time interval between the instant the current passes through zer o when changing from the forward direction to the reverse direction and a specified decay point after a peak reverse cur rent occurs. downloaded from: http:///
rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 3 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 electrical characteristics part number minimum breakdown voltage per leg v (br) @ i r = 50 a maximum reverse current i r @ v rwm (note 1) forward voltage v f i f @ 15.7 a (pk) @ 8.3 ms duty cycle 2% (note 1) reverse recovery t rr (i f = 0.5 a, i rm = 1.0 a, i r(rec) = 0.250 a) t c = +25 c t c = +100 c v olts a a volts (pk) s 483 - 01 220 2.0 125 1.3 5 2.5 483 - 02 440 2 .0 125 1.3 5 2.5 483 - 03 660 2 .0 125 1.3 5 2.5 483 - 04 880 2 .0 125 1.3 5 2.5 483 - 05 1,100 2 .0 125 1.3 5 2.5 note 1: applies to each discrete diode and each bridge leg. downloaded from: http:///
rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 4 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 graphs instantaneous forward voltage C volts figure 1 typical forward voltage per leg vs forward current forward current (a) downloaded from: http:///
rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 5 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 graphs % of rated voltage figure 2 typical reverse leakage current C per leg case temperature - oc figure 3 current derating curve % of rating typical reverse current - ma downloaded from: http:///
rf01149, rev . a ( 1 2/17 /13) ?201 3 microsemi corporation page 6 of 6 one enterprise, aliso viejo, ca 92656 ph: 949 - 380 - 6100 sales.support@microsemi.com 469-01 C 469- 05 package dimensions notes: 1. dimensions are in inches. 2. mill imeters are given for general information only. 3. polarity shall be marked on the bridge body adjacent to terminals. terminal numbers are for reference and are not required to be marked on the bridge; however, terminal 1 shall be indicated by a mechanica l index such as a line or flattened corner, visible from the top (terminal surface) of the device. 4. point at which t c is read shall be in metal part of case as shown on drawing. 5. in accordance with asme y14.5m, diameters are equivalent to x symbology. ltr dimensions inch es millimeters min max min max c1 0.367 0.375 9.32 9.53 c2 0.350 0.450 8.89 11.43 c3 0.175 0.225 4.45 5.72 d1 0.139 0.149 3.53 3.78 d2 0.091 0.101 2.31 2.57 d3 0.066 0.076 1.68 1.93 h1 - 0.57 0 - 14.48 h2 - 0.370 - 9.40 l1 0.088 0.098 2.24 2.49 l2 0.020 0.030 0.51 0.76 w 0.735 0.750 18.67 19.05 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 469-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X